Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS51031YDR8 Datasheet(PDF) 2 Page - ON Semiconductor

Part # CS51031YDR8
Description  Fast P?묬h FET Buck Controller
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS51031YDR8 Datasheet(HTML) 2 Page - ON Semiconductor

  CS51031YDR8 Datasheet HTML 1Page - ON Semiconductor CS51031YDR8 Datasheet HTML 2Page - ON Semiconductor CS51031YDR8 Datasheet HTML 3Page - ON Semiconductor CS51031YDR8 Datasheet HTML 4Page - ON Semiconductor CS51031YDR8 Datasheet HTML 5Page - ON Semiconductor CS51031YDR8 Datasheet HTML 6Page - ON Semiconductor CS51031YDR8 Datasheet HTML 7Page - ON Semiconductor CS51031YDR8 Datasheet HTML 8Page - ON Semiconductor CS51031YDR8 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
CS51031
http://onsemi.com
2
ORDERING INFORMATION
Device
Operating
Temperature Range
Package
Shipping
CS51031YD8
−40
°C < TA < 85°C
SOIC−8
98 Units / Rail
CS51031YD8G
SOIC−8
(Pb−Free)
98 Units / Rail
CS51031YDR8
SOIC−8
2500 / Tape & Reel
CS51031YDR8G
SOIC−8
(Pb−Free)
2500 / Tape & Reel
CS51031GD8
0
°C < TA < 70°C
SOIC−8
98 Units / Rail
CS51031GD8G
SOIC−8
(Pb−Free)
98 Units / Rail
CS51031GDR8
SOIC−8
2500 / Tape & Reel
CS51031GDR8G
SOIC−8
(Pb−Free)
2500 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
MAXIMUM RATINGS
Rating
Value
Unit
Power Supply Voltage, VCC
20
V
Driver Supply Voltage, VC
20
V
Driver Output Voltage, VGATE
20
V
COSC, CS, VFB (Logic Pins)
6.0
V
Peak Output Current
1.0
A
Steady State Output Current
200
mA
Operating Junction Temperature, TJ
150
°C
Operating Temperature Range, TA
−40 to 85
°C
Storage Temperature Range, TS
−65 to 150
°C
ESD (Human Body Model)
2.0
kV
Lead Temperature Soldering:
Wave Solder: (through hole styles only) (Note 1)
Reflow (SMD styles only) (Note 2)
260 peak
230 peak
°C
°C
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit
values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied,
damage may occur and reliability may be affected.
1. 10 sec. maximum.
2. 60 sec. max above 183
°C.
PACKAGE LEAD DESCRIPTION
Package Pin Number
Pin Symbol
Function
1
VGATE
Driver pin to gate of external P−Ch FET.
2
PGND
Output power stage ground connection.
3
COSC
Oscillator frequency programming capacitor.
4
GND
Logic ground.
5
VFB
Feedback voltage input.
6
VCC
Logic supply voltage.
7
CS
Soft−Start and fault timing capacitor.
8
VC
Driver supply voltage.


Similar Part No. - CS51031YDR8

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS51031YDR8 CHERRY-CS51031YDR8 Datasheet
153Kb / 8P
   Fast PFET Buck Controller Does Not Require Compensation
logo
ON Semiconductor
CS51031YDR8 ONSEMI-CS51031YDR8 Datasheet
86Kb / 12P
   Fast PFET Buck Controller
December, 2001 ??Rev. 9
CS51031YDR8 ONSEMI-CS51031YDR8 Datasheet
95Kb / 10P
   Fast P?묬h FET Buck Controller
October, 2005 ??Rev. 11
CS51031YDR8G ONSEMI-CS51031YDR8G Datasheet
95Kb / 10P
   Fast P?묬h FET Buck Controller
October, 2005 ??Rev. 11
More results

Similar Description - CS51031YDR8

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS51031 ONSEMI-CS51031_05 Datasheet
95Kb / 10P
   Fast P?묬h FET Buck Controller
October, 2005 ??Rev. 11
CS51033 ONSEMI-CS51033_05 Datasheet
96Kb / 10P
   Fast P?묬h FET Buck Controller
October, 2005 ??Rev. 10
logo
Texas Instruments
LM3409 TI1-LM3409 Datasheet
1Mb / 45P
[Old version datasheet]   P-FET Buck Controller for High-Power LED Drivers
logo
HTC Korea TAEJIN Techno...
LM51031 HTC-LM51031 Datasheet
273Kb / 9P
   Fast PFET Buck Controller
logo
ON Semiconductor
CS51031 ONSEMI-CS51031 Datasheet
86Kb / 12P
   Fast PFET Buck Controller
December, 2001 ??Rev. 9
CS51033 ONSEMI-CS51033 Datasheet
86Kb / 12P
   Fast PFET Buck Controller
October, 2002 ??Rev. 8
logo
NTE Electronics
NTE2905 NTE-NTE2905 Datasheet
100Kb / 3P
   P?묬h, Enhancement Mode High Speed Switch
logo
Winbond
W83320S WINBOND-W83320S Datasheet
506Kb / 18P
   N-Channel FET Synchronous Buck Regulator Controller
logo
Nuvoton Technology Corp...
W83321S NUVOTON-W83321S Datasheet
571Kb / 18P
   N-Channel FET Synchronous Buck Regulator Controller
logo
Winbond
W83321S WINBOND-W83321S Datasheet
795Kb / 18P
   N-Channel FET Synchronous Buck Regulator Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com