Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS320F28235PTPQ Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F28235PTPQ
Description  Digital Signal Controllers (DSCs)
Download  201 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320F28235PTPQ Datasheet(HTML) 8 Page - Texas Instruments

Back Button TMS320F28235PTPQ Datasheet HTML 4Page - Texas Instruments TMS320F28235PTPQ Datasheet HTML 5Page - Texas Instruments TMS320F28235PTPQ Datasheet HTML 6Page - Texas Instruments TMS320F28235PTPQ Datasheet HTML 7Page - Texas Instruments TMS320F28235PTPQ Datasheet HTML 8Page - Texas Instruments TMS320F28235PTPQ Datasheet HTML 9Page - Texas Instruments TMS320F28235PTPQ Datasheet HTML 10Page - Texas Instruments TMS320F28235PTPQ Datasheet HTML 11Page - Texas Instruments TMS320F28235PTPQ Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 201 page
background image
8
TMS320F28335, TMS320F28334, TMS320F28333, TMS320F28332
TMS320F28235, TMS320F28234, TMS320F28232
SPRS439N – JUNE 2007 – REVISED OCTOBER 2016
www.ti.com
Submit Documentation Feedback
Product Folder Links: TMS320F28335 TMS320F28334 TMS320F28333 TMS320F28332 TMS320F28235
TMS320F28234 TMS320F28232
Device Comparison
Copyright © 2007–2016, Texas Instruments Incorporated
(1)
A type change represents a major functional feature difference in a peripheral module. Within a peripheral type, there may be minor
differences between devices that do not affect the basic functionality of the module. These device-specific differences are listed in the
C2000 Real-Time Control Peripherals Reference Guide and in the peripheral reference guides.
3
Device Comparison
Table 3-1. F2833x Device Comparison
FEATURE
TYPE(1)
F28335 (150 MHz)
F28334 (150 MHz)
F28333 (100 MHz)
F28332 (100 MHz)
Instruction cycle
6.67 ns
6.67 ns
10 ns
10 ns
Floating-point unit
Yes
Yes
Yes
Yes
3.3-V on-chip flash (16-bit word)
256K
128K
256K
64K
Single-access RAM (SARAM)
(16-bit word)
34K
34K
34K
26K
One-time programmable (OTP) ROM
(16-bit word)
1K
1K
1K
1K
Code security for on-chip
flash/SARAM/OTP blocks
Yes
Yes
Yes
Yes
Boot ROM (8K × 16)
Yes
Yes
Yes
Yes
16/32-bit External Interface (XINTF)
1
Yes
Yes
Yes
Yes
6-channel Direct Memory Access
(DMA)
0
Yes
Yes
Yes
Yes
PWM channels
0
ePWM1/2/3/4/5/6
ePWM1/2/3/4/5/6
ePWM1/2/3/4/5/6
ePWM1/2/3/4/5/6
HRPWM channels
0
ePWM1A/2A/3A/4A/
5A/6A
ePWM1A/2A/3A/4A/
5A/6A
ePWM1A/2A/3A/4A/
5A/6A
ePWM1A/2A/3A/4A
32-bit capture inputs or auxiliary PWM
outputs
0
eCAP1/2/3/4/5/6
eCAP1/2/3/4
eCAP1/2/3/4/5/6
eCAP1/2/3/4
32-bit QEP channels (four
inputs/channel)
0
eQEP1/2
eQEP1/2
eQEP1/2
eQEP1/2
Watchdog timer
Yes
Yes
Yes
Yes
12-bit ADC
No. of channels
2
16
16
16
16
MSPS
12.5
12.5
12.5
12.5
Conversion time
80 ns
80 ns
80 ns
80 ns
32-bit CPU timers
3
3
3
3
Multichannel Buffered Serial Port
(McBSP)/SPI
1
2 (A/B)
2 (A/B)
2 (A/B)
1 (A)
Serial Peripheral Interface (SPI)
0
1
1
1
1
Serial Communications Interface (SCI)
0
3 (A/B/C)
3 (A/B/C)
3 (A/B/C)
2 (A/B)
Enhanced Controller Area Network
(eCAN)
0
2 (A/B)
2 (A/B)
2 (A/B)
2 (A/B)
Inter-Integrated Circuit (I2C)
0
1
1
1
1
General-purpose I/O pins (shared)
88
88
88
88
External interrupts
8
8
8
8
Packaging
176-Pin PGF
Yes
Yes
Yes
Yes
176-Pin PTP
Yes
Yes
Yes
179-Ball ZHH
Yes
Yes
Yes
176-Ball ZJZ
Yes
Yes
Yes
Temperature
options
A: –40°C to 85°C
PGF, ZHH, ZJZ
PGF, ZHH, ZJZ
PGF
PGF, ZHH, ZJZ
S: –40°C to 125°C
PTP, ZJZ
PTP, ZJZ
PTP, ZJZ
Q: –40°C to 125°C
(AEC Q100
Qualification)
PTP, ZJZ
PTP, ZJZ
PTP, ZJZ


Similar Part No. - TMS320F28235PTPQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320F28235PTPQ TI1-TMS320F28235PTPQ Datasheet
2Mb / 199P
[Old version datasheet]   Digital Signal Controllers (DSCs)
TMS320F28235PTPQ TI1-TMS320F28235PTPQ Datasheet
2Mb / 199P
[Old version datasheet]   PRODUCTION DATA information is current as of publication date
TMS320F28235PTPQ TI1-TMS320F28235PTPQ Datasheet
2Mb / 206P
[Old version datasheet]   Digital Signal Controllers (DSCs)
TMS320F28235PTPQ TI-TMS320F28235PTPQ Datasheet
3Mb / 207P
[Old version datasheet]   TMS320F2833x, TMS320F2823x Digital Signal Controllers (DSCs)
TMS320F28235PTPQ TI-TMS320F28235PTPQ Datasheet
3Mb / 208P
[Old version datasheet]   TMS320F2833x, TMS320F2823x Digital Signal Controllers (DSCs)
More results

Similar Description - TMS320F28235PTPQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320F28335 TI1-TMS320F28335_13 Datasheet
2Mb / 199P
[Old version datasheet]   Digital Signal Controllers (DSCs)
TMS320F28335 TI-TMS320F28335 Datasheet
2Mb / 195P
[Old version datasheet]   Digital Signal Controllers (DSCs)
TMS320F28335 TI-TMS320F28335_1 Datasheet
2Mb / 166P
[Old version datasheet]   Digital Signal Controllers (DSCs)
TMS320F28335 TI-TMS320F28335_08 Datasheet
2Mb / 170P
[Old version datasheet]   Digital Signal Controllers (DSCs)
TMS320F28335 TI1-TMS320F28335_18 Datasheet
2Mb / 206P
[Old version datasheet]   Digital Signal Controllers (DSCs)
TMS320F28335 TI-TMS320F28335 Datasheet
1Mb / 100P
[Old version datasheet]   Digital Signal Controllers (DSCs)
TMS320F28335 TI-TMS320F28335_V01 Datasheet
3Mb / 207P
[Old version datasheet]   TMS320F2833x, TMS320F2823x Digital Signal Controllers (DSCs)
TMS320F28335 TI-TMS320F28335_V02 Datasheet
3Mb / 208P
[Old version datasheet]   TMS320F2833x, TMS320F2823x Digital Signal Controllers (DSCs)
TMS320F28335 TI-TMS320F28335_V03 Datasheet
5Mb / 208P
[Old version datasheet]   TMS320F2833x, TMS320F2823x Digital Signal Controllers (DSCs)
logo
NXP Semiconductors
MC56F847XX NXP-MC56F847XX Datasheet
1Mb / 90P
   This family of digital signal controllers DSCs is based on the 32-bit 56800EX core.
Rev. 4.1, 01/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com