Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XPGBWT-H1-0000-00DZ8 Datasheet(PDF) 4 Page - Cree, Inc

Part # XPGBWT-H1-0000-00DZ8
Description  Cree XLamp XP-G2 LEDs
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XPGBWT-H1-0000-00DZ8 Datasheet(HTML) 4 Page - Cree, Inc

  XPGBWT-H1-0000-00DZ8 Datasheet HTML 1Page - Cree, Inc XPGBWT-H1-0000-00DZ8 Datasheet HTML 2Page - Cree, Inc XPGBWT-H1-0000-00DZ8 Datasheet HTML 3Page - Cree, Inc XPGBWT-H1-0000-00DZ8 Datasheet HTML 4Page - Cree, Inc XPGBWT-H1-0000-00DZ8 Datasheet HTML 5Page - Cree, Inc XPGBWT-H1-0000-00DZ8 Datasheet HTML 6Page - Cree, Inc XPGBWT-H1-0000-00DZ8 Datasheet HTML 7Page - Cree, Inc XPGBWT-H1-0000-00DZ8 Datasheet HTML 8Page - Cree, Inc XPGBWT-H1-0000-00DZ8 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
Copyright © 2012-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree® and XLamp® are registered trademarks and the Cree logo is a trademark of
Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
4
XLamp® Xp-G2 LED
Notes
Cree maintains a tolerance of ±7% on flux and power measurements, ±0.005 on chromaticity (CCx, CCy) measurements and a
tolerance of ±2 on CRI measurements. See the Measurements section (page 26).
Cree XLamp XP-G2 LED order codes specify only a minimum flux bin and not a maximum. Cree may ship reels in flux bins higher than
the minimum specified by the order code without advance notice. Shipments will always adhere to the chromaticity bin restrictions
specified by the order code.
*
Flux values @ 25 °C are calculated and for reference only.
Chromaticity
Minimum Luminous Flux (lm)
@ 350 mA
order Codes
Kit
CCt
Code
Flux (lm)
@ 85 °C
Flux (lm)
@ 25 °C*
70 Cri typical
e2
5700 K
S4
164
180
XPGBWT-L1-0000-00LE2
S3
156
171
XPGBWT-L1-0000-00KE2
S2
148
163
XPGBWT-L1-0000-00JE2
R5
139
153
XPGBWT-L1-0000-00HE2
R4
130
143
XPGBWT-L1-0000-00GE2
R3
122
134
XPGBWT-L1-0000-00FE2
Chromaticity
Minimum Luminous Flux (lm)
@ 350 mA
order Codes
Kit
CCt
Code
Flux (lm)
@ 85 °C
Flux (lm)
@25 °C*
70 Cri typical
75 Cri typical
80 Cri Minimum
E3
5000 K
S4
164
180
XPGBWT-01-0000-00LE3
S3
156
171
XPGBWT-01-0000-00KE3
S2
148
163
XPGBWT-01-0000-00JE3
XPGBWT-L1-0000-00JE3
R5
139
153
XPGBWT-01-0000-00HE3
XPGBWT-L1-0000-00HE3
R4
130
143
XPGBWT-01-0000-00GE3
XPGBWT-L1-0000-00GE3
R3
122
134
XPGBWT-01-0000-00FE3
XPGBWT-L1-0000-00FE3
R2
114
125
XPGBWT-01-0000-00EE3
XPGBWT-L1-0000-00EE3
Q5
107
118
XPGBWT-L1-0000-00DE3
F4
4750 K
S4
164
180
XPGBWT-01-0000-00LF4
S3
156
171
XPGBWT-01-0000-00KF4
S2
148
163
XPGBWT-01-0000-00JF4
XPGBWT-L1-0000-00JF4
R5
139
153
XPGBWT-01-0000-00HF4
XPGBWT-L1-0000-00HF4
R4
130
143
XPGBWT-01-0000-00GF4
XPGBWT-L1-0000-00GF4
R3
122
134
XPGBWT-01-0000-00FF4
XPGBWT-L1-0000-00FF4
R2
114
125
XPGBWT-01-0000-00EF4
XPGBWT-L1-0000-00EF4
Q5
107
118
XPGBWT-L1-0000-00DF4
FLuX ChArACtEristiCs (t
J = 85 °C) - Continued


Similar Part No. - XPGBWT-H1-0000-00DZ8

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XPGBWT-H1-0000-00DZ5 CREE-XPGBWT-H1-0000-00DZ5 Datasheet
2Mb / 38P
   Cree짰 XLamp짰 XP Family LEDs
XPGBWT-H1-0000-00DZ6 CREE-XPGBWT-H1-0000-00DZ6 Datasheet
2Mb / 38P
   Cree짰 XLamp짰 XP Family LEDs
XPGBWT-H1-0000-00DZ7 CREE-XPGBWT-H1-0000-00DZ7 Datasheet
2Mb / 38P
   Cree짰 XLamp짰 XP Family LEDs
More results

Similar Description - XPGBWT-H1-0000-00DZ8

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XP-L CREE-XP-L Datasheet
2Mb / 35P
   Cree XLamp XP-L LEDs
XP-G3 CREE-XP-G3 Datasheet
2Mb / 33P
   Cree XLamp XP-G3 LEDs
XP-E2 CREE-XP-E2 Datasheet
2Mb / 39P
   Cree XLamp XP-E2 LEDs
XP-L2 CREE-XP-L2 Datasheet
1Mb / 24P
   Cree XLamp XP-L2 LEDs
XPEWHT-L1-0000-00C01 CREE-XPEWHT-L1-0000-00C01_V01 Datasheet
2Mb / 44P
   Cree® XLamp® XP-E LEDs
2008-2018
XPEBWT-L1-0000-00C51 CREE-XPEBWT-L1-0000-00C51_14 Datasheet
1Mb / 17P
   XLamp XP-E2 LEDs
XPCWHT-L1-0000-00A01 CREE-XPCWHT-L1-0000-00A01 Datasheet
1Mb / 18P
   XLamp XP-C LEDs
XPEWHT-L1-0000-00C01 CREE-XPEWHT-L1-0000-00C01 Datasheet
1Mb / 18P
   XLamp XP-E LEDs
XHP35 CREE-XHP35 Datasheet
2Mb / 37P
   Cree XLamp XHP35 LEDs
XLAMP-XPG3 CREE-XLAMP-XPG3 Datasheet
2Mb / 49P
   XLamp® XP-G3 LEDs
REV 11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com