Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT34TS02HU4-GT4 Datasheet(PDF) 8 Page - ON Semiconductor

Part # CAT34TS02HU4-GT4
Description  Digital Output Temperature Sensor
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT34TS02HU4-GT4 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button CAT34TS02HU4-GT4 Datasheet HTML 4Page - ON Semiconductor CAT34TS02HU4-GT4 Datasheet HTML 5Page - ON Semiconductor CAT34TS02HU4-GT4 Datasheet HTML 6Page - ON Semiconductor CAT34TS02HU4-GT4 Datasheet HTML 7Page - ON Semiconductor CAT34TS02HU4-GT4 Datasheet HTML 8Page - ON Semiconductor CAT34TS02HU4-GT4 Datasheet HTML 9Page - ON Semiconductor CAT34TS02HU4-GT4 Datasheet HTML 10Page - ON Semiconductor CAT34TS02HU4-GT4 Datasheet HTML 11Page - ON Semiconductor CAT34TS02HU4-GT4 Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
CAT34TS02
http://onsemi.com
8
Figure 20. Start/Stop Timing
START BIT
SDA
STOP BIT
SCL
Figure 21. Slave Address Bits
10
1
0
EEPROM
TEMPERATURE SENSOR
00
1
1
DEVICE ADDRESS
PREAMBLE
Figure 22. Acknowledge Timing
ACKNOWLEDGE
1
START
SCL FROM
MASTER
89
DATA OUTPUT
FROM TRANSMITTER
DATA OUTPUT
FROM RECEIVER
30%
30%
70%
30%
70%
30%
30%
70%
70%
70%
70%
70%
70%
SCL
SDA
Figure 23. Bus Timing
A2
A1
A0
R/W
A2
A1
A0
R/W
tBUF
tSU:STO
tF
tSU:STA
tHD:STA
tHD:DAT
tSU:DAT
tR
tLOW
tHIGH


Similar Part No. - CAT34TS02HU4-GT4

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT34TS02 ONSEMI-CAT34TS02 Datasheet
204Kb / 22P
   Digital Output Temperature Sensor with On-board SPD EEPROM
Doc. No. MD-1129 Rev. G
CAT34TS02 ONSEMI-CAT34TS02 Datasheet
181Kb / 20P
   Digital Output Temperature Sensor with On-board SPD EEPROM
February, 2013 ??Rev. 10
CAT34TS02VP2GT4B ONSEMI-CAT34TS02VP2GT4B Datasheet
204Kb / 22P
   Digital Output Temperature Sensor with On-board SPD EEPROM
Doc. No. MD-1129 Rev. G
CAT34TS02VP2GT4B ONSEMI-CAT34TS02VP2GT4B Datasheet
181Kb / 20P
   Digital Output Temperature Sensor with On-board SPD EEPROM
February, 2013 ??Rev. 10
CAT34TS02VP2GT4C ONSEMI-CAT34TS02VP2GT4C Datasheet
181Kb / 20P
   Digital Output Temperature Sensor with On-board SPD EEPROM
February, 2013 ??Rev. 10
More results

Similar Description - CAT34TS02HU4-GT4

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT6095 ONSEMI-CAT6095 Datasheet
268Kb / 18P
   Digital Output Temperature Sensor
Doc. No. MD-1124 Rev. D
CAT6095 ONSEMI-CAT6095_11 Datasheet
156Kb / 15P
   Digital Output Temperature Sensor
May, 2011 ??Rev. 5
N34TS04 ONSEMI-N34TS04 Datasheet
138Kb / 18P
   Digital Output Temperature Sensor
August, 2016 ??Rev. 0
logo
List of Unclassifed Man...
SMT160 ETC-SMT160 Datasheet
79Kb / 9P
   Temperature sensor with digital output
DHT22 ETC2-DHT22 Datasheet
380Kb / 10P
   Digital-output relative humidity & temperature sensor/module
logo
TE Connectivity Ltd
HTU21D TEC-HTU21D Datasheet
586Kb / 20P
   Digital Relative Humidity sensor with Temperature output
TSYS02D TEC-TSYS02D_17 Datasheet
156Kb / 3P
   Digital Temperature Sensor
TSYS01 TEC-TSYS01 Datasheet
443Kb / 10P
   Digital Temperature Sensor
TSYS02D TEC-TSYS02D Datasheet
182Kb / 4P
   Digital Temperature Sensor
TSD305-1C55 TEC-TSD305-1C55 Datasheet
354Kb / 12P
   DIGITAL TEMPERATURE SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com