Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT6095 Datasheet(PDF) 10 Page - ON Semiconductor

Part # CAT6095
Description  Digital Output Temperature Sensor
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT6095 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button CAT6095_11 Datasheet HTML 6Page - ON Semiconductor CAT6095_11 Datasheet HTML 7Page - ON Semiconductor CAT6095_11 Datasheet HTML 8Page - ON Semiconductor CAT6095_11 Datasheet HTML 9Page - ON Semiconductor CAT6095_11 Datasheet HTML 10Page - ON Semiconductor CAT6095_11 Datasheet HTML 11Page - ON Semiconductor CAT6095_11 Datasheet HTML 12Page - ON Semiconductor CAT6095_11 Datasheet HTML 13Page - ON Semiconductor CAT6095_11 Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
CAT6095
http://onsemi.com
10
Table 8. CONFIGURATION REGISTER
B15
B14
B13
B12
B11
B10
B9
B8
RFU
RFU
RFU
RFU
RFU
HYST [1:0]
SHDN
B7
B6
B5
B4
B3
B2
B1
B0
TCRIT_LOCK
EVENT_LOCK
CLEAR
EVENT_STS
EVENT_CTRL
TCRIT_ONLY
EVENT_POL
EVENT_MODE
Bit
Description
B15:B11
Reserved for future use; can not be written; should be ignored; will typically read as 0
B10:B9 (Note 9)
00:
Disable hysteresis
01:
Set hysteresis at 1.5°C
10:
Set hysteresis at 3°C
11:
Set hysteresis at 6°C
B8 (Note 13)
0:
Thermal Sensor is enabled; temperature readings are updated at sampling rate
1:
Thermal Sensor is shut down; temperature reading is frozen to value recorded before SHDN
B7 (Note 12)
0:
Critical trip register can be updated
1:
Critical trip register cannot be modified; this bit can be cleared only at POR
B6 (Note 12)
0:
Alarm trip registers can be updated
1:
Alarm trip registers cannot be modified; this bit can be cleared only at POR
B5 (Note 11)
0:
Always reads as 0 (self−clearing)
1:
Writing a 1 to this position clears an event recording in interrupt mode only
B4 (Note 10)
0:
EVENT output pin is not being asserted
1:
EVENT output pin is being asserted
B3 (Note 9)
0:
EVENT output disabled; polarity dependent: open−drain for bit B1 = 0 and grounded for B1 = 1
1:
EVENT output enabled
B2 (Note 15)
0:
event condition triggered by alarm or critical temperature limit crossing
1:
event condition triggered by critical temperature limit crossing only
B1 (Notes 9, 14)
0:
EVENT output active low
1:
EVENT output active high
B0 (Note 9)
0:
Comparator mode
1:
Interrupt mode
9. Can not be altered (set or cleared) as long as either one of the two lock bits, B6 or B7 is set.
10.This bit is a polarity independent ‘software’ copy of the EVENT pin, i.e. it is under the control of B3.
11. Writing a ‘1’ to this bit clears an event condition in Interrupt mode, but has no effect in comparator mode. When read, this bit always returns
0. Once the measured temperature exceeds the critical limit, setting this bit has no effect (see Figure 12).
12.Cleared at power-on reset (POR). Once set, this bit can only be cleared by a POR condition.
13.The TS powers up into active mode, i.e. this bit is cleared at power-on reset (POR). When the TS is shut down the ADC is disabled and the
temperature reading is frozen to the most recently recorded value. The TS can not be shut down (B8 can not be set) as long as either one
of the two lock bits, B6 or B7 is set. However, the bit can be cleared at any time.
14.The EVENT output is “open-drain” and requires an external pull-up resistor for either polarity. The “natural” polarity is “active low”, as it allows
“wired-or” operation on the EVENT bus.
15.Can not be set as long as lock bit B6 is set.


Similar Part No. - CAT6095_11

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT6095VP2-GT4 ONSEMI-CAT6095VP2-GT4 Datasheet
268Kb / 18P
   Digital Output Temperature Sensor
Doc. No. MD-1124 Rev. D
More results

Similar Description - CAT6095_11

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT34TS02 ONSEMI-CAT34TS02_14 Datasheet
138Kb / 21P
   Digital Output Temperature Sensor
June, 2014 ??Rev. 12
CAT6095 ONSEMI-CAT6095 Datasheet
268Kb / 18P
   Digital Output Temperature Sensor
Doc. No. MD-1124 Rev. D
N34TS04 ONSEMI-N34TS04 Datasheet
138Kb / 18P
   Digital Output Temperature Sensor
August, 2016 ??Rev. 0
logo
List of Unclassifed Man...
SMT160 ETC-SMT160 Datasheet
79Kb / 9P
   Temperature sensor with digital output
DHT22 ETC2-DHT22 Datasheet
380Kb / 10P
   Digital-output relative humidity & temperature sensor/module
logo
TE Connectivity Ltd
HTU21D TEC-HTU21D Datasheet
586Kb / 20P
   Digital Relative Humidity sensor with Temperature output
TSYS02D TEC-TSYS02D_17 Datasheet
156Kb / 3P
   Digital Temperature Sensor
TSYS01 TEC-TSYS01 Datasheet
443Kb / 10P
   Digital Temperature Sensor
TSYS02D TEC-TSYS02D Datasheet
182Kb / 4P
   Digital Temperature Sensor
TSD305-1C55 TEC-TSD305-1C55 Datasheet
354Kb / 12P
   DIGITAL TEMPERATURE SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com