Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADT7463 Datasheet(PDF) 3 Page - ON Semiconductor

Part # ADT7463
Description  Remote Thermal Controller and Voltage Monitor
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7463 Datasheet(HTML) 3 Page - ON Semiconductor

  ADT7463_13 Datasheet HTML 1Page - ON Semiconductor ADT7463_13 Datasheet HTML 2Page - ON Semiconductor ADT7463_13 Datasheet HTML 3Page - ON Semiconductor ADT7463_13 Datasheet HTML 4Page - ON Semiconductor ADT7463_13 Datasheet HTML 5Page - ON Semiconductor ADT7463_13 Datasheet HTML 6Page - ON Semiconductor ADT7463_13 Datasheet HTML 7Page - ON Semiconductor ADT7463_13 Datasheet HTML 8Page - ON Semiconductor ADT7463_13 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 50 page
background image
ADT7463
http://onsemi.com
3
Table 1. ABSOLUTE MAXIMUM RATINGS
Parameter
Rating
Unit
Positive Supply Voltage (VCC)
6.5
V
Voltage on +12VIN Pin
20
V
Voltage on Any Input or Output Pin
−0.3 to +6.5
V
Input Current at Any Pin
±5
mA
Package Input Current
±20
mA
Maximum Junction Temperature (TJ MAX)
150
°C
Storage Temperature Range
−65 to +150
°C
Lead Temperature, Soldering
IR Reflow Peak Temperature
IR Reflow Peak Temperature for Pb−Free
Lead Temperature (Soldering, 10 sec)
220
260
300
°C
ESD Rating
1500
V
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
Table 2. THERMAL CHARACTERISTICS
Package Type
qJA
qJC
Unit
24−lead QSOP
105
39
°C/W
Table 3. PIN ASSIGNMENT
Pin No.
Mnemonic
Description
1
SDA
Digital I/O (Open Drain). SMBus bidirectional serial data. Requires SMBus.
2
SCL
Digital Input (Open Drain). SMBus serial clock input. Requires SMBus pull−up.
3
GND
Ground Pin for the ADT7463.
4
VCC
Power Supply. Can be powered by 3.3 V standby if monitoring in low power states is required.
VCC is also monitored through this pin. The ADT7463 can also be powered from a 5 V supply.
Setting Bit 7 of Configuration Register 1 (Reg. 0x40) rescales the VCC input attenuators to
correctly measure a 5 V supply.
5
VID0
Digital Input (Open Drain). Voltage supply readouts from CPU. This value is read into the VID
register (Reg. 0x43).
6
VID1
Digital Input (Open Drain). Voltage supply readouts from CPU. This value is read into the VID
register (Reg. 0x43).
7
VID2
Digital Input (Open Drain). Voltage supply readouts from CPU. This value is read into the VID
register (Reg. 0x43).
8
VID3
Digital Input (Open Drain). Voltage supply readouts from CPU. This value is read into the VID
register (Reg. 0x43).
9
TACH3
Digital Input (Open Drain). Fan tachometer input to measure speed of Fan 3. Can be
reconfigured as an analog input (AIN3) to measure the speed of 2−wire fans.
10
PWM2
SMBALERT
Digital Output (Open Drain). Requires 10 kW typical pull−up. Pulse−width modulated output to
control FAN 2 speed.
Digital Output (Open Drain). This pin may be reconfigured as an SMBALERT interrupt output
to signal out−of−limit conditions.
11
TACH1
Digital Input (Open Drain). Fan tachometer input to measure speed of Fan 1. Can be
reconfigured as an analog input (AIN1) to measure the speed of 2−wire fans.
12
TACH2
Digital Input (Open Drain). Fan tachometer input to measure speed of Fan 2. Can be
reconfigured as an analog input (AIN2) to measure the speed of 2−wire fans.
13
PWM3
ADDRESS ENABLE
Digital I/O (Open Drain). Pulse−width modulated output to control Fan 3/Fan 4 speed.
Requires 10 kW typical pull−up.
If pulled low on power−up, this places the ADT7463 into address select mode, and the state of
Pin 14 will determine the ADT7463’s slave address.


Similar Part No. - ADT7463_13

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT7463ARQ AD-ADT7463ARQ Datasheet
719Kb / 52P
   dB COOL Remote Thermal Controller and Voltage Monitor
REV. 0
logo
ON Semiconductor
ADT7463ARQ ONSEMI-ADT7463ARQ Datasheet
1Mb / 52P
   dB COOL??Remote Thermal Controller and Voltage Monitor
January 2008 -Rev.4
ADT7463ARQ-REEL ONSEMI-ADT7463ARQ-REEL Datasheet
1Mb / 52P
   dB COOL??Remote Thermal Controller and Voltage Monitor
January 2008 -Rev.4
ADT7463ARQ-REEL7 ONSEMI-ADT7463ARQ-REEL7 Datasheet
1Mb / 52P
   dB COOL??Remote Thermal Controller and Voltage Monitor
January 2008 -Rev.4
ADT7463ARQZ ONSEMI-ADT7463ARQZ Datasheet
1Mb / 52P
   dB COOL??Remote Thermal Controller and Voltage Monitor
January 2008 -Rev.4
More results

Similar Description - ADT7463_13

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ADT7476A ONSEMI-ADT7476A_16 Datasheet
541Kb / 69P
   Remote Thermal Controller and Voltage Monitor
February, 2016 ??Rev. 7
ADT7476 ONSEMI-ADT7476_16 Datasheet
543Kb / 68P
   Remote Thermal Controller and Voltage Monitor
February, 2016 ??Rev. 10
logo
Analog Devices
ADT7476 AD-ADT7476 Datasheet
1Mb / 72P
   dBCool Remote Thermal Controller and Voltage Monitor
REV. A
ADT7468 AD-ADT7468 Datasheet
1,021Kb / 80P
   dBCool??Remote Thermal Controller and Voltage Monitor
REV. 0
logo
ON Semiconductor
ADT7476A ONSEMI-ADT7476A Datasheet
613Kb / 67P
   dBCOOL Remote Thermal Controller and Voltage Monitor
May, 2010 ??Rev. 3
ADM1027 ONSEMI-ADM1027 Datasheet
1Mb / 56P
   dBCOOL??Remote Thermal Controller and Voltage Monitor
May 2010 - Rev. 3
ADT7466 ONSEMI-ADT7466 Datasheet
691Kb / 48P
   dBCool짰 Remote Thermal Controller and Voltage Monitor
May 2010 ??Rev. 3
ADT7468 ONSEMI-ADT7468 Datasheet
1Mb / 81P
   dBCool짰 Remote Thermal Controller and Voltage Monitor
May 2010 ??Rev. 3
ADT7476 ONSEMI-ADT7476 Datasheet
620Kb / 67P
   dBCOOL Remote Thermal Controller and Voltage Monitor
May, 2010 ??Rev. 6
logo
Analog Devices
ADT7466 AD-ADT7466 Datasheet
1Mb / 48P
   dBCool Remote Thermal Controller and Voltage Monitor
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com