Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADT7461A Datasheet(PDF) 5 Page - ON Semiconductor

Part # ADT7461A
Description  Temperature Monitor with Series Resistance Cancellation
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7461A Datasheet(HTML) 5 Page - ON Semiconductor

  ADT7461A_13 Datasheet HTML 1Page - ON Semiconductor ADT7461A_13 Datasheet HTML 2Page - ON Semiconductor ADT7461A_13 Datasheet HTML 3Page - ON Semiconductor ADT7461A_13 Datasheet HTML 4Page - ON Semiconductor ADT7461A_13 Datasheet HTML 5Page - ON Semiconductor ADT7461A_13 Datasheet HTML 6Page - ON Semiconductor ADT7461A_13 Datasheet HTML 7Page - ON Semiconductor ADT7461A_13 Datasheet HTML 8Page - ON Semiconductor ADT7461A_13 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
ADT7461A
http://onsemi.com
5
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 3. Local Temperature Error vs. Temperature
Figure 4. Remote Temperature Error vs. Actual
Temperature
Figure 5. Temperature Error vs. D+/D− Leakage
Resistance
Figure 6. Temperature Error vs. D+/D− Capacitance
Figure 7. Operating Supply Current vs.
Conversion Rate
Figure 8. Operating Supply Current vs. Voltage
TEMPERATURE (°C)
−50
−1.0
0
50
100
150
−0.5
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
DEV 1
DEV 2
DEV 3
DEV 4
DEV 5
DEV 6
DEV 7
DEV 8
DEV 9
DEV 11
DEV 12
DEV 14
DEV 10
DEV 13
DEV 15
DEV 16
MEAN
HIGH 4S
LOW 4S
TEMPERATURE (°C)
−50
−1.0
0
50
100
150
−0.5
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
DEV 1
DEV 2
DEV 3
DEV 4
DEV 5
DEV 6
DEV 7
DEV 8
DEV 9
DEV 11
DEV 12
DEV 14
DEV 10
DEV 13
DEV 15
DEV 16
HIGH 4S
LOW 4S
LEAKAGE RESISTANCE (MW)
1
−25
D+ To VCC
D+ To GND
10
100
−20
−15
−10
−5
0
5
10
CAPACITANCE (nF)
0
−18
510
15
20
25
−16
−14
−12
−10
−8
−6
−4
−2
0
DEV 2
DEV 4
DEV 3
CONVERSION RATE (Hz)
0.01
0
100
300
500
700
1000
0.1
1
10
100
DEV 4BC
200
400
600
800
900
DEV 3BC
DEV 2BC
VDD (V)
3.0
408
3.1
3.2
3.3
3.4
3.5
3.6
410
412
414
416
418
420
422
DEV 4BC
DEV 3BC
DEV 2BC


Similar Part No. - ADT7461A_13

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT7461AARMZ AD-ADT7461AARMZ Datasheet
554Kb / 24P
   짹1째C Temperature Monitor with Series Resistance Cancellation
REV. A
logo
ON Semiconductor
ADT7461AARMZ ONSEMI-ADT7461AARMZ Datasheet
282Kb / 19P
   짹1??Temperature Monitor with Series Resistance Cancellation
December, 2009 ??Rev. 6
ADT7461AARMZ-002 ONSEMI-ADT7461AARMZ-002 Datasheet
282Kb / 19P
   짹1??Temperature Monitor with Series Resistance Cancellation
December, 2009 ??Rev. 6
logo
Analog Devices
ADT7461AARMZ-2 AD-ADT7461AARMZ-2 Datasheet
554Kb / 24P
   짹1째C Temperature Monitor with Series Resistance Cancellation
REV. A
ADT7461AARMZ-2REEL AD-ADT7461AARMZ-2REEL Datasheet
554Kb / 24P
   짹1째C Temperature Monitor with Series Resistance Cancellation
REV. A
More results

Similar Description - ADT7461A_13

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCT72CMTR2G ONSEMI-NCT72CMTR2G Datasheet
331Kb / 20P
   Temperature Monitor with Series Resistance Cancellation
August, 2012 ??Rev. 4
NCT72 ONSEMI-NCT72_17 Datasheet
255Kb / 20P
   Temperature Monitor with Series Resistance Cancellation
June, 2017 ??Rev. 5
NCT214MT3R2G ONSEMI-NCT214MT3R2G Datasheet
322Kb / 19P
   Temperature Monitor with Series Resistance Cancellation
July, 2012 ??Rev. 1
ADT7461 ONSEMI-ADT7461_14 Datasheet
274Kb / 20P
   Temperature Monitor with Series Resistance Cancellation
March, 2014 ??Rev. 8
ADT7461A ONSEMI-ADT7461A Datasheet
282Kb / 19P
   짹1??Temperature Monitor with Series Resistance Cancellation
December, 2009 ??Rev. 6
logo
Analog Devices
ADT7461 AD-ADT7461 Datasheet
854Kb / 24P
   짹1째C Temperature Monitor with Series Resistance Cancellation
REV. 0
ADT7461A AD-ADT7461A Datasheet
554Kb / 24P
   짹1째C Temperature Monitor with Series Resistance Cancellation
REV. A
logo
ON Semiconductor
ADT7461 ONSEMI-ADT7461 Datasheet
291Kb / 20P
   짹1??Temperature Monitor with Series Resistance Cancellation
December, 2009 ??Rev. 6
NCT72 ONSEMI-NCT72 Datasheet
328Kb / 21P
   1C Temperature Monitor with Series Resistance Cancellation
August, 2012 ??Rev. 4
NVT211 ONSEMI-NVT211 Datasheet
287Kb / 19P
   1C Temperature Monitor with Series Resistance Cancellation
December, 2013 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com