Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS3850H33DRCR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS3850H33DRCR
Description  Precision Voltage Supervisor with Programmable Window Watchdog Timer
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3850H33DRCR Datasheet(HTML) 3 Page - Texas Instruments

  TPS3850H33DRCR Datasheet HTML 1Page - Texas Instruments TPS3850H33DRCR Datasheet HTML 2Page - Texas Instruments TPS3850H33DRCR Datasheet HTML 3Page - Texas Instruments TPS3850H33DRCR Datasheet HTML 4Page - Texas Instruments TPS3850H33DRCR Datasheet HTML 5Page - Texas Instruments TPS3850H33DRCR Datasheet HTML 6Page - Texas Instruments TPS3850H33DRCR Datasheet HTML 7Page - Texas Instruments TPS3850H33DRCR Datasheet HTML 8Page - Texas Instruments TPS3850H33DRCR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
1
VDD
10
SENSE
2
CWD
9
RESET
3
SET0
8
WDO
4
CRST
7
WDI
5
GND
6
SET1
Not to scale
Thermal
Pad
3
TPS3850
www.ti.com
SBVS301 – OCTOBER 2016
Product Folder Links: TPS3850
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
5 Pin Configuration and Functions
DRC Package: TPS3850
3-mm × 3-mm VSON-10
Top View
Pin Functions
PIN
DESCRIPTION
NAME
NO.
I/O
CRST
4
I
Programmable reset timeout pin. Connect a capacitor between this pin and GND to program the reset timeout period. This pin
can also be connected by a 10-kΩ pullup resistor to VDD, or left unconnected (NC) for various factory programmed reset
timeout options; see the CRST Delay section.
When using an external capacitor, use Equation 3 to determine the reset timeout.
CWD
2
I
Programmable watchdog timeout input. Watchdog timeout is set by connecting a capacitor between this pin and ground.
Furthermore, this pin can also be connected by a 10-kΩ resistor to VDD, or leaving unconnected (NC) further enables the
selection of the preset watchdog timeouts; see the Timing Requirements table.
When using a capacitor, the TPS3850 determines the window watchdog upper boundary with Equation 6. The lower
watchdog boundary is set by the SET pins, see Table 6 and the CWD Functionality section for additional information.
GND
5
Ground pin
RESET
9
O
Reset output. Connect RESET using a 1-kΩ to 100-kΩ resistor to VDD. RESET goes low when the voltage at the SENSE pin
goes below the undervoltage threshold (VIT-(UV)) or above the overvoltage threshold (VIT+(OV)). When the voltage level at the
SENSE pin is within the normal operating range, the RESET timeout counter starts. At timer completion, RESET goes high.
During startup, the state of RESET is undefined below the specified power-on reset voltage (VPOR). Above VPOR, RESET
goes low and remains low until the monitored voltage is within the correct operating range (between VIT-(UV) and VIT(+OV)) and
the RESET timeout is complete.
SENSE
10
I
SENSE input to monitor voltage rail. Connect this pin to the supply rail that must be monitored.
SET0
3
I
Logic input. SET0, SET1, and CWD select the watchdog window ratios, timeouts, and disable the watchdog; see the Timing
Requirements table.
SET1
6
I
Logic input. SET0, SET1, and CWD select the watchdog window ratios, timeouts, and disable the watchdog; see the Timing
Requirements table.
VDD
1
I
Supply voltage pin. For noisy systems, connecting a 0.1-µF bypass capacitor is recommended.
WDI
7
I
Watchdog input. A falling transition (edge) must occur at this pin between the lower (tWDL(max)) and upper (tWDU(min)) window
boundaries in order for WDO to not assert.
When the watchdog is not in use, the SET pins can be used to disable the watchdog. The input at WDI is ignored when
RESET or WDO are low (asserted) and also when the watchdog is disabled. If the watchdog is disabled, then WDI cannot be
left unconnected and must be driven to either VDD or GND.
WDO
8
O
Watchdog output. Connect WDO with a 1-kΩ to 100-kΩ resistor to VDD. WDO goes low (asserts) when a watchdog timeout
occurs. WDO only asserts when RESET is high. When a watchdog timeout occurs, WDO goes low (asserts) for the set
RESET timeout delay (tRST). When RESET goes low, WDO is in a high-impedance state.
Thermal pad
Connect the thermal pad to a large-area ground plane. The thermal pad is internally connected to GND.


Similar Part No. - TPS3850H33DRCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3850H33DRCR TI1-TPS3850H33DRCR Datasheet
1Mb / 44P
[Old version datasheet]   Precision Voltage Supervisor with Programmable Window Watchdog Timer
More results

Similar Description - TPS3850H33DRCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3850 TI1-TPS3850_16 Datasheet
1Mb / 44P
[Old version datasheet]   Precision Voltage Supervisor with Programmable Window Watchdog Timer
TPS3852 TI1-TPS3852 Datasheet
1Mb / 30P
[Old version datasheet]   Precision Voltage Supervisor with Programmable Window Watchdog Timer
TPS3850-Q1 TI1-TPS3850-Q1 Datasheet
814Kb / 39P
[Old version datasheet]   Precision Voltage Supervisor with Programmable Window Watchdog Timer
TPS3851 TI1-TPS3851 Datasheet
1Mb / 31P
[Old version datasheet]   Precision Voltage Supervisor with Integrated Watchdog Timer
TPS36-Q1 TI-TPS36-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   TPS36-Q1 Automotive Nano IQ Precision Voltage Supervisor with Precision Window Watchdog Timer
NOVEMBER 2022
TPS36-Q1 TI1-TPS36-Q1_V03 Datasheet
1Mb / 39P
[Old version datasheet]   TPS36-Q1 Automotive Nano IQ Precision Voltage Supervisor with Precision Window Watchdog Timer
REVISED APRIL 2023
TPS36-Q1 TI-TPS36-Q1_V02 Datasheet
1Mb / 39P
[Old version datasheet]   TPS36-Q1 Automotive Nano IQ Precision Voltage Supervisor with Precision Window Watchdog Timer
REVISED APRIL 2023
TPS36-Q1 TI-TPS36-Q1_V01 Datasheet
1Mb / 39P
[Old version datasheet]   TPS36-Q1 Automotive Nano IQ Precision Voltage Supervisor with Precision Window Watchdog Timer
REVISED APRIL 2023
TPS3430 TI1-TPS3430 Datasheet
2Mb / 26P
[Old version datasheet]   Window Watchdog Timer with Programmable Reset Delay
TPS35 TI-TPS35 Datasheet
1Mb / 46P
[Old version datasheet]   TPS35 Nano IQ Precision Voltage Supervisor with Precision Timeout Watchdog Timer
JUNE 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com