Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADM1033 Datasheet(PDF) 4 Page - ON Semiconductor

Part # ADM1033
Description  Thermal Monitor and Fan Speed (RPM) Controller
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADM1033 Datasheet(HTML) 4 Page - ON Semiconductor

  ADM1033_12 Datasheet HTML 1Page - ON Semiconductor ADM1033_12 Datasheet HTML 2Page - ON Semiconductor ADM1033_12 Datasheet HTML 3Page - ON Semiconductor ADM1033_12 Datasheet HTML 4Page - ON Semiconductor ADM1033_12 Datasheet HTML 5Page - ON Semiconductor ADM1033_12 Datasheet HTML 6Page - ON Semiconductor ADM1033_12 Datasheet HTML 7Page - ON Semiconductor ADM1033_12 Datasheet HTML 8Page - ON Semiconductor ADM1033_12 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
ADM1033
http://onsemi.com
4
Table 4. ELECTRICAL CHARACTERISTICS (TA = TMIN to TMAX, VCC = VMIN to VMAX, unless otherwise noted.) (Note 1)
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
Power Supply
Supply Voltage, VCC (Note 2)
3.0
3.30
3.6
V
Supply Current, ICC
Interface inactive, ADC Active
3.0
mA
Standby Mode
900
mA
Undervoltage Lockout Threshold
2.5
V
Power-On Reset Threshold
1.0
2.4
V
Temperature-to-Digital Converter
Internal Sensor Accuracy
20C  TA  60C
−40C  TA  +100C
−4.0
1.0
2.0
+2.0
C
Resolution
0.03125
C
External Diode Sensor Accuracy
−40C  TD  +100C; TA = +40C
−40C  TD  +100C; +20C  TA  +60C
−40C  TD  +100C; −40C  TA  +100C
−3.0
0.5
1.0
1.0
1.25
+2.0
C
Resolution
0.03125
C
Remote Sensor Source Current
High Level
Mid Level
Low Level
85
34
5.0
mA
Series Resistance Cancellation
1000
W
Power Supply Sensitivity
1.0
%/V
Conversion Time (Local Temperature)
Averaging Enabled
11
ms
Conversion Time (Remote Temperature)
Averaging Enabled
32
ms
Total Conversion Time
Averaging Enabled
43
ms
Open-Drain Digital Outputs (ALERT, THERM, FAN_FAULT, DRIVE1, DRIVE2) (Note 3)
Output Low Voltage, VOL
IOUT = −6.0 mA; VCC = +3.0 V
0.4
V
High Level Output Leakage Current, IOH
VOUT = VCC; VCC = 3.0 V
0.1
1.0
mA
Digital Input Leakage Current (TACH1, TACH2)
Input High Current, IIH
−VIN = VCC
−1.0
mA
Input Low Current, IIL
VIN = 0
1.0
mA
Input Capacitance, CIN
7.0
pF
Digital Input Logic Levels (TACH1, TACH2)
Input High Voltage, VIH
2.0
5.5
V
Input Low Voltage, VIL
−0.3
+0.8
V
Hysteresis
500
mV p−p
Open-Drain Serial Data Bus Output (SDA)
Output Low Voltage, VOL
IOUT = −6.0 mA; VCC
0.4
V
High Level Output Leakage Current, IOH
VOUT = VCC
0.1
1.0
mA
Serial Bus Digital Inputs (SCL, SDA)
Input High Voltage, VIH
2.1
V
Input Low Voltage, VIL
0.8
V
Hysteresis
500
mV
Analog Inputs (Location, REF)
Input Resistance
80
125
160
kW
Tachometer Accuracy
Fan Speed Measurement Accuracy
4.0
%


Similar Part No. - ADM1033_12

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1033ARQ AD-ADM1033ARQ Datasheet
1Mb / 40P
   Thermal Monitor and Fan Speed (RPM) Controller
REV. 0
ADM1033ARQ-REEL AD-ADM1033ARQ-REEL Datasheet
1Mb / 40P
   Thermal Monitor and Fan Speed (RPM) Controller
REV. 0
ADM1033ARQ-REEL7 AD-ADM1033ARQ-REEL7 Datasheet
1Mb / 40P
   Thermal Monitor and Fan Speed (RPM) Controller
REV. 0
ADM1033ARQZ AD-ADM1033ARQZ Datasheet
1Mb / 40P
   Thermal Monitor and Fan Speed (RPM) Controller
REV. 0
logo
ON Semiconductor
ADM1033ARQZ ONSEMI-ADM1033ARQZ Datasheet
422Kb / 35P
   Thermal Monitor and Fan Speed (RPM) Controller
July, 2010 ??Rev. 2
More results

Similar Description - ADM1033_12

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1034 AD-ADM1034 Datasheet
1Mb / 40P
   Thermal Monitor and Fan Speed (RPM) Controller
REV. 0
ADM1033 AD-ADM1033 Datasheet
1Mb / 40P
   Thermal Monitor and Fan Speed (RPM) Controller
REV. 0
logo
ON Semiconductor
ADM1033 ONSEMI-ADM1033 Datasheet
422Kb / 35P
   Thermal Monitor and Fan Speed (RPM) Controller
July, 2010 ??Rev. 2
ADM1034 ONSEMI-ADM1034 Datasheet
426Kb / 39P
   Thermal Monitor and Fan Speed (RPM) Controller
July, 2009 ??Rev. 3
ADT7490 ONSEMI-ADT7490_16 Datasheet
763Kb / 75P
   Remote Thermal Monitor and Fan Controller
January, 2016 ??Rev. 6
ADT7475 ONSEMI-ADT7475_13 Datasheet
539Kb / 58P
   Remote Thermal Monitor and Fan Controller
August, 2018 ??Rev. 8
ADT7460ARQ-REEL ONSEMI-ADT7460ARQ-REEL Datasheet
698Kb / 47P
   Remote Thermal Monitor and Fan Controller
September, 2013 ??Rev. 9
ADT7467 ONSEMI-ADT7467_12 Datasheet
754Kb / 72P
   Remote Thermal Monitor and Fan Controller
May, 2012 ??Rev. 4
NCT7491 ONSEMI-NCT7491 Datasheet
794Kb / 81P
   Remote Thermal Monitor and Fan Controller
November, 2015 ??Rev. 2
NCT7491 ONSEMI-NCT7491_16 Datasheet
791Kb / 80P
   Remote Thermal Monitor and Fan Controller
June, 2016 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com