Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADM1023 Datasheet(PDF) 8 Page - ON Semiconductor

Part # ADM1023
Description  ACPI?륝ompliant, High Accuracy Microprocessor System Temperature Monitor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADM1023 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button ADM1023_12 Datasheet HTML 4Page - ON Semiconductor ADM1023_12 Datasheet HTML 5Page - ON Semiconductor ADM1023_12 Datasheet HTML 6Page - ON Semiconductor ADM1023_12 Datasheet HTML 7Page - ON Semiconductor ADM1023_12 Datasheet HTML 8Page - ON Semiconductor ADM1023_12 Datasheet HTML 9Page - ON Semiconductor ADM1023_12 Datasheet HTML 10Page - ON Semiconductor ADM1023_12 Datasheet HTML 11Page - ON Semiconductor ADM1023_12 Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
ADM1023
http://onsemi.com
8
This is given by:
(eq. 2)
DVBE +
nKT
q
1n (N)
where:
K is Boltzmann’s constant.
q is the charge on the electron (1.6  10–19 Coulombs).
T is the absolute temperature in Kelvins.
N is the ratio of the two collector currents.
n is the ideality factor of the thermal diode (TD).
To measure
DVBE, the sensor is switched between
operating currents of I and NI. The resulting waveform is
passed through a low-pass filter to remove noise, then to a
chopper-stabilized amplifier that performs the functions of
amplification and rectification of the waveform to produce
a dc voltage proportional to
DVBE. This voltage is measured
by the ADC, which gives a temperature output in binary
format. To further reduce the effects of noise, digital filtering
is performed by averaging the results of 16 measurement
cycles. Signal conditioning and measurement of the internal
temperature sensor are performed in a similar manner.
Figure 13 shows the input signal conditioning used to
measure the output of an external temperature sensor. This
figure shows the external sensor as a substrate PNP
transistor, provided for temperature monitoring on some
microprocessors, but it could equally well be a discrete
transistor. If a discrete transistor is used, the collector is not
grounded and should be connected to the base. To prevent
ground noise from interfering with the measurement, the
more negative terminal of the sensor is not referenced to
ground but is biased above ground by an internal diode at the
D− input. If the sensor is operating in a noisy environment,
C1 may optionally be added as a noise filter. Its value is
1000 pF maximum. See the Layout Considerations section
for more information on C1.
Sources of Errors on Thermal Transistors
Measurement Method; The Effect of Ideality Factor (n)
The effects of ideality factor (n) and beta (
b) of the
temperature measured by a thermal transistor are described in
this section. For a thermal transistor implemented on a
submicron process, such as the substrate PNP used on a
Pentium III processor, the temperature errors due to the
combined effect of the ideality factor and beta are shown to
be less than 3C. Equation 2 is optimized for a substrate PNP
transistor (used as a thermal diode) usually found on CPUs
designed on submicron CMOS processes such as the Pentium
III processor. There is a thermal diode on board each of these
processors. The n in Equation 2 represents the ideality factor
of this thermal diode. This ideality factor is a measure of the
deviation of the thermal diode from ideal behavior.
According to Pentium III processor manufacturing
specifications, measured values of n at 100C are:
(eq. 3)
nMIN + 1.0057 t nTYPICAL + 1.008 t nMAX +
+ 1.0125
The ADM1023 takes this ideality factor into consideration
when calculating temperature TTD of the thermal diode. The
ADM1023 is optimized for nTYPICAL = 1.008; any deviation
on n from this typical value causes a temperature error that is
calculated below for the nMIN and nMAX of a Pentium III
processor at TTD = 100C.
(eq. 4)
DTMIN +
1.0057 * 1.008
1.008
273.15 Kelvin ) 100° C +
+* 0.85° C
DTMAX +
1.0125 * 1.008
1.008
273.15 Kelvin ) 100° C +
+) 1.67° C
Thus, the temperature error due to variation on n of the
thermal diode for a Pentium III processor is about 2.5C.
In general, this additional temperature error of the thermal
diode measurement due to deviations on n from its typical
value is given by:
(eq. 5)
DT + n * 1.008
1.008
273.15 Kelvin ) TTD
where TTD is in C.
Beta of Thermal Transistor
(b)
In Figure 13, the thermal diode is a substrate PNP
transistor where the emitter current is forced into the device.
The derivation of Equation 2 assumed that the collector
currents were scaled by N as the emitter currents were also
scaled by N. Thus, this assumes that beta (
b) of the transistor
is constant for various collector currents. Figure 14 shows
typical
b variation vs. collector current for Pentium III
processors at 100C. The maximum
b is 4.5 and varies less
than 1% over the collector current range from 7
mA to
300
mA.
Figure 14. Variation of
b with Collector Currents
nb
7
300
b
IC (mA)
bMAX < 4.5
IC =
IE
b
b+1
IE
Expressing the collector current in terms of the emitter
current.
(eq. 6)
IC + IE b (b ) 1)]
where:
(eq. 7)
b 300 mA + b 7 mA (1 ) e)
e + Db b and b + b(7mA)
Rewriting the equation for
DVBE, to include the ideality
factor, n, and beta,
b yields:
(eq. 8)
DVBE +
nKT
q
1n
(1 ) e)
b ) 1
(1 ) e) b ) 1
N
All
b variations of less than 1% (e < 0.01) contribute to
temperature errors of less than 0.4C.


Similar Part No. - ADM1023_12

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1023ARQ AD-ADM1023ARQ Datasheet
170Kb / 12P
   ACPI-Compliant High-Accuracy Microprocessor System Temperature Monitor
REV. A
logo
ON Semiconductor
ADM1023ARQZ ONSEMI-ADM1023ARQZ Datasheet
165Kb / 16P
   ACPI-Compliant, High Accuracy Microprocessor System Temperature Monitor
May, 2010 ??Rev. 9
ADM1023ARQZ-R7 ONSEMI-ADM1023ARQZ-R7 Datasheet
165Kb / 16P
   ACPI-Compliant, High Accuracy Microprocessor System Temperature Monitor
May, 2010 ??Rev. 9
ADM1023ARQZ-REEL ONSEMI-ADM1023ARQZ-REEL Datasheet
165Kb / 16P
   ACPI-Compliant, High Accuracy Microprocessor System Temperature Monitor
May, 2010 ??Rev. 9
More results

Similar Description - ADM1023_12

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1023 AD-ADM1023 Datasheet
170Kb / 12P
   ACPI-Compliant High-Accuracy Microprocessor System Temperature Monitor
REV. A
logo
ON Semiconductor
ADM1023 ONSEMI-ADM1023 Datasheet
165Kb / 16P
   ACPI-Compliant, High Accuracy Microprocessor System Temperature Monitor
May, 2010 ??Rev. 9
logo
National Semiconductor ...
LM81 NSC-LM81_02 Datasheet
419Kb / 33P
   Serial Interface ACPI-Compatible Microprocessor System Hardware Monitor
LM80 NSC-LM80 Datasheet
435Kb / 29P
   Serial Interface ACPI-Compatible Microprocessor System Hardware Monitor
LM80 NSC-LM80_01 Datasheet
440Kb / 29P
   Serial Interface ACPI-Compatible Microprocessor System Hardware Monitor
logo
Texas Instruments
LM80 TI1-LM80_13 Datasheet
1Mb / 35P
[Old version datasheet]   Serial Interface ACPI-Compatible Microprocessor System Hardware Monitor
LM81 TI1-LM81_13 Datasheet
2Mb / 43P
[Old version datasheet]   Serial Interface ACPI-Compatible Microprocessor System Hardware Monitor
logo
Analog Devices
ADM1021 AD-ADM1021 Datasheet
139Kb / 12P
   Low Cost Microprocessor System Temperature Monitor
REV. 0
ADM1021A AD-ADM1021A Datasheet
203Kb / 16P
   Low-Cost Microprocessor System Temperature Monitor
REV. D
EVAL-ADM1023 AD-EVAL-ADM1023 Datasheet
292Kb / 12P
   Evaluation Board for Microprocessor System Temperature Monitor
REV. A 11/10/99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com