Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XPGBWT-P1-0000-009E7 Datasheet(PDF) 7 Page - Cree, Inc

Part # XPGBWT-P1-0000-009E7
Description  Cree XLamp XP-G2 LEDs
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XPGBWT-P1-0000-009E7 Datasheet(HTML) 7 Page - Cree, Inc

Back Button XPGBWT-P1-0000-009E7 Datasheet HTML 3Page - Cree, Inc XPGBWT-P1-0000-009E7 Datasheet HTML 4Page - Cree, Inc XPGBWT-P1-0000-009E7 Datasheet HTML 5Page - Cree, Inc XPGBWT-P1-0000-009E7 Datasheet HTML 6Page - Cree, Inc XPGBWT-P1-0000-009E7 Datasheet HTML 7Page - Cree, Inc XPGBWT-P1-0000-009E7 Datasheet HTML 8Page - Cree, Inc XPGBWT-P1-0000-009E7 Datasheet HTML 9Page - Cree, Inc XPGBWT-P1-0000-009E7 Datasheet HTML 10Page - Cree, Inc XPGBWT-P1-0000-009E7 Datasheet HTML 11Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
Copyright © 2012-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree® and XLamp® are registered trademarks and the Cree logo is a trademark of
Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
7
XLamp® Xp-G2 LED
Notes
Cree maintains a tolerance of ±7% on flux and power measurements, ±0.005 on chromaticity (CCx, CCy) measurements and a
tolerance of ±2 on CRI measurements. See the Measurements section (page 26).
Cree XLamp XP-G2 LED order codes specify only a minimum flux bin and not a maximum. Cree may ship reels in flux bins higher than
the minimum specified by the order code without advance notice. Shipments will always adhere to the chromaticity bin restrictions
specified by the order code.
*
Flux values @ 25 °C are calculated and for reference only.
Chromaticity
Minimum Luminous Flux (lm)
@ 350 mA
order Codes
Kit
CCt
Code
Flux (lm)
@ 85 °C
Flux (lm)
@25 °C*
70 Cri typical
80 Cri typical
80 Cri Minimum
85 Cri Minimum
90 Cri Minimum
F7
3250 K
S2
148
163
XPGBWT-01-0000-
00JF7
R5
139
153
XPGBWT-01-0000-
00HF7
XPGBWT-L1-0000-
00HF7
XPGBWT-H1-0000-
00HF7
R4
130
143
XPGBWT-01-0000-
00GF7
XPGBWT-L1-0000-
00GF7
XPGBWT-H1-0000-
00GF7
R3
122
134
XPGBWT-01-0000-
00FF7
XPGBWT-L1-0000-
00FF7
XPGBWT-H1-0000-
00FF7
R2
114
125
XPGBWT-01-0000-
00eF7
XPGBWT-L1-0000-
00eF7
XPGBWT-H1-0000-
00eF7
Q5
107
118
XPGBWT-L1-0000-
00DF7
XPGBWT-H1-0000-
00DF7
e7
3000 K
S2
148
163
XPGBWT-01-0000-
00JE7
R5
139
153
XPGBWT-01-0000-
00HE7
XPGBWT-L1-0000-
00HE7
XPGBWT-H1-0000-
00HE7
R4
130
143
XPGBWT-01-0000-
00Ge7
XPGBWT-L1-0000-
00Ge7
XPGBWT-H1-0000-
00Ge7
R3
122
134
XPGBWT-01-0000-
00Fe7
XPGBWT-L1-0000-
00Fe7
XPGBWT-H1-0000-
00Fe7
R2
114
125
XPGBWT-01-0000-
00ee7
XPGBWT-L1-0000-
00ee7
XPGBWT-H1-0000-
00ee7
XPGBWT-P1-0000-
00ee7
XPGBWT-U1-0000-
00ee7
Q5
107
118
XPGBWT-L1-0000-
00De7
XPGBWT-H1-0000-
00De7
XPGBWT-P1-0000-
00De7
XPGBWT-U1-0000-
00De7
Q4
100
110
XPGBWT-L1-0000-
00Ce7
XPGBWT-H1-0000-
00Ce7
XPGBWT-P1-0000-
00Ce7
XPGBWT-U1-0000-
00Ce7
Q3
93.9
103
XPGBWT-P1-0000-
00Be7
XPGBWT-U1-0000-
00Be7
Q2
87.4
96.1
XPGBWT-P1-0000-
00Ae7
XPGBWT-U1-0000-
00Ae7
P4
80.6
88.6
XPGBWT-P1-0000-
009e7
XPGBWT-U1-0000-
009e7
P3
73.9
81.2
XPGBWT-P1-0000-
008e7
XPGBWT-U1-0000-
008e7
FLuX ChArACtEristiCs (t
J = 85 °C) - Continued


Similar Part No. - XPGBWT-P1-0000-009E7

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XPGBWT-P1-0000-009E7 CREE-XPGBWT-P1-0000-009E7 Datasheet
2Mb / 38P
   Cree짰 XLamp짰 XP Family LEDs
More results

Similar Description - XPGBWT-P1-0000-009E7

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XP-L CREE-XP-L Datasheet
2Mb / 35P
   Cree XLamp XP-L LEDs
XP-G3 CREE-XP-G3 Datasheet
2Mb / 33P
   Cree XLamp XP-G3 LEDs
XP-E2 CREE-XP-E2 Datasheet
2Mb / 39P
   Cree XLamp XP-E2 LEDs
XP-L2 CREE-XP-L2 Datasheet
1Mb / 24P
   Cree XLamp XP-L2 LEDs
XPEWHT-L1-0000-00C01 CREE-XPEWHT-L1-0000-00C01_V01 Datasheet
2Mb / 44P
   Cree® XLamp® XP-E LEDs
2008-2018
XPEBWT-L1-0000-00C51 CREE-XPEBWT-L1-0000-00C51_14 Datasheet
1Mb / 17P
   XLamp XP-E2 LEDs
XPCWHT-L1-0000-00A01 CREE-XPCWHT-L1-0000-00A01 Datasheet
1Mb / 18P
   XLamp XP-C LEDs
XPEWHT-L1-0000-00C01 CREE-XPEWHT-L1-0000-00C01 Datasheet
1Mb / 18P
   XLamp XP-E LEDs
XHP35 CREE-XHP35 Datasheet
2Mb / 37P
   Cree XLamp XHP35 LEDs
XLAMP-XPG3 CREE-XLAMP-XPG3 Datasheet
2Mb / 49P
   XLamp® XP-G3 LEDs
REV 11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com