Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XPEBWT-L1-0000-00AZ8 Datasheet(PDF) 3 Page - Cree, Inc

Part # XPEBWT-L1-0000-00AZ8
Description  Cree XLamp XP-E2 LEDs
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XPEBWT-L1-0000-00AZ8 Datasheet(HTML) 3 Page - Cree, Inc

  XPEBWT-L1-0000-00AZ8 Datasheet HTML 1Page - Cree, Inc XPEBWT-L1-0000-00AZ8 Datasheet HTML 2Page - Cree, Inc XPEBWT-L1-0000-00AZ8 Datasheet HTML 3Page - Cree, Inc XPEBWT-L1-0000-00AZ8 Datasheet HTML 4Page - Cree, Inc XPEBWT-L1-0000-00AZ8 Datasheet HTML 5Page - Cree, Inc XPEBWT-L1-0000-00AZ8 Datasheet HTML 6Page - Cree, Inc XPEBWT-L1-0000-00AZ8 Datasheet HTML 7Page - Cree, Inc XPEBWT-L1-0000-00AZ8 Datasheet HTML 8Page - Cree, Inc XPEBWT-L1-0000-00AZ8 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 39 page
background image
33
Copyright © 2012-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree® and XLamp® are registered trademarks and the Cree logo is a trademark of
Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
3
XLamp® Xp-E2 LED
ChArACtEristiCs
Characteristics
unit
Minimum
typical
Maximum
Thermal resistance, junction to solder point - white, royal blue, blue
°C/W
9
Thermal resistance, junction to solder point - green
°C/W
15
Thermal resistance, junction to solder point - PC amber
°C/W
9
Thermal resistance, junction to solder point - amber
°C/W
7
Thermal resistance, junction to solder point - red-orange, red
°C/W
5
Viewing angle (FWHM) - white
degrees
110
Viewing angle (FWHM) - royal blue, blue, green
degrees
135
Viewing angle (FWHM) - PC amber
degrees
110
Viewing angle (FWHM) - amber, red-orange, red
degrees
130
Temperature coefficient of voltage - white
mV/°C
-2.3
Temperature coefficient of voltage - royal blue, blue
mV/°C
-3.3
Temperature coefficient of voltage - green
mV/°C
-3.8
Temperature coefficient of voltage - PC amber
mV/°C
-2.5
Temperature coefficient of voltage - amber, red-orange, red
mV/°C
-1.8
ESD withstand voltage (HBM per Mil-Std-883D)- white, royal blue, blue, green
v
8000
ESD classification (HBM per Mil-Std-883D) - PC amber, amber, red-orange, red
Class 2
DC forward current
mA
1000
Reverse voltage
v
5
Forward voltage (@ 350 mA, 85 °C) - white
v
2.9
3.25
Forward voltage (@ 700 mA, 85 °C) - white
3.05
Forward voltage (@ 1000 mA, 85 °C) - white
3.15
Forward voltage (@ 350 mA, 25 °C) - royal blue, blue
v
3.1
3.5
Forward voltage (@ 1000 mA, 25 °C) - royal blue, blue
v
3.4
Forward voltage (@ 350 mA, 25 °C) - green
v
3.2
3.8
Forward voltage (@ 1000 mA, 25 °C) - green
v
3.7
Forward voltage (@ 350 mA, 25 °C) - PC amber
v
3.05
3.5
Forward voltage (@ 1000 mA, 25 °C) - PC amber
v
3.28
Forward voltage (@ 350 mA, 25 °C) - amber, red-orange, red
v
2.2
2.6
Forward voltage (@ 1000 mA, 25 °C) - amber, red-orange, red
v
2.65
LeD junction temperature
°C
150


Similar Part No. - XPEBWT-L1-0000-00AZ8

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XPEBWT-L1-0000-00AZ8 CREE-XPEBWT-L1-0000-00AZ8 Datasheet
2Mb / 38P
   Cree짰 XLamp짰 XP Family LEDs
More results

Similar Description - XPEBWT-L1-0000-00AZ8

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XPEBWT-L1-0000-00C51 CREE-XPEBWT-L1-0000-00C51_14 Datasheet
1Mb / 17P
   XLamp XP-E2 LEDs
XP-L CREE-XP-L Datasheet
2Mb / 35P
   Cree XLamp XP-L LEDs
XP-G3 CREE-XP-G3 Datasheet
2Mb / 33P
   Cree XLamp XP-G3 LEDs
XP-G2 CREE-XP-G2 Datasheet
2Mb / 30P
   Cree XLamp XP-G2 LEDs
XP-L2 CREE-XP-L2 Datasheet
1Mb / 24P
   Cree XLamp XP-L2 LEDs
XPEWHT-L1-0000-00C01 CREE-XPEWHT-L1-0000-00C01_V01 Datasheet
2Mb / 44P
   Cree® XLamp® XP-E LEDs
2008-2018
XPCWHT-L1-0000-00A01 CREE-XPCWHT-L1-0000-00A01 Datasheet
1Mb / 18P
   XLamp XP-C LEDs
XPEWHT-L1-0000-00C01 CREE-XPEWHT-L1-0000-00C01 Datasheet
1Mb / 18P
   XLamp XP-E LEDs
XHP35 CREE-XHP35 Datasheet
2Mb / 37P
   Cree XLamp XHP35 LEDs
XLAMP-XPG3 CREE-XLAMP-XPG3 Datasheet
2Mb / 49P
   XLamp® XP-G3 LEDs
REV 11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com