Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XPEBWT-H1-0000-00BE8 Datasheet(PDF) 7 Page - Cree, Inc

Part # XPEBWT-H1-0000-00BE8
Description  Cree XLamp XP-E2 LEDs
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XPEBWT-H1-0000-00BE8 Datasheet(HTML) 7 Page - Cree, Inc

Back Button XPEBWT-H1-0000-00BE8 Datasheet HTML 3Page - Cree, Inc XPEBWT-H1-0000-00BE8 Datasheet HTML 4Page - Cree, Inc XPEBWT-H1-0000-00BE8 Datasheet HTML 5Page - Cree, Inc XPEBWT-H1-0000-00BE8 Datasheet HTML 6Page - Cree, Inc XPEBWT-H1-0000-00BE8 Datasheet HTML 7Page - Cree, Inc XPEBWT-H1-0000-00BE8 Datasheet HTML 8Page - Cree, Inc XPEBWT-H1-0000-00BE8 Datasheet HTML 9Page - Cree, Inc XPEBWT-H1-0000-00BE8 Datasheet HTML 10Page - Cree, Inc XPEBWT-H1-0000-00BE8 Datasheet HTML 11Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
77
Copyright © 2012-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree® and XLamp® are registered trademarks and the Cree logo is a trademark of
Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
7
XLamp® Xp-E2 LED
Notes:
Cree maintains a tolerance of ±7% on flux and power measurements, ±0.005 on chromaticity (CCx, CCy) measurements and ±2 on CRI measurements.
See the Measurements section (page 35).
Cree XLamp XP-E2 LED order codes specify only a minimum flux bin and not a maximum. Cree may ship reels in flux bins higher than the minimum
specified by the order code without advance notice. Shipments will always adhere to the chromaticity bin restrictions specified by the order code.
*
Flux values @ 25 °C are calculated and for reference only.
**
Calculated flux values at 700 mA and 1 A are for reference only.
Chromaticity
Minimum Luminous
Flux @ 350 mA
Calculated Minimum
Luminous Flux (lm)**
@ 85 °C**
order Codes
Kit
CCt
Code
Flux
(lm) @
85 °C
Flux
(lm) @
25 °C*
700 mA
1.0 A
70 CRI Typical
80 CRI Typical
80 CRI Minimum
85 CRI Minimum
90 CRI Minimum
e7
3000 K
R2
114
132
195
249
XPeBWT-01-
0000-00ee7
XPeBWT-L1-
0000-00ee7
Q5
107
124
183
233
XPeBWT-01-
0000-00De7
XPeBWT-L1-
0000-00De7
XPEBWT-H1-
0000-00De7
Q4
100
116
171
218
XPeBWT-L1-
0000-00Ce7
XPEBWT-H1-
0000-00Ce7
Q3
93.9
109
161
205
XPeBWT-L1-
0000-00Be7
XPEBWT-H1-
0000-00Be7
Q2
87.4
102
150
191
XPeBWT-L1-
0000-00Ae7
XPEBWT-H1-
0000-00Ae7
XPeBWT-P1-
0000-00Ae7
XPeBWT-U1-0000-
00Ae7
P4
80.6
93.6
138
176
XPeBWT-P1-
0000-009e7
XPeBWT-U1-
0000-009e7
P3
73.9
85.8
127
161
XPeBWT-P1-
0000-008e7
XPeBWT-U1-
0000-008e7
P2
67.2
78.0
115
147
XPeBWT-P1-
0000-007e7
XPeBWT-U1-
0000-007e7
Z7
3000 K
Q5
107
124
183
233
XPeBWT-L1-
0000-00DZ7
Q4
100
116
171
218
XPeBWT-L1-
0000-00CZ7
XPEBWT-H1-
0000-00CZ7
Q3
93.9
109
161
205
XPeBWT-L1-
0000-00BZ7
XPEBWT-H1-
0000-00BZ7
Q2
87.4
102
150
191
XPeBWT-L1-
0000-00AZ7
XPEBWT-H1-
0000-00AZ7
XPeBWT-P1-
0000-00AZ7
P4
80.6
93.6
138
176
XPeBWT-P1-
0000-009Z7
XPeBWT-U1-
0000-009Z7
P3
73.9
85.8
127
161
XPeBWT-P1-
0000-008Z7
XPeBWT-U1-
0000-008Z7
P2
67.2
78.0
115
147
XPeBWT-P1-
0000-007Z7
XPeBWT-U1-
0000-007Z7
FLuX ChArACtEristiCs - WhitE (t
J = 85 °C) - ConTInued


Similar Part No. - XPEBWT-H1-0000-00BE8

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XPEBWT-H1-0000-00BE5 CREE-XPEBWT-H1-0000-00BE5 Datasheet
2Mb / 38P
   Cree짰 XLamp짰 XP Family LEDs
XPEBWT-H1-0000-00BE6 CREE-XPEBWT-H1-0000-00BE6 Datasheet
2Mb / 38P
   Cree짰 XLamp짰 XP Family LEDs
XPEBWT-H1-0000-00BE7 CREE-XPEBWT-H1-0000-00BE7 Datasheet
745Kb / 12P
   Cree짰 XLamp짰 XP-E2 LEDs
XPEBWT-H1-0000-00BE7 CREE-XPEBWT-H1-0000-00BE7 Datasheet
2Mb / 38P
   Cree짰 XLamp짰 XP Family LEDs
XPEBWT-H1-0000-00BE7 CREE-XPEBWT-H1-0000-00BE7 Datasheet
745Kb / 12P
   Cree짰 XLamp짰 XP-E2 LEDs
More results

Similar Description - XPEBWT-H1-0000-00BE8

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XPEBWT-L1-0000-00C51 CREE-XPEBWT-L1-0000-00C51_14 Datasheet
1Mb / 17P
   XLamp XP-E2 LEDs
XP-L CREE-XP-L Datasheet
2Mb / 35P
   Cree XLamp XP-L LEDs
XP-G3 CREE-XP-G3 Datasheet
2Mb / 33P
   Cree XLamp XP-G3 LEDs
XP-G2 CREE-XP-G2 Datasheet
2Mb / 30P
   Cree XLamp XP-G2 LEDs
XP-L2 CREE-XP-L2 Datasheet
1Mb / 24P
   Cree XLamp XP-L2 LEDs
XPEWHT-L1-0000-00C01 CREE-XPEWHT-L1-0000-00C01_V01 Datasheet
2Mb / 44P
   Cree® XLamp® XP-E LEDs
2008-2018
XPCWHT-L1-0000-00A01 CREE-XPCWHT-L1-0000-00A01 Datasheet
1Mb / 18P
   XLamp XP-C LEDs
XPEWHT-L1-0000-00C01 CREE-XPEWHT-L1-0000-00C01 Datasheet
1Mb / 18P
   XLamp XP-E LEDs
XHP35 CREE-XHP35 Datasheet
2Mb / 37P
   Cree XLamp XHP35 LEDs
XLAMP-XPG3 CREE-XLAMP-XPG3 Datasheet
2Mb / 49P
   XLamp® XP-G3 LEDs
REV 11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com