Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XPGDWT-U1-0000-00EF5 Datasheet(PDF) 8 Page - Cree, Inc

Part # XPGDWT-U1-0000-00EF5
Description  Cree XLamp XP-G3 LEDs
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XPGDWT-U1-0000-00EF5 Datasheet(HTML) 8 Page - Cree, Inc

Back Button XPGDWT-U1-0000-00EF5 Datasheet HTML 4Page - Cree, Inc XPGDWT-U1-0000-00EF5 Datasheet HTML 5Page - Cree, Inc XPGDWT-U1-0000-00EF5 Datasheet HTML 6Page - Cree, Inc XPGDWT-U1-0000-00EF5 Datasheet HTML 7Page - Cree, Inc XPGDWT-U1-0000-00EF5 Datasheet HTML 8Page - Cree, Inc XPGDWT-U1-0000-00EF5 Datasheet HTML 9Page - Cree, Inc XPGDWT-U1-0000-00EF5 Datasheet HTML 10Page - Cree, Inc XPGDWT-U1-0000-00EF5 Datasheet HTML 11Page - Cree, Inc XPGDWT-U1-0000-00EF5 Datasheet HTML 12Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
Copyright © 2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, XLamp® and EasyWhite® are registered trademarks and SC5 Technology and the
Cree logo are trademarks of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
8
XLamp® Xp-G3 LED
Notes
Cree maintains a tolerance of ±7% on flux and power measurements, ±0.005 on chromaticity (CCx, CCy) measurements and a
tolerance of ±2 on CRI measurements. See the Measurements section (page 29).
Cree XLamp XP-G3 LED order codes specify only a minimum flux bin and not a maximum. Cree may ship reels in flux bins higher than
the minimum specified by the order code without advance notice. Shipments will always adhere to the chromaticity bin restrictions
specified by the order code.
*
Flux values @ 25 °C are calculated and for reference only.
FLuX ChArACtEristiCs (t
J = 85 °C) - Continued
Chromaticity
Minimum Luminous Flux (lm) @
350 mA
order Codes
Kit
CCt
Code
Flux (lm)
@ 85 °C
Flux (lm)
@25 °C*
70 Cri typical
70 Cri Minimum
80 Cri Minimum
90 Cri Minimum
F6
3700 K
S4
164
179
XPGDWT-01-0000-00LF6
XPGDWT-B1-0000-00LF6
S3
156
170
XPGDWT-01-0000-00KF6
XPGDWT-B1-0000-00KF6
S2
148
161
XPGDWT-01-0000-00JF6
XPGDWT-B1-0000-00JF6
XPGDWT-H1-0000-00JF6
R5
139
152
XPGDWT-01-0000-00HF6
XPGDWT-B1-0000-00HF6
XPGDWT-H1-0000-00HF6
R4
130
142
XPGDWT-H1-0000-00GF6
R3
122
133
R2
114
124
XPGDWT-U1-0000-00EF6
Q5
107
117
XPGDWT-U1-0000-00DF6
Q4
100
109
XPGDWT-U1-0000-00CF6
6e
3500 K
S3
156
170
XPGDWT-B1-0000-00K6E
S2
148
161
XPGDWT-B1-0000-00J6E
XPGDWT-H1-0000-00J6E
R5
139
152
XPGDWT-B1-0000-00H6E
XPGDWT-H1-0000-00H6E
R4
130
142
XPGDWT-H1-0000-00G6E
R3
122
133
R2
114
124
XPGDWT-U1-0000-00E6E
Q5
107
117
XPGDWT-U1-0000-00D6E
Q4
100
109
XPGDWT-U1-0000-00C6E
6G
3500 K
R2
114
124
XPGDWT-U1-0000-00E6G
Q5
107
117
XPGDWT-U1-0000-00D6G
Q4
100
109
XPGDWT-U1-0000-00C6G
e6
3500 K
S3
156
170
XPGDWT-01-0000-00KE6
XPGDWT-B1-0000-00KE6
S2
148
161
XPGDWT-01-0000-00JE6
XPGDWT-B1-0000-00JE6
XPGDWT-H1-0000-00JE6
R5
139
152
XPGDWT-01-0000-00HE6
XPGDWT-B1-0000-00HE6
XPGDWT-H1-0000-00HE6
R4
130
142
XPGDWT-H1-0000-00GE6
R3
122
133
R2
114
124
XPGDWT-U1-0000-00EE6
Q5
107
117
XPGDWT-U1-0000-00DE6
Q4
100
109
XPGDWT-U1-0000-00CE6


Similar Part No. - XPGDWT-U1-0000-00EF5

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XPGDWT-U1-0000-00EF7 CREE-XPGDWT-U1-0000-00EF7 Datasheet
2Mb / 33P
   Available in outdoor white and 70-, 80- and 90-CRI white
XPGDWT-U1-0000-00EF8 CREE-XPGDWT-U1-0000-00EF8 Datasheet
2Mb / 33P
   Available in outdoor white and 70-, 80- and 90-CRI white
logo
Cree LED
XPGDWT-U1-0000-00EF8 CREELED-XPGDWT-U1-0000-00EF8 Datasheet
1Mb / 48P
   XLamp® XP-G3 LEDs
REV 9
More results

Similar Description - XPGDWT-U1-0000-00EF5

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XLAMP-XPG3 CREE-XLAMP-XPG3 Datasheet
2Mb / 49P
   XLamp® XP-G3 LEDs
REV 11
logo
Cree LED
XP-G3 CREELED-XP-G3 Datasheet
1Mb / 48P
   XLamp® XP-G3 LEDs
REV 9
logo
Cree, Inc
XP-L CREE-XP-L Datasheet
2Mb / 35P
   Cree XLamp XP-L LEDs
XP-E2 CREE-XP-E2 Datasheet
2Mb / 39P
   Cree XLamp XP-E2 LEDs
XP-G2 CREE-XP-G2 Datasheet
2Mb / 30P
   Cree XLamp XP-G2 LEDs
XP-L2 CREE-XP-L2 Datasheet
1Mb / 24P
   Cree XLamp XP-L2 LEDs
XPEWHT-L1-0000-00C01 CREE-XPEWHT-L1-0000-00C01_V01 Datasheet
2Mb / 44P
   Cree® XLamp® XP-E LEDs
2008-2018
XPEBWT-L1-0000-00C51 CREE-XPEBWT-L1-0000-00C51_14 Datasheet
1Mb / 17P
   XLamp XP-E2 LEDs
XPCWHT-L1-0000-00A01 CREE-XPCWHT-L1-0000-00A01 Datasheet
1Mb / 18P
   XLamp XP-C LEDs
XPEWHT-L1-0000-00C01 CREE-XPEWHT-L1-0000-00C01 Datasheet
1Mb / 18P
   XLamp XP-E LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com