Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XPGBWT-H1-0000-00FE6 Datasheet(PDF) 1 Page - Cree, Inc

Part # XPGBWT-H1-0000-00FE6
Description  Cree XLamp XP-G2 LEDs
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XPGBWT-H1-0000-00FE6 Datasheet(HTML) 1 Page - Cree, Inc

  XPGBWT-H1-0000-00FE6 Datasheet HTML 1Page - Cree, Inc XPGBWT-H1-0000-00FE6 Datasheet HTML 2Page - Cree, Inc XPGBWT-H1-0000-00FE6 Datasheet HTML 3Page - Cree, Inc XPGBWT-H1-0000-00FE6 Datasheet HTML 4Page - Cree, Inc XPGBWT-H1-0000-00FE6 Datasheet HTML 5Page - Cree, Inc XPGBWT-H1-0000-00FE6 Datasheet HTML 6Page - Cree, Inc XPGBWT-H1-0000-00FE6 Datasheet HTML 7Page - Cree, Inc XPGBWT-H1-0000-00FE6 Datasheet HTML 8Page - Cree, Inc XPGBWT-H1-0000-00FE6 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
Product family data sheet
Copyright © 2012-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree® and XLamp® are
registered trademarks and the Cree logo is a trademark of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Cree® XLamp® XP-G2 LEDs
ProDuCt DEsCriPtion
The XLamp® XP-G2 LeD builds on the
unprecedented performance of the
original XP-G by increasing lumen output
up to 20% while providing a single die LeD
point source for precise optical control.
The XP-G2 LeD shares the same footprint
as the original XP-G, providing a seamless
upgrade path and shortening the design
cycle.
XLamp XP-G2 LeDs are the ideal choice
for lighting applications where high
light output and maximum efficacy are
required, such as LeD light bulbs, outdoor
lighting, portable lighting, indoor lighting
and solar-powered lighting.
FEAturEs
• Available in white, outdoor white and
80-, 85- and 90-CRI white
• ANSI-compatible chromaticity bins
• Binned at 85 °C
• Maximum drive current: 1500 mA
• Low thermal resistance: 4 °C/W
• Wide viewing angle: 115°
• Unlimited floor life at
≤ 30 ºC/85% RH
• Reflow solderable - JEDEC J-STD-020C
• electrically neutral thermal path
• RoHS and REACh compliant
• UL® recognized component (E349212)
tAbLE oF ContEnts
Characteristics ............................................2
Flux Characteristics ....................................3
Relative Spectral Power Distribution ...... 10
Relative Flux vs. Junction Temperature.. 10
electrical Characteristics......................... 11
Relative Flux vs. Current .......................... 11
Relative Chromaticity vs Current and
Temperature ............................................. 12
Typical Spatial Distribution...................... 13
Thermal Design........................................ 13
Performance Groups – Luminous Flux... 14
Performance Groups – Chromaticity...... 15
Cree’s Standard Chromaticity Regions
Plotted on the 1931 CIE Curve ................ 18
Cree’s Standard Cool White Kits Plotted
on ANSI Standard Chromaticity
Regions..................................................... 20
Cree’s Standard Warm and Neutral
White Kits Plotted on ANSI Standard
Chromaticity Regions .............................. 21
Cree’s Standard Chromaticity Kits .......... 23
Bin and Order Code Formats................... 24
Reflow Soldering Characteristics............ 25
Notes ........................................................ 26
Mechanical Dimensions .......................... 28
Tape and Reel........................................... 29
Packaging................................................. 30


Similar Part No. - XPGBWT-H1-0000-00FE6

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XPGBWT-H1-0000-00CE7 CREE-XPGBWT-H1-0000-00CE7 Datasheet
2Mb / 38P
   Cree짰 XLamp짰 XP Family LEDs
XPGBWT-H1-0000-00CF7 CREE-XPGBWT-H1-0000-00CF7 Datasheet
2Mb / 38P
   Cree짰 XLamp짰 XP Family LEDs
XPGBWT-H1-0000-00CZ7 CREE-XPGBWT-H1-0000-00CZ7 Datasheet
2Mb / 38P
   Cree짰 XLamp짰 XP Family LEDs
XPGBWT-H1-0000-00DE5 CREE-XPGBWT-H1-0000-00DE5 Datasheet
2Mb / 38P
   Cree짰 XLamp짰 XP Family LEDs
XPGBWT-H1-0000-00DE6 CREE-XPGBWT-H1-0000-00DE6 Datasheet
2Mb / 38P
   Cree짰 XLamp짰 XP Family LEDs
More results

Similar Description - XPGBWT-H1-0000-00FE6

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XP-L CREE-XP-L Datasheet
2Mb / 35P
   Cree XLamp XP-L LEDs
XP-G3 CREE-XP-G3 Datasheet
2Mb / 33P
   Cree XLamp XP-G3 LEDs
XP-E2 CREE-XP-E2 Datasheet
2Mb / 39P
   Cree XLamp XP-E2 LEDs
XP-L2 CREE-XP-L2 Datasheet
1Mb / 24P
   Cree XLamp XP-L2 LEDs
XPEWHT-L1-0000-00C01 CREE-XPEWHT-L1-0000-00C01_V01 Datasheet
2Mb / 44P
   Cree® XLamp® XP-E LEDs
2008-2018
XPEBWT-L1-0000-00C51 CREE-XPEBWT-L1-0000-00C51_14 Datasheet
1Mb / 17P
   XLamp XP-E2 LEDs
XPCWHT-L1-0000-00A01 CREE-XPCWHT-L1-0000-00A01 Datasheet
1Mb / 18P
   XLamp XP-C LEDs
XPEWHT-L1-0000-00C01 CREE-XPEWHT-L1-0000-00C01 Datasheet
1Mb / 18P
   XLamp XP-E LEDs
XHP35 CREE-XHP35 Datasheet
2Mb / 37P
   Cree XLamp XHP35 LEDs
XLAMP-XPG3 CREE-XLAMP-XPG3 Datasheet
2Mb / 49P
   XLamp® XP-G3 LEDs
REV 11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com