Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RM21WTP-CP10 Datasheet(PDF) 11 Page - Hirose Electric

Part # RM21WTP-CP10
Description  General-purpose Multi-Contact Circular Waterproof Connectors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

RM21WTP-CP10 Datasheet(HTML) 11 Page - Hirose Electric

Back Button RM21WTP-CP10 Datasheet HTML 7Page - Hirose Electric RM21WTP-CP10 Datasheet HTML 8Page - Hirose Electric RM21WTP-CP10 Datasheet HTML 9Page - Hirose Electric RM21WTP-CP10 Datasheet HTML 10Page - Hirose Electric RM21WTP-CP10 Datasheet HTML 11Page - Hirose Electric RM21WTP-CP10 Datasheet HTML 12Page - Hirose Electric RM21WTP-CP10 Datasheet HTML 13Page - Hirose Electric RM21WTP-CP10 Datasheet HTML 14Page - Hirose Electric RM21WTP-CP10 Datasheet HTML 15Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
109-1860-0-71
109-1852-1-71
109-1855-0-71
sPlugs - straight, long back shell
Part Number
CL No.
Number of Contacts
ØA
RM21WTPS-15S(71)
RM24WTPB-31S(71)
RM24WTPB-31P(71)
15
31
31
21
24.3
24.3
ØB
32
36
36
C
49
54
54
D
23
26
26
E
TM25∞2
TM29∞2
TM29∞2
F
M20∞0.75
M24∞0.75
M24∞0.75
Weight
Remarks
RoHS
104.5
144.6
140.0
Silver plated
only
YES
Wrench opening dimension D
C
F
E
(shown one example)
E
Wrench opening dimension D
C
(shown one example)
Set screw
D
C
E
(shown one example)
RM21WTPS-15S(71)
Notes : 1. Cable jacket diameter:Use A ± 0.2mm. Notes : 2. Recommended set screw tightening torque : 0.2 to 0.3 N•m.
Notes : 3. When using the self-tightening strain relief verify the cable pull force requirements.
Notes : 1. Cable jacket diameter:Use A ± 0.2mm. Notes : 2. Recommended set screw tightening torque : 0.3 to 0.4 N•m.
HRS recommended tool : PB205/1.27(CL 150-0066-3)
sApplicable Strain reliefs
q External cable clamp + internal, self-tightening
q Internal, self tightening
RM24WTP-CP14(71)
RM21WTP-CP(8)(71)
114-2052-6-72
114-2053-9-72
114-2054-1-72
114-2055-4-72
114-2154-6-72
114-2056-7-72
109-1851-9-71
Part Number
CL No.
ØA
JR16WCC-4(72)
JR16WCC-6(72)
JR16WCC-8(72)
JR16WCC-10(72)
JR16WCC-11(72)
JR16WCC-12(72)
RM24WTP-CP14(71)
04
06
08
10
11
12
14
ØB
23
23
23
23
23
23
29
C
17.5
17.5
17.5
17.5
17.5
17.5
17.5
D
21
21
21
21
21
21
26
E
M20∞0.75
M20∞0.75
M20∞0.75
M20∞0.75
M20∞0.75
M20∞0.75
M24∞0.75
Weight
17.5g
17.5g
17.5g
17.5g
17.5g
17.5g
17.5g
Remarks
RoHS
For RM21WT
YES
For RM24WT
109-1405-3-71
109-1406-6-71
109-1407-9-71
109-1493-0-71
109-1494-3-71
109-1495-6-71
109-1496-9-71
Part Number
CL No.
ØA
RM21WTP-CP(8)(71)
RM21WTP-CP(10)(71)
RM21WTP-CP(12)(71)
RM24WTP-CP(10)(71)
RM24WTP-CP(12)(71)
RM24WTP-CP(14)(71)
RM24WTP-CP(16)(71)
08
10
12
10
12
14
16
ØB
23
23
23
27
27
27
27
C
38
38
38
38.5
38.5
38.5
38.5
D
7.5
7.5
7.5
8
8
8
8
E
M20∞0.75
M20∞0.75
M20∞0.75
M24∞0.75
M24∞0.75
M24∞0.75
M24∞0.75
Weight
Remarks
RoHS
22.5
22.0
21.5
28.5
28.5
28.0
26.5
For RM21WT
YES
For RM24WT
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.


Similar Part No. - RM21WTP-CP10

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
RM21W1P-50-TD WINCHESTER-RM21W1P-50-TD Datasheet
73Kb / 1P
   21W1P D-SUB CONNECTOR
RM21WA4P-1008 WINCHESTER-RM21WA4P-1008 Datasheet
65Kb / 1P
   R/A 21WA4P CONNECTOR WITH PICK AND PLACE BRACKET
RM21WA4P-1009 WINCHESTER-RM21WA4P-1009 Datasheet
69Kb / 1P
   R/A 21WA4P CONNECTOR WITH PICK AND PLACE BRACKET
RM21WA4P-1015 WINCHESTER-RM21WA4P-1015 Datasheet
147Kb / 1P
   21WA4P D-SUB CONNECTOR
RM21WA4P-1023 WINCHESTER-RM21WA4P-1023 Datasheet
128Kb / 1P
   D-SUB PLUG CONNECTOR DEPOPULATED POSITIONS 9, 16, 17
More results

Similar Description - RM21WTP-CP10

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
RM HIROSE-RM_18 Datasheet
522Kb / 13P
   Multi-contact Compact Circular Connectors
logo
DDK Ltd.
CE02-2A18-10P-D DDK-CE02-2A18-10P-D Datasheet
191Kb / 3P
   Waterproof Circular Connectors
CE02-2A DDK-CE02-2A Datasheet
192Kb / 3P
   Waterproof Circular Connectors
logo
Hirose Electric
JR-W HIROSE-JR-W Datasheet
823Kb / 13P
   Waterproof Circular Connectors
logo
Japan Aviation Electron...
SRCN JAE-SRCN Datasheet
429Kb / 2P
   Low Cost, General Purpose Miniature Circular Connectors
logo
ITT Industries
KPT ITT-KPT Datasheet
325Kb / 31P
   General purpose solder contact connectors
031-8704-203 ITT-031-8704-203 Datasheet
326Kb / 31P
   KPT General purpose solder contact connectors
logo
List of Unclassifed Man...
KPT06E22-41PF80 ETC2-KPT06E22-41PF80 Datasheet
326Kb / 31P
   KPT General purpose solder contact connectors
logo
Japan Aviation Electron...
JN2 JAE-JN2 Datasheet
294Kb / 8P
   JN2 SERIES CONNECTORS - General Purpose Waterproof, Miniature Connectors
logo
DDK Ltd.
DMS3106A10SL-29SW(D190) DDK-DMS3106A10SL-29SW(D190) Datasheet
1Mb / 10P
   Waterproof Circular Connectors (MIL-DTL-5015 Compatible)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com