Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XPGDWT-H1-0000-00JE4 Datasheet(PDF) 11 Page - Cree, Inc

Part # XPGDWT-H1-0000-00JE4
Description  Cree XLamp XP-G3 LEDs
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XPGDWT-H1-0000-00JE4 Datasheet(HTML) 11 Page - Cree, Inc

Back Button XPGDWT-H1-0000-00JE4 Datasheet HTML 7Page - Cree, Inc XPGDWT-H1-0000-00JE4 Datasheet HTML 8Page - Cree, Inc XPGDWT-H1-0000-00JE4 Datasheet HTML 9Page - Cree, Inc XPGDWT-H1-0000-00JE4 Datasheet HTML 10Page - Cree, Inc XPGDWT-H1-0000-00JE4 Datasheet HTML 11Page - Cree, Inc XPGDWT-H1-0000-00JE4 Datasheet HTML 12Page - Cree, Inc XPGDWT-H1-0000-00JE4 Datasheet HTML 13Page - Cree, Inc XPGDWT-H1-0000-00JE4 Datasheet HTML 14Page - Cree, Inc XPGDWT-H1-0000-00JE4 Datasheet HTML 15Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
Copyright © 2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, XLamp® and EasyWhite® are registered trademarks and SC5 Technology and the
Cree logo are trademarks of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
11
XLamp® Xp-G3 LED
rELAtivE sPECtrAL PowEr Distribution
rELAtivE FLuX vs. JunCtion tEMPErAturE (i
F = 350 mA)
Relative Spectral Power
0%
20%
40%
60%
80%
100%
380
430
480
530
580
630
680
730
780
Wavelength (nm)
5000 K, 70 CRI
4000 K, 70 CRI
3000 K, 80 CRI
Relative Flux Output vs. Junction Temperature
0%
20%
40%
60%
80%
100%
120%
25
50
75
100
125
150
Junction Temperature (ºC)


Similar Part No. - XPGDWT-H1-0000-00JE4

ManufacturerPart #DatasheetDescription
logo
Cree LED
XPGDWT-H1-0000-00JE4 CREELED-XPGDWT-H1-0000-00JE4 Datasheet
1Mb / 48P
   XLamp® XP-G3 LEDs
REV 9
More results

Similar Description - XPGDWT-H1-0000-00JE4

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XLAMP-XPG3 CREE-XLAMP-XPG3 Datasheet
2Mb / 49P
   XLamp® XP-G3 LEDs
REV 11
logo
Cree LED
XP-G3 CREELED-XP-G3 Datasheet
1Mb / 48P
   XLamp® XP-G3 LEDs
REV 9
logo
Cree, Inc
XP-L CREE-XP-L Datasheet
2Mb / 35P
   Cree XLamp XP-L LEDs
XP-E2 CREE-XP-E2 Datasheet
2Mb / 39P
   Cree XLamp XP-E2 LEDs
XP-G2 CREE-XP-G2 Datasheet
2Mb / 30P
   Cree XLamp XP-G2 LEDs
XP-L2 CREE-XP-L2 Datasheet
1Mb / 24P
   Cree XLamp XP-L2 LEDs
XPEWHT-L1-0000-00C01 CREE-XPEWHT-L1-0000-00C01_V01 Datasheet
2Mb / 44P
   Cree® XLamp® XP-E LEDs
2008-2018
XPEBWT-L1-0000-00C51 CREE-XPEBWT-L1-0000-00C51_14 Datasheet
1Mb / 17P
   XLamp XP-E2 LEDs
XPCWHT-L1-0000-00A01 CREE-XPCWHT-L1-0000-00A01 Datasheet
1Mb / 18P
   XLamp XP-C LEDs
XPEWHT-L1-0000-00C01 CREE-XPEWHT-L1-0000-00C01 Datasheet
1Mb / 18P
   XLamp XP-E LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com