Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A5984 Datasheet(PDF) 7 Page - Allegro MicroSystems

Part # A5984
Description  DMOS Microstepping Driver with Translator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A5984 Datasheet(HTML) 7 Page - Allegro MicroSystems

Back Button A5984 Datasheet HTML 3Page - Allegro MicroSystems A5984 Datasheet HTML 4Page - Allegro MicroSystems A5984 Datasheet HTML 5Page - Allegro MicroSystems A5984 Datasheet HTML 6Page - Allegro MicroSystems A5984 Datasheet HTML 7Page - Allegro MicroSystems A5984 Datasheet HTML 8Page - Allegro MicroSystems A5984 Datasheet HTML 9Page - Allegro MicroSystems A5984 Datasheet HTML 10Page - Allegro MicroSystems A5984 Datasheet HTML 11Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
DMOS Microstepping Driver with Translator
and Overcurrent Protection
A5984
7
Allegro MicroSystems, LLC
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
www.allegromicro.com
THERMAL CHARACTERISTICS may require derating at maximum conditions
Characteristic
Symbol
Test Conditions*
Value
Units
Package Thermal Resistance
RθJA
ES package; estimated, on 4-layer PCB, based on JEDEC standard
37
ºC/W
ET package; estimated, on 4-layer PCB, based on JEDEC standard
32
ºC/W
LP package; on 4-layer PCB, based on JEDEC standard
28
ºC/W
*In still air. Additional thermal information available on Allegro website.
20
40
60
80
100
120
140
160
180
Temperature (°C)
0.0
0.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
1.0
1.5
Maximum Power Dissipation, PD(max)
R
θJ
A
=
37
ºC
/W
R
θJ
A =
28
ºC
/W
R
θJ
A =
32
ºC
/W


Similar Part No. - A5984

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A5985 ALLEGRO-A5985 Datasheet
594Kb / 26P
   DMOS Microstepping Driver with Translator
A5985GETTR-T ALLEGRO-A5985GETTR-T Datasheet
594Kb / 26P
   DMOS Microstepping Driver with Translator
A5988 ALLEGRO-A5988 Datasheet
748Kb / 14P
   Quad DMOS Full-Bridge PWM Motor Driver
A5988GEVTR-1-T ALLEGRO-A5988GEVTR-1-T Datasheet
748Kb / 14P
   Quad DMOS Full-Bridge PWM Motor Driver
A5988GEVTR-T ALLEGRO-A5988GEVTR-T Datasheet
748Kb / 14P
   Quad DMOS Full-Bridge PWM Motor Driver
More results

Similar Description - A5984

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3987 ALLEGRO-A3987 Datasheet
450Kb / 13P
   DMOS Microstepping Driver with Translator
A3984 ALLEGRO-A3984_13 Datasheet
344Kb / 12P
   DMOS Microstepping Driver with Translator
A3983 ALLEGRO-A3983 Datasheet
329Kb / 13P
   DMOS Microstepping Driver with Translator
A3983SLPTR ALLEGRO-A3983SLPTR Datasheet
342Kb / 13P
   DMOS Microstepping Driver with Translator
A4983 ALLEGRO-A4983 Datasheet
415Kb / 16P
   DMOS Microstepping Driver with Translator
3977 ALLEGRO-3977 Datasheet
569Kb / 18P
   MICROSTEPPING DMOS DRIVER WITH TRANSLATOR
A3979 ALLEGRO-A3979_08 Datasheet
465Kb / 14P
   Microstepping DMOS Driver with Translator
A3983 ALLEGRO-A3983_08 Datasheet
450Kb / 11P
   DMOS Microstepping Driver with Translator
A3979 ALLEGRO-A3979_13 Datasheet
331Kb / 14P
   Microstepping DMOS Driver with Translator
A3979SLPTR ALLEGRO-A3979SLPTR Datasheet
332Kb / 15P
   Microstepping DMOS Driver with Translator
A3977 ALLEGRO-A3977 Datasheet
520Kb / 18P
   Microstepping DMOS Driver with Translator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com