Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NE5517DG Datasheet(PDF) 6 Page - ON Semiconductor

Part # NE5517DG
Description  Dual Operational Transconductance Amplifier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NE5517DG Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NE5517DG Datasheet HTML 2Page - ON Semiconductor NE5517DG Datasheet HTML 3Page - ON Semiconductor NE5517DG Datasheet HTML 4Page - ON Semiconductor NE5517DG Datasheet HTML 5Page - ON Semiconductor NE5517DG Datasheet HTML 6Page - ON Semiconductor NE5517DG Datasheet HTML 7Page - ON Semiconductor NE5517DG Datasheet HTML 8Page - ON Semiconductor NE5517DG Datasheet HTML 9Page - ON Semiconductor NE5517DG Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
NE5517, NE5517A, AU5517
http://onsemi.com
6
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
20
0
-20
-40
-60
-80
-100
0.1mA1mA10mA
100mA
1000mA
IABC AMPLIFIER BIAS CURRENT (mA)
VS = ±15V
RL = 10kW
OUTPUT NOISE
20kHz BW
VIN = 40mVP-P
VIN = 80mVP-P
VS = ±15V
Tamb = +25°C
CIN
COUT
7
6
5
4
3
2
1
0
0.1mA1mA10mA
100mA
1000mA
AMPLIFIER BIAS CURRENT (IABC)
0.1mA1mA10mA
100mA
1000mA
2000
1800
1600
1400
1200
1000
800
600
400
200
0
AMPLIFIER BIAS CURRENT (IABC)
-55°C
+25°C
+125°C
100
10
1
0.1
0.01
1
10
100
1000
DIFFERENTIAL INPUT VOLTAGE (mVP-P)
600
500
400
300
200
100
0
10
100
1k
10k
100k
FREQUENCY (Hz)
IABC = 1mA
IABC = 100mA
Figure 12. Amplifier Bias Voltage vs.
Amplifier Bias Current
Figure 13. Input and Output
Capacitance
Figure 14. Distortion vs. Differential
Input Voltage
Figure 15. Voltage vs. Amplifier Bias Current
Figure 16. Noise vs. Frequency
IABC = 1mA
RL = 10kW
Figure 17. Leakage Current Test Circuit
Figure 18. Differential Input Current Test Circuit
Figure 19. Buffer VBE Test Circuit
4, 13
2, 15
3, 14
+
NE5517
11
6
1, 15
5, 12
7, 10
8, 9
A
+36V
4, 13
2, 15
3, 14
+
NE5517
11
6
1, 10
5, 12
A
+15V
−15V
4V
V
V+
50kW
V−


Similar Part No. - NE5517DG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NE5517DG ONSEMI-NE5517DG Datasheet
187Kb / 14P
   Dual Operational Transconductance Amplifier
April, 2006 ??Rev. 3
More results

Similar Description - NE5517DG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NE5517 ONSEMI-NE5517 Datasheet
187Kb / 14P
   Dual Operational Transconductance Amplifier
April, 2006 ??Rev. 3
logo
NXP Semiconductors
NE5517 PHILIPS-NE5517 Datasheet
298Kb / 13P
   Dual operational transconductance amplifier
2002 Dec 06
NE5517 PHILIPS-NE5517 Datasheet
193Kb / 18P
   Dual operational transconductance amplifier
2002 Dec 06
logo
New Japan Radio
NJM13600 NJRC-NJM13600 Datasheet
294Kb / 7P
   DUAL OPERATIONAL TRANSCONDUCTANCE AMPLIFIER???
logo
JSC ALFA.
AS3280 ALFA-AS3280 Datasheet
457Kb / 4P
   Dual Operational Transconductance Amplifier (OTA)
logo
National Semiconductor ...
LM3080 NSC-LM3080 Datasheet
188Kb / 6P
   Operational Transconductance Amplifier
logo
Intersil Corporation
CA3280 INTERSIL-CA3280 Datasheet
286Kb / 10P
   Dual, 9MHz, Operational Transconductance Amplifier (OTA)
September 1998
logo
Burr-Brown (TI)
OPA2662 BURR-BROWN-OPA2662 Datasheet
328Kb / 18P
   Dual, Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER
logo
Intersil Corporation
CA3280 INTERSIL-CA3280_02 Datasheet
393Kb / 10P
   Dual, 9MHz, Operational Transconductance Amplifier (OTA)
logo
Renesas Technology Corp
CA3280 RENESAS-CA3280 Datasheet
644Kb / 10P
   Dual, 9MHz, Operational Transconductance Amplifier (OTA)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com