Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XPLBWT-00-0000-0000V50DV Datasheet(PDF) 7 Page - Cree, Inc

Part # XPLBWT-00-0000-0000V50DV
Description  Cree XLamp XP-L2 LEDs
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XPLBWT-00-0000-0000V50DV Datasheet(HTML) 7 Page - Cree, Inc

Back Button XPLBWT-00-0000-0000V50DV Datasheet HTML 3Page - Cree, Inc XPLBWT-00-0000-0000V50DV Datasheet HTML 4Page - Cree, Inc XPLBWT-00-0000-0000V50DV Datasheet HTML 5Page - Cree, Inc XPLBWT-00-0000-0000V50DV Datasheet HTML 6Page - Cree, Inc XPLBWT-00-0000-0000V50DV Datasheet HTML 7Page - Cree, Inc XPLBWT-00-0000-0000V50DV Datasheet HTML 8Page - Cree, Inc XPLBWT-00-0000-0000V50DV Datasheet HTML 9Page - Cree, Inc XPLBWT-00-0000-0000V50DV Datasheet HTML 10Page - Cree, Inc XPLBWT-00-0000-0000V50DV Datasheet HTML 11Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
Notes
Cree maintains a tolerance of ±7% on flux and power measurements, ±0.005 on chromaticity (CCx, CCy) measurements and a
tolerance of ±2 on CRI measurements. See the Measurements section (page 21).
Cree XLamp XP-L2 LED order codes specify only a minimum flux bin and not a maximum. Cree may ship reels in flux bins higher than
the minimum specified by the order code without advance notice. Shipments will always adhere to the chromaticity bin restrictions
specified by the order code.
*
Flux values @ 25 °C are calculated and for reference only.
Copyright © 2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, XLamp® and EasyWhite® are registered trademarks and SC5 Technology™ and
the Cree logo are trademarks of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
7
XLamp® Xp-L2 LED
Chromaticity
Minimum Luminous Flux (lm)
@ 1050 mA
order Codes
Kit
CCt
Flux bin
Flux (lm)
@ 85 °C
Flux (lm)
@ 25 °C*
no Minimum Cri
70 Cri Minimum
80 Cri Minimum
90 Cri Minimum
DT
5700 K
v6
480
527
XPLBWT-00-0000-
0000v60DT
XPLBWT-00-0000-
000Bv60DT
v5
460
505
XPLBWT-00-0000-
0000v50DT
XPLBWT-00-0000-
000Bv50DT
v4
440
483
XPLBWT-00-0000-
0000v40DT
XPLBWT-00-0000-
000Bv40DT
v3
420
461
XPLBWT-00-0000-
000HV30DT
v2
400
439
XPLBWT-00-0000-
000HV20DT
U6
380
417
XPLBWT-00-0000-
000UU60DT
U5
360
395
XPLBWT-00-0000-
000UU50DT
Dv
5700 K
v6
480
527
XPLBWT-00-0000-
0000v60Dv
XPLBWT-00-0000-
000Bv60Dv
v5
460
505
XPLBWT-00-0000-
0000v50Dv
XPLBWT-00-0000-
000Bv50Dv
v4
440
483
XPLBWT-00-0000-
0000v40Dv
XPLBWT-00-0000-
000Bv40Dv
XPLBWT-00-0000-
000HV40DV
v3
420
461
XPLBWT-00-0000-
000HV30DV
v2
400
439
XPLBWT-00-0000-
000HV20DV
U6
380
417
XPLBWT-00-0000-
000UU60Dv
U5
360
395
XPLBWT-00-0000-
000UU50Dv
e2
5700 K
v6
480
527
XPLBWT-00-0000-
0000v60e2
XPLBWT-00-0000-
000Bv60e2
v5
460
505
XPLBWT-00-0000-
0000v50e2
XPLBWT-00-0000-
000Bv50e2
v4
440
483
XPLBWT-00-0000-
0000v40e2
XPLBWT-00-0000-
000Bv40e2
XPLBWT-00-0000-
000HV40E2
v3
420
461
XPLBWT-00-0000-
000HV30E2
v2
400
439
XPLBWT-00-0000-
000HV20E2
U6
380
417
XPLBWT-00-0000-
000UU60e2
U5
360
395
XPLBWT-00-0000-
000UU50e2
FLuX ChArACtEristiCs - Ansi orDEr CoDEs AnD bins (t
J = 85 °C) - Continued


Similar Part No. - XPLBWT-00-0000-0000V50DV

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
XPL2010 COILCRAFT-XPL2010 Datasheet
169Kb / 2P
   Power Inductors
XPL2010 COILCRAFT-XPL2010 Datasheet
159Kb / 2P
   Shielded Power Inductors
logo
Analog Devices
XPL2010-102ML AD-XPL2010-102ML Datasheet
826Kb / 28P
   Dual 3 MHz, 800 mA Buck
REV. A
XPL2010-102ML AD-XPL2010-102ML Datasheet
993Kb / 28P
   Dual 3 MHz, 1200 mA Buck
REV. A
XPL2010-102ML AD-XPL2010-102ML Datasheet
3Mb / 40P
   Micro PMU with 1.2 A Buck Regulator
REV. 0
More results

Similar Description - XPLBWT-00-0000-0000V50DV

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XP-L CREE-XP-L Datasheet
2Mb / 35P
   Cree XLamp XP-L LEDs
XP-G3 CREE-XP-G3 Datasheet
2Mb / 33P
   Cree XLamp XP-G3 LEDs
XM-L2 CREE-XM-L2 Datasheet
1Mb / 14P
   Cree XLamp XM-L2 LEDs
XP-E2 CREE-XP-E2 Datasheet
2Mb / 39P
   Cree XLamp XP-E2 LEDs
XP-G2 CREE-XP-G2 Datasheet
2Mb / 30P
   Cree XLamp XP-G2 LEDs
XPEWHT-L1-0000-00C01 CREE-XPEWHT-L1-0000-00C01_V01 Datasheet
2Mb / 44P
   Cree® XLamp® XP-E LEDs
2008-2018
XPEBWT-L1-0000-00C51 CREE-XPEBWT-L1-0000-00C51_14 Datasheet
1Mb / 17P
   XLamp XP-E2 LEDs
XPCWHT-L1-0000-00A01 CREE-XPCWHT-L1-0000-00A01 Datasheet
1Mb / 18P
   XLamp XP-C LEDs
XPEWHT-L1-0000-00C01 CREE-XPEWHT-L1-0000-00C01 Datasheet
1Mb / 18P
   XLamp XP-E LEDs
XHP35 CREE-XHP35 Datasheet
2Mb / 37P
   Cree XLamp XHP35 LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com