Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XPLBWT-00-0000-0000V40DT Datasheet(PDF) 5 Page - Cree, Inc

Part # XPLBWT-00-0000-0000V40DT
Description  Cree XLamp XP-L2 LEDs
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XPLBWT-00-0000-0000V40DT Datasheet(HTML) 5 Page - Cree, Inc

  XPLBWT-00-0000-0000V40DT Datasheet HTML 1Page - Cree, Inc XPLBWT-00-0000-0000V40DT Datasheet HTML 2Page - Cree, Inc XPLBWT-00-0000-0000V40DT Datasheet HTML 3Page - Cree, Inc XPLBWT-00-0000-0000V40DT Datasheet HTML 4Page - Cree, Inc XPLBWT-00-0000-0000V40DT Datasheet HTML 5Page - Cree, Inc XPLBWT-00-0000-0000V40DT Datasheet HTML 6Page - Cree, Inc XPLBWT-00-0000-0000V40DT Datasheet HTML 7Page - Cree, Inc XPLBWT-00-0000-0000V40DT Datasheet HTML 8Page - Cree, Inc XPLBWT-00-0000-0000V40DT Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
Notes
Cree maintains a tolerance of ±7% on flux and power measurements, ±0.005 on chromaticity (CCx, CCy) measurements and a
tolerance of ±2 on CRI measurements. See the Measurements section (page 21).
Cree XLamp XP-L2 LED order codes specify only a minimum flux bin and not a maximum. Cree may ship reels in flux bins higher than
the minimum specified by the order code without advance notice. Shipments will always adhere to the chromaticity bin restrictions
specified by the order code.
*
Flux values @ 25 °C are calculated and for reference only.
Copyright © 2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, XLamp® and EasyWhite® are registered trademarks and SC5 Technology™ and
the Cree logo are trademarks of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
5
XLamp® Xp-L2 LED
nominal
CCt
Cri
Minimum Luminous Flux
@1050 mA
2-step
3-step
5-step
Min
typ
Flux
bin
Flux (lm)
@ 85 °C
Flux (lm)
@ 25 °C* Group
order Code
Group
order Code
Group
order Code
3000 K
70
v4
440
483
30e
XPLBWT-00-0000-
000Bv430e
v3
420
461
XPLBWT-00-0000-
000Bv330e
80
v2
400
439
30G
XPLBWT-00-0000-
000HV230G
U6
380
417
XPLBWT-00-0000-
000HU630G
90
U4
340
373
30H
XPLBWT-00-0000-
000UU430H
30G
XPLBWT-00-0000-
000UU430G
U3
320
351
XPLBWT-00-0000-
000UU330H
XPLBWT-00-0000-
000UU330G
U2
300
329
XPLBWT-00-0000-
000UU230H
XPLBWT-00-0000-
000UU230G
2700 K
80
v2
400
439
27G
XPLBWT-00-0000-
000HV227G
U6
380
417
XPLBWT-00-0000-
000HU627G
U5
360
395
XPLBWT-00-0000-
000HU527G
90
U3
320
351
27H
XPLBWT-00-0000-
000UU327H
27G
XPLBWT-00-0000-
000UU327G
U2
300
329
XPLBWT-00-0000-
000UU227H
XPLBWT-00-0000-
000UU227G
T6
280
307
XPLBWT-00-0000-
000UT627H
XPLBWT-00-0000-
000UT627G
FLuX ChArACtEristiCs - EAsyWhitE® orDEr CoDEs AnD bins (t
J = 85 °C) - Continued


Similar Part No. - XPLBWT-00-0000-0000V40DT

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
XPL2010 COILCRAFT-XPL2010 Datasheet
169Kb / 2P
   Power Inductors
XPL2010 COILCRAFT-XPL2010 Datasheet
159Kb / 2P
   Shielded Power Inductors
logo
Analog Devices
XPL2010-102ML AD-XPL2010-102ML Datasheet
826Kb / 28P
   Dual 3 MHz, 800 mA Buck
REV. A
XPL2010-102ML AD-XPL2010-102ML Datasheet
993Kb / 28P
   Dual 3 MHz, 1200 mA Buck
REV. A
XPL2010-102ML AD-XPL2010-102ML Datasheet
3Mb / 40P
   Micro PMU with 1.2 A Buck Regulator
REV. 0
More results

Similar Description - XPLBWT-00-0000-0000V40DT

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XP-L CREE-XP-L Datasheet
2Mb / 35P
   Cree XLamp XP-L LEDs
XP-G3 CREE-XP-G3 Datasheet
2Mb / 33P
   Cree XLamp XP-G3 LEDs
XM-L2 CREE-XM-L2 Datasheet
1Mb / 14P
   Cree XLamp XM-L2 LEDs
XP-E2 CREE-XP-E2 Datasheet
2Mb / 39P
   Cree XLamp XP-E2 LEDs
XP-G2 CREE-XP-G2 Datasheet
2Mb / 30P
   Cree XLamp XP-G2 LEDs
XPEWHT-L1-0000-00C01 CREE-XPEWHT-L1-0000-00C01_V01 Datasheet
2Mb / 44P
   Cree® XLamp® XP-E LEDs
2008-2018
XPEBWT-L1-0000-00C51 CREE-XPEBWT-L1-0000-00C51_14 Datasheet
1Mb / 17P
   XLamp XP-E2 LEDs
XPCWHT-L1-0000-00A01 CREE-XPCWHT-L1-0000-00A01 Datasheet
1Mb / 18P
   XLamp XP-C LEDs
XPEWHT-L1-0000-00C01 CREE-XPEWHT-L1-0000-00C01 Datasheet
1Mb / 18P
   XLamp XP-E LEDs
XHP35 CREE-XHP35 Datasheet
2Mb / 37P
   Cree XLamp XHP35 LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com