Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XQEAWT-H0-0000-00000U8E7 Datasheet(PDF) 1 Page - Cree, Inc

Part # XQEAWT-H0-0000-00000U8E7
Description  Cree XLamp XQ-E LEDs
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XQEAWT-H0-0000-00000U8E7 Datasheet(HTML) 1 Page - Cree, Inc

  XQEAWT-H0-0000-00000U8E7 Datasheet HTML 1Page - Cree, Inc XQEAWT-H0-0000-00000U8E7 Datasheet HTML 2Page - Cree, Inc XQEAWT-H0-0000-00000U8E7 Datasheet HTML 3Page - Cree, Inc XQEAWT-H0-0000-00000U8E7 Datasheet HTML 4Page - Cree, Inc XQEAWT-H0-0000-00000U8E7 Datasheet HTML 5Page - Cree, Inc XQEAWT-H0-0000-00000U8E7 Datasheet HTML 6Page - Cree, Inc XQEAWT-H0-0000-00000U8E7 Datasheet HTML 7Page - Cree, Inc XQEAWT-H0-0000-00000U8E7 Datasheet HTML 8Page - Cree, Inc XQEAWT-H0-0000-00000U8E7 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
Product family data sheet
Copyright © 2013-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree® and XLamp® are
registered trademarks and the Cree logo is a trademark of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Cree® XLamp® XQ-E LEDs
XQ-E High Density LEDs
XQ-E High Intensity LEDs
ProDuCt DEsCrIPtIon
The XLamp® XQ-e LeDs are available
in two versions: high density and
high intensity. The XQ-e High Density
LeD enables lighting manufacturers
to significantly reduce the size and
total cost of their LeD luminaires
versus similar performance 3.5-mm
footprint LEDs, without sacrificing
lumen output, efficacy or reliability.
The XQ-e’s combination of optical
symmetry, consistent design across all
configurations and tiny 1.6 mm X 1.6 mm
footprint simplifies manufacturing and
design while providing excellent color
mixing.
The new XQ-e High Intensity LeD uses an
innovativeprimaryopticdesignoptimized
to deliver maximum candela, especially
through narrow-beam secondary optics.
FEAturEs
• Cree’s smallest lighting class LeD:
1.6 mm X 1.6 mm
• Available in high-density &
high-intensity versions for design
flexibility
• Available in 70, 80, & 90 CRI white,
royal blue, blue, green, PC amber,
red-orange, red, photo red & high
efficiency (HE) photo red
• Maximum drive current: 1 A (high
density & high intensity)
• Reflow solderable - JEDEC
J-STD-020C compatible
• Unlimited floor life at
≤ 30 °C/85% RH
• RoHS and ReACh compliant
• UL® recognized component (E349212)
tAbLE oF ContEnts
Characteristics ............................................2
Flux Characteristics - High Density White .3
Flux Characteristics - High Density Color..4
Flux Characteristics - High Intensity
White............................................................6
Flux Characteristics - High Intensity
Color.............................................................7
Relative Spectral Power Distribution .........9
Relative Flux vs. Junction Temperature.. 11
electrical Characteristics......................... 14
Relative Flux vs. Current .......................... 16
Typical Spatial Distribution...................... 19
Thermal Design........................................ 21
Reflow Soldering Characteristics............ 24
Notes ........................................................ 25
Mechanical Dimensions .......................... 27
Tape and Reel........................................... 29
Packaging................................................. 31


Similar Part No. - XQEAWT-H0-0000-00000U8E7

ManufacturerPart #DatasheetDescription
logo
Cree LED
XQEAWT-H0-0000-00000U8E7 CREELED-XQEAWT-H0-0000-00000U8E7 Datasheet
2Mb / 56P
   XLamp® XQ-E LEDs
REV 12C
More results

Similar Description - XQEAWT-H0-0000-00000U8E7

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XQ-A CREE-XQ-A Datasheet
1Mb / 19P
   Cree XLamp XQ-A LEDs
XQEAWT-00-0000-00000LEE1 CREE-XQEAWT-00-0000-00000LEE1 Datasheet
1Mb / 16P
   XLamp XQ-E LEDs
logo
Cree LED
XQ-E CREELED-XQ-E Datasheet
2Mb / 56P
   XLamp® XQ-E LEDs
REV 12C
logo
Cree, Inc
XT-E CREE-XT-E Datasheet
2Mb / 45P
   Cree XLamp XT-E LEDs
XQBAWT-00-0000-000000051 CREE-XQBAWT-00-0000-000000051 Datasheet
954Kb / 10P
   Cree XLamp XQ-B LED
2013
XPEWHT-L1-0000-00C01 CREE-XPEWHT-L1-0000-00C01_V01 Datasheet
2Mb / 44P
   Cree® XLamp® XP-E LEDs
2008-2018
XHP35 CREE-XHP35 Datasheet
2Mb / 37P
   Cree XLamp XHP35 LEDs
MX3SWT-A1-0000-000E51 CREE-MX3SWT-A1-0000-000E51 Datasheet
988Kb / 10P
   Cree XLamp MX-3S LEDs
XP-L CREE-XP-L Datasheet
2Mb / 35P
   Cree XLamp XP-L LEDs
XP-G3 CREE-XP-G3 Datasheet
2Mb / 33P
   Cree XLamp XP-G3 LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com