Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS42SM16800H-6BLI Datasheet(PDF) 11 Page - Integrated Silicon Solution, Inc

Part # IS42SM16800H-6BLI
Description  2M x 16Bits x 4Banks Mobile Synchronous DRAM
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS42SM16800H-6BLI Datasheet(HTML) 11 Page - Integrated Silicon Solution, Inc

Back Button IS42SM16800H-6BLI Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS42SM16800H-6BLI Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS42SM16800H-6BLI Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS42SM16800H-6BLI Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS42SM16800H-6BLI Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS42SM16800H-6BLI Datasheet HTML 12Page - Integrated Silicon Solution, Inc IS42SM16800H-6BLI Datasheet HTML 13Page - Integrated Silicon Solution, Inc IS42SM16800H-6BLI Datasheet HTML 14Page - Integrated Silicon Solution, Inc IS42SM16800H-6BLI Datasheet HTML 15Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
11
www.issi.com - DRAM@issi.com
Rev. A | November 2015
IS42/45SM/RM/VM16800H
Table4: Command Truth Table
Function
CKEn-1
CKEn
/CS
/RAS
/CAS
/WE
DQM
ADDR
A10
Note
Device Deselect (NOP)
H
X
H
X
X
X
X
X
No Operation (NOP)
H
X
L
H
H
H
X
X
Mode Register Set
H
X
L
L
L
L
X
OP CODE
4
Extended Mode Register Set
H
X
L
L
L
L
X
OP CODE
4
Active (select bank and
activate row)
H
X
L
L
H
H
X
Bank/Row
Read
H
X
L
H
L
H
L/H
Bank/Col
L
5
Read with Autoprecharge
H
X
L
H
L
H
L/H
Bank/Col
H
5
Write
H
X
L
H
L
L
L/H
Bank/Col
L
5
Write with Autoprecharge
H
X
L
H
L
L
L/H
Bank/Col
H
5
Precharge All Banks
H
X
L
L
H
L
X
X
H
Precharge Selected Bank
H
X
L
L
H
L
X
Bank
L
Burst Stop
H
H
L
H
H
L
X
X
Auto Refresh
H
H
L
L
L
H
X
X
3
Self Refresh Entry
H
L
L
L
L
H
X
X
3
Self Refresh Exit
L
H
H
X
X
X
X
X
2
L
H
H
H
Precharge Power Down Entry
H
L
H
X
X
X
X
X
L
H
H
H
Precharge Down Exit
L
H
H
X
X
X
X
X
L
H
H
H
Clock Suspend Entry
H
L
H
X
X
X
X
X
L
V
V
V
Clock Suspend Exit
L
H
X
X
X
Deep Power Down Entry
H
L
L
H
H
L
X
X
6
Deep Power Down Exit
L
H
X
X
X
Note :
1. CKEn is the logic state of CKE at clock edge n; CKEn-1 was the state of CKE at the previous clock edge.
H: High Level, L: Low Level, X: Don't Care, V: Valid
2. Exiting Self Refresh occurs by asynchronously bringing CKE from low to high and will put the device in the all banks idle state once
tXSR is met. Command Inhibit or NOP commands should be issued on any clock edges occuring during the tXSR period. A minimum
of two NOP commands must be provided during tXSR period.
3. During refresh operation, internal refresh counter controls row addressing; all inputs and I/Os are “Don’t Care” except for CKE.
4. A0-A11 define OP CODE written to the mode register, and BA must be issued 0 in the mode register set, and 1 in the extended
mode register set.
5. DQM “L” means the data Write/Ouput Enable and “H” means the Write inhibit/Output High-Z. Write DQM Latency is 0 CLK and Read
DQM Latency is 2 CLK.
6. Standard SDRAM parts assign this command sequence as Burst Terminate. For Bat Ram parts, the Burst Terminate command is
assigned to the Deep Power Down function.


Similar Part No. - IS42SM16800H-6BLI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS42SM16800F ISSI-IS42SM16800F Datasheet
253Kb / 27P
   Auto refresh and self refresh
IS42SM16800F-75BLI ISSI-IS42SM16800F-75BLI Datasheet
253Kb / 27P
   Auto refresh and self refresh
IS42SM16800G-6BLI ISSI-IS42SM16800G-6BLI Datasheet
470Kb / 33P
   2M x 16Bits x 4Banks Mobile Synchronous DRAM
IS42SM16800G-75BI ISSI-IS42SM16800G-75BI Datasheet
470Kb / 33P
   2M x 16Bits x 4Banks Mobile Synchronous DRAM
IS42SM16800G-75BLI ISSI-IS42SM16800G-75BLI Datasheet
470Kb / 33P
   2M x 16Bits x 4Banks Mobile Synchronous DRAM
More results

Similar Description - IS42SM16800H-6BLI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS42VM16800F ISSI-IS42VM16800F Datasheet
465Kb / 27P
   2M x 16Bits x 4Banks Mobile Synchronous DRAM
IS42VM16800H ISSI-IS42VM16800H Datasheet
847Kb / 33P
   2M x 16Bits x 4Banks Mobile Synchronous DRAM
IS42SM16800G-6BLI ISSI-IS42SM16800G-6BLI Datasheet
470Kb / 33P
   2M x 16Bits x 4Banks Mobile Synchronous DRAM
logo
Hynix Semiconductor
HY5Y2B6DLF-HE HYNIX-HY5Y2B6DLF-HE Datasheet
1Mb / 26P
   4Banks x 2M x 16bits Synchronous DRAM
HY5S2B6DLF-SE HYNIX-HY5S2B6DLF-SE Datasheet
1Mb / 26P
   4Banks x 2M x 16bits Synchronous DRAM
HY5W2B6DLF-HE HYNIX-HY5W2B6DLF-HE Datasheet
1Mb / 26P
   4Banks x 2M x 16bits Synchronous DRAM
logo
Integrated Silicon Solu...
IS42VM16160E ISSI-IS42VM16160E Datasheet
838Kb / 33P
   4M x 16Bits x 4Banks Mobile Synchronous DRAM
IS42VM16320D ISSI-IS42VM16320D Datasheet
550Kb / 27P
   8M x 16Bits x 4Banks Mobile Synchronous DRAM
IS42VM16320E ISSI-IS42VM16320E Datasheet
832Kb / 33P
   8M x 16Bits x 4Banks Mobile Synchronous DRAM
IS42SM ISSI-IS42SM Datasheet
1Mb / 33P
   1M x 16Bits x 4Banks Mobile Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com