Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XPLAWT-00-0000-000BV60E5 Datasheet(PDF) 9 Page - Cree, Inc

Part # XPLAWT-00-0000-000BV60E5
Description  Cree XLamp XP-L LEDs
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XPLAWT-00-0000-000BV60E5 Datasheet(HTML) 9 Page - Cree, Inc

Back Button XPLAWT-00-0000-000BV60E5 Datasheet HTML 5Page - Cree, Inc XPLAWT-00-0000-000BV60E5 Datasheet HTML 6Page - Cree, Inc XPLAWT-00-0000-000BV60E5 Datasheet HTML 7Page - Cree, Inc XPLAWT-00-0000-000BV60E5 Datasheet HTML 8Page - Cree, Inc XPLAWT-00-0000-000BV60E5 Datasheet HTML 9Page - Cree, Inc XPLAWT-00-0000-000BV60E5 Datasheet HTML 10Page - Cree, Inc XPLAWT-00-0000-000BV60E5 Datasheet HTML 11Page - Cree, Inc XPLAWT-00-0000-000BV60E5 Datasheet HTML 12Page - Cree, Inc XPLAWT-00-0000-000BV60E5 Datasheet HTML 13Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
Notes
Cree maintains a tolerance of ±7% on flux and power measurements, ±0.005 on chromaticity (CCx, CCy) measurements and a
tolerance of ±2 on CRI measurements. See the Measurements section (page 29).
Cree XLamp XP-L LED order codes specify only a minimum flux bin and not a maximum. Cree may ship reels in flux bins higher than
the minimum specified by the order code without advance notice. Shipments will always adhere to the chromaticity bin restrictions
specified by the order code.
*
Flux values @ 25 °C are calculated and for reference only.
Copyright © 2014-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree® and XLamp® are registered trademarks and the Cree logo and SC5
Technology™ are trademarks of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
9
XLamp® Xp-L LED
Chromaticity
Minimum Luminous Flux (lm) @
1050 mA
order Codes
Kit
CCt
Code
Flux (lm)
@ 85 °C
Flux (lm)
@ 25 °C*
70 CrI Minimum
75 CrI typical
80 CrI Minimum
e3
5000 K
v2
400
446
XPLAWT-H0-0000-000BV20E3
XPLAWT-H0-0000-000LV20E3
U6
380
424
XPLAWT-H0-0000-000BU60E3
XPLAWT-H0-0000-000LU60E3
U5
360
401
XPLAWT-H0-0000-000BU50E3
XPLAWT-H0-0000-000LU50E3
F4
4750 K
v2
400
446
XPLAWT-H0-0000-000BV20F4
XPLAWT-H0-0000-000LV20F4
U6
380
424
XPLAWT-H0-0000-000BU60F4
XPLAWT-H0-0000-000LU60F4
U5
360
401
XPLAWT-H0-0000-000BU50F4
XPLAWT-H0-0000-000LU50F4
e4
4500 K
v2
400
446
XPLAWT-H0-0000-000BV20E4
XPLAWT-H0-0000-000LV20E4
U6
380
424
XPLAWT-H0-0000-000BU60E4
XPLAWT-H0-0000-000LU60E4
U5
360
401
XPLAWT-H0-0000-000BU50E4
XPLAWT-H0-0000-000LU50E4
F5
4250 K
v2
400
446
XPLAWT-H0-0000-000BV20F5
XPLAWT-H0-0000-000LV20F5
U6
380
424
XPLAWT-H0-0000-000BU60F5
XPLAWT-H0-0000-000LU60F5
U5
360
401
XPLAWT-H0-0000-000BU50F5
XPLAWT-H0-0000-000LU50F5
e5
4000 K
v2
400
446
XPLAWT-H0-0000-000BV20E5
XPLAWT-H0-0000-000LV20E5
U6
380
424
XPLAWT-H0-0000-000BU60E5
XPLAWT-H0-0000-000LU60E5
XPLAWT-H0-0000-000HU60E5
U5
360
401
XPLAWT-H0-0000-000BU50E5
XPLAWT-H0-0000-000LU50E5
XPLAWT-H0-0000-000HU50E5
U4
340
379
XPLAWT-H0-0000-000BU40E5
XPLAWT-H0-0000-000LU40E5
XPLAWT-H0-0000-000HU40E5
F6
3700 K
U5
360
401
XPLAWT-H0-0000-000LU50F6
XPLAWT-H0-0000-000HU50F6
U4
340
379
XPLAWT-H0-0000-000LU40F6
XPLAWT-H0-0000-000HU40F6
U3
320
357
XPLAWT-H0-0000-000LU30F6
XPLAWT-H0-0000-000HU30F6
FLuX CHArACtErIstICs - XP-L HIgH IntEnsIty (t
J = 85 °C) - Continued


Similar Part No. - XPLAWT-00-0000-000BV60E5

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
XPL2010 COILCRAFT-XPL2010 Datasheet
169Kb / 2P
   Power Inductors
XPL2010 COILCRAFT-XPL2010 Datasheet
159Kb / 2P
   Shielded Power Inductors
logo
Analog Devices
XPL2010-102ML AD-XPL2010-102ML Datasheet
826Kb / 28P
   Dual 3 MHz, 800 mA Buck
REV. A
XPL2010-102ML AD-XPL2010-102ML Datasheet
993Kb / 28P
   Dual 3 MHz, 1200 mA Buck
REV. A
XPL2010-102ML AD-XPL2010-102ML Datasheet
3Mb / 40P
   Micro PMU with 1.2 A Buck Regulator
REV. 0
More results

Similar Description - XPLAWT-00-0000-000BV60E5

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XP-G3 CREE-XP-G3 Datasheet
2Mb / 33P
   Cree XLamp XP-G3 LEDs
XP-E2 CREE-XP-E2 Datasheet
2Mb / 39P
   Cree XLamp XP-E2 LEDs
XP-G2 CREE-XP-G2 Datasheet
2Mb / 30P
   Cree XLamp XP-G2 LEDs
XP-L2 CREE-XP-L2 Datasheet
1Mb / 24P
   Cree XLamp XP-L2 LEDs
XPEWHT-L1-0000-00C01 CREE-XPEWHT-L1-0000-00C01_V01 Datasheet
2Mb / 44P
   Cree® XLamp® XP-E LEDs
2008-2018
XMLAWT-00-0000-0000T5051 CREE-XMLAWT-00-0000-0000T5051 Datasheet
727Kb / 12P
   Cree XLamp XM-L LEDs
XPEBWT-L1-0000-00C51 CREE-XPEBWT-L1-0000-00C51_14 Datasheet
1Mb / 17P
   XLamp XP-E2 LEDs
XPCWHT-L1-0000-00A01 CREE-XPCWHT-L1-0000-00A01 Datasheet
1Mb / 18P
   XLamp XP-C LEDs
XPEWHT-L1-0000-00C01 CREE-XPEWHT-L1-0000-00C01 Datasheet
1Mb / 18P
   XLamp XP-E LEDs
XHP35 CREE-XHP35 Datasheet
2Mb / 37P
   Cree XLamp XHP35 LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com