Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QR-P15 Datasheet(PDF) 4 Page - Hirose Electric

Part # QR-P15
Description  Ultra-small Rack/Panel Crimp Connectors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

QR-P15 Datasheet(HTML) 4 Page - Hirose Electric

  QR-P15 Datasheet HTML 1Page - Hirose Electric QR-P15 Datasheet HTML 2Page - Hirose Electric QR-P15 Datasheet HTML 3Page - Hirose Electric QR-P15 Datasheet HTML 4Page - Hirose Electric QR-P15 Datasheet HTML 5Page - Hirose Electric QR-P15 Datasheet HTML 6Page - Hirose Electric QR-P15 Datasheet HTML 7Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
QR/P15 Series
Ultra-small Rack/Panel Crimp Connectors
■Plugs
●8 pos.
QR/P15-40P
2-M3x0.5x8
Screw (Supplied not-attached)
(0.5mm float)
48
69.4
62
●40 pos.
●24 pos.
QR/P15-8P-C
34
26.6
12.6
2-M3x0.5x8
Screw (Supplied not-attached)
(0.5mm float)
QR/P15-24(4)P-C
59
51.6
2-M3x0.5x8
Screw (Supplied not-attached)
(0.5mm float)
40.75
Part Number
QR/P15-8P-C(50)
CL No.
CL221-0247-0-50
RoHS
YES
Part Number
QR/P15-24(4)P-C(50)
CL No.
CL221-0249-6-50
RoHS
YES
Part Number
QR/P15-40P(50)
CL No.
CL221-0252-0-50
RoHS
YES
All dimensions: mm
All dimensions: mm
All dimensions: mm
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.


Similar Part No. - QR-P15

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
QR-P1 HIROSE-QR-P1 Datasheet
252Kb / 4P
   Small Rectangualr Multi-electrode Solderless Connectors for Racks and Panels
QR-P1-12P-C HIROSE-QR-P1-12P-C Datasheet
252Kb / 4P
   Small Rectangualr Multi-electrode Solderless Connectors for Racks and Panels
QR-P1-16P-C HIROSE-QR-P1-16P-C Datasheet
252Kb / 4P
   Small Rectangualr Multi-electrode Solderless Connectors for Racks and Panels
QR-P1-24P-C HIROSE-QR-P1-24P-C Datasheet
252Kb / 4P
   Small Rectangualr Multi-electrode Solderless Connectors for Racks and Panels
QR-P1-32P-C HIROSE-QR-P1-32P-C Datasheet
252Kb / 4P
   Small Rectangualr Multi-electrode Solderless Connectors for Racks and Panels
More results

Similar Description - QR-P15

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
QR HIROSE-QR_18 Datasheet
368Kb / 8P
   Ultra-small Rack/Panel Crimp Connectors
QR-P8 HIROSE-QR-P8 Datasheet
247Kb / 4P
   Ultra-small Rectangular Multi-electrode Solderless Connectors for Rack and Panel Applications
QRP8-12P-C HIROSE-QRP8-12P-C_09 Datasheet
280Kb / 5P
   Ultra-small Rectangular Multi-electrode solderless Connectors for Rack and Panel Applications
QRP8-12P-C HIROSE-QRP8-12P-C Datasheet
202Kb / 4P
   Ultra-small Rectangular Multi-electrode solderless Connectors for Rack and Panel Applications
logo
ITT Industries
DPXNA ITT-DPXNA Datasheet
492Kb / 16P
   Rack and Panel Connectors
025-0767-001 ITT-025-0767-001 Datasheet
2Mb / 120P
   Cannon Rack & Panel Connectors
DPXB-57-34P-0101 ITT-DPXB-57-34P-0101 Datasheet
2Mb / 120P
   Cannon Rack & Panel Connectors
logo
Vishay Siliconix
MM22 VISHAY-MM22_08 Datasheet
261Kb / 8P
   Rack and Panel Connectors
Revision: 15-Feb-07
A20 VISHAY-A20 Datasheet
106Kb / 3P
   Rack and Panel Connectors
Revision: 08-Feb-07
MM22MM24 VISHAY-MM22MM24 Datasheet
209Kb / 6P
   Rack and Panel Connectors
Revision 22-Aug-00
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com