Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA452FA Datasheet(PDF) 2 Page - Texas Instruments

Part # OPA452FA
Description  80V, 50mA OPERATIONAL AMPLIFIERS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA452FA Datasheet(HTML) 2 Page - Texas Instruments

  OPA452FA Datasheet HTML 1Page - Texas Instruments OPA452FA Datasheet HTML 2Page - Texas Instruments OPA452FA Datasheet HTML 3Page - Texas Instruments OPA452FA Datasheet HTML 4Page - Texas Instruments OPA452FA Datasheet HTML 5Page - Texas Instruments OPA452FA Datasheet HTML 6Page - Texas Instruments OPA452FA Datasheet HTML 7Page - Texas Instruments OPA452FA Datasheet HTML 8Page - Texas Instruments OPA452FA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
OPA452, 453
2
SBOS127C
www.ti.com
Supply Voltage, V+ to V– ................................................................... 80V
Signal Input Terminals, Voltage(2) .................. (V–) – 0.5V to (V+) + 0.5V
Current(2) ...................................................... 5mA
Output Short-Circuit ................................................................. Continuous
Operating Temperature .................................................. –55
°C to +125°C
Storage Temperature ..................................................... –65
°C to +150°C
Junction Temperature .................................................................... +150
°C
Lead Temperature (soldering 10s, TO-220) ................................... 300
°C
(soldering 3s, DDPAK) ..................................... 240
°C
NOTES: (1) Stresses above these ratings may cause permanent damage.
Exposure to absolute maximum conditions for extended periods may degrade
device reliability. (2) Input terminals are diode-clamped to the power-supply
rails. Input signals that can swing more than 0.5V beyond the supply rails
should be current limited to 5mA or less.
PACKAGE/ORDERING INFORMATION
For the most current package and ordering information, see the
Package Option Addendum located at the end of this data
sheet.
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Texas Instru-
ments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling
and installation procedures can cause damage.
ESD damage can range from subtle performance degrada-
tion to complete device failure. Precision integrated circuits
may be more susceptible to damage because very small
parametric changes could cause the device not to meet its
published specifications.
ABSOLUTE MAXIMUM RATINGS(1)


Similar Part No. - OPA452FA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA452FA TI1-OPA452FA Datasheet
924Kb / 21P
[Old version datasheet]   80V, 50mA OPERATIONAL AMPLIFIERS
OPA452FA/500 TI1-OPA452FA/500 Datasheet
924Kb / 21P
[Old version datasheet]   80V, 50mA OPERATIONAL AMPLIFIERS
OPA452FA/500G3 TI1-OPA452FA/500G3 Datasheet
924Kb / 21P
[Old version datasheet]   80V, 50mA OPERATIONAL AMPLIFIERS
OPA452FAKTWT TI1-OPA452FAKTWT Datasheet
924Kb / 21P
[Old version datasheet]   80V, 50mA OPERATIONAL AMPLIFIERS
OPA452FAKTWTG3 TI1-OPA452FAKTWTG3 Datasheet
924Kb / 21P
[Old version datasheet]   80V, 50mA OPERATIONAL AMPLIFIERS
More results

Similar Description - OPA452FA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA452 TI1-OPA452_13 Datasheet
924Kb / 21P
[Old version datasheet]   80V, 50mA OPERATIONAL AMPLIFIERS
OPA454 TI-OPA454 Datasheet
1Mb / 36P
[Old version datasheet]   High-Voltage (100V), High-Current (50mA) OPERATIONAL AMPLIFIERS, G = 1 Stable
logo
Linear Technology
LM308A LINER-LM308A_15 Datasheet
459Kb / 8P
   OPERATIONAL AMPLIFIERS
logo
Analog Devices
AD8529 AD-AD8529_15 Datasheet
400Kb / 16P
   Operational Amplifiers
REV. D
logo
Texas Instruments
LM112 TI1-LM112_11 Datasheet
450Kb / 8P
[Old version datasheet]   Operational Amplifiers
LM107 TI1-LM107_11 Datasheet
444Kb / 12P
[Old version datasheet]   Operational Amplifiers
logo
National Semiconductor ...
LM101A NSC-LM101A_00 Datasheet
608Kb / 20P
   Operational Amplifiers
logo
Maxwell Technologies
OP284 MAXWELL-OP284 Datasheet
861Kb / 16P
   Operational Amplifiers
logo
National Semiconductor ...
LM108 NSC-LM108 Datasheet
289Kb / 10P
   Operational Amplifiers
logo
Motorola, Inc
LM301A MOTOROLA-LM301A Datasheet
130Kb / 6P
   Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com