Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HLC108A Datasheet(PDF) 6 Page - Copal Electronics

Part # HLC108A
Description  Miniature Rocker Switches
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

HLC108A Datasheet(HTML) 6 Page - Copal Electronics

  HLC108A Datasheet HTML 1Page - Copal Electronics HLC108A Datasheet HTML 2Page - Copal Electronics HLC108A Datasheet HTML 3Page - Copal Electronics HLC108A Datasheet HTML 4Page - Copal Electronics HLC108A Datasheet HTML 5Page - Copal Electronics HLC108A Datasheet HTML 6Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
■ Miniature Poewr Switches
Poles
Type
Switching function
(※1)
(※2)
1 pole
HLA112D
ON
−ON
○○
HLA112D12
○○
HLC112D
○○
HLC112D12
○○
HLS112D
○○
HLS112D12
○○
STE115D10
−Z
○○
■ A series
Poles Part number Switching function
(※1)
1 pole
ALE1D
−2M4−10−Z
ON
−OFF− ON
ALE1D
−5M4−10−Z
ALE1E
−2M4−10−Z
ON
−OFF− ON
ALE1E
−5M4−10−Z
ALE1F
−2M4−10−Z
ON
−(ON)
ALE1F
−5M4−10−Z
ALE1G
−2M4−10−Z
(ON)−OFF−(ON)
ALE1G
−5M4−10−Z
ALE1H
−2M4−10−Z
ON
−OFF−(ON)
ALE1H
−5M4−10−Z
2 poles
ALE2D
−2M4−10−Z
ON
ON
ALE2D
−5M4−10−Z
ALE2N
−2M4−10−Z
ALE2E
−2M4−10−Z
ON
−OFF− ON
ALE2E
−5M4−10−Z
ALE2P
−2M4−10−Z
ALE2F
−2M4−10−Z
ON
−(ON)
ALE2F
−5M4−10−Z
ALE2R
−2M4−10−Z
ALE2G
−2M4−10−Z
(ON)−OFF−(ON)
ALE2G
−5M4−10−Z
ALE2S
−2M4−10−Z
ALE2H
−2M4−10−Z
ON
−OFF−(ON)
ALE2H
−5M4−10−Z
ALE2T
−2M4−10−Z
■Miniature Rocker Switches
Poles Part number Switching function
(※1)
(※2)
1 pole
HLA112A
ON
−OFF
○○
HLA112A12
○○
HLC112A
○○
HLC112A12
○○
HLS112A
○○
HLS112A12
○○
STE115A10
−Z
○○
STE115A12
−Z
○○
2 poles
HLA208K
○○
HLA208K12
○○
HLC208K
○○
HLC208K12
○○
HLS208K
○○
HLS208K12
○○
■ Miniature Rocker Switches
Poles Part number Switching function
(※1)
(※2)
(※4)
(※5)
Poles Part number Switching function
(※1)
(※2)
(※4)
(※5)
1
−pole
SLE6A
ON
−OFF
○○○○
1
−pole
SLE10A
ON
−OFF
○○○○
SLE6A-5
○○○○
SLE10A-5
○○○○
SLE6A-6
○○○○
SLE10A-6
○○○○
SLE6A-7
○○○○
SLE10A-7
○○○○
SLE6A-8
○○○○
SLE10A-8
○○○○
SLE6A2
○○○○
SLE10A2
○○○○
SLE6A2-5
○○○○
SLE10A2-5
○○○○
SLE6A2-6
○○○○
SLE10A2-6
○○○○
SLE6A2-7
○○○○
SLE10A2-7
○○○○
SLE6A2-8
○○○○
SLE10A2-8
○○○○
SLE6A4
○○○○
SLE10A4
○○○○
SLE6A4-5
○○○○
SLE10A4-5
○○○○
SLE6A4-6
○○○○
SLE10A4-6
○○○○
SLE6A4-7
○○○○
SLE10A4-7
○○○○
SLE6A4-8
○○○○
SLE10A4-8
○○○○
SLE6A5
○○○○
SLE10A5
○○○○
SLE6A5-5
○○○○
SLE10A5-5
○○○○
SLE6A5-6
○○○○
SLE10A5-6
○○○○
SLE6A5-7
○○○○
SLE10A5-7
○○○○
SLE6A5-8
○○○○
SLE10A5-8
○○○○
SLE6D
ON
−ON
○○○○
SLE10D
ON
−ON
○○○○
SLE6D-5
○○○○
SLE10D-5
○○○○
SLE6D-6
○○○○
SLE10D-6
○○○○
SLE6D-7
○○○○
SLE10D-7
○○○○
SLE6D-8
○○○○
SLE10D-8
○○○○
SLE6D2
○○○○
SLE10D2
○○○○
SLE6D2-5
○○○○
SLE10D2-5
○○○○
SLE6D2-6
○○○○
SLE10D2-6
○○○○
SLE6D2-7
○○○○
SLE10D2-7
○○○○
SLE6D2-8
○○○○
SLE10D2-8
○○○○
SLE6D4
○○○○
SLE10D4
○○○○
SLE6D4-5
○○○○
SLE10D4-5
○○○○
SLE6D4-6
○○○○
SLE10D4-6
○○○○
SLE6D4-7
○○○○
SLE10D4-7
○○○○
SLE6D4-8
○○○○
SLE10D4-8
○○○○
SLE6D5
○○○○
SLE10D5
○○○○
SLE6D5-5
○○○○
SLE10D5-5
○○○○
SLE6D5-6
○○○○
SLE10D5-6
○○○○
SLE6D5-7
○○○○
SLE10D5-7
○○○○
SLE6D5-8
○○○○
SLE10D5-8
○○○○
(※1)UL File No. E43275
(※2)CSA File No. LR38341
(※4)VDE File No. 120752
(※5)SEMKO File No. 614385
Poles
Type
Switching function
(※1)
(※2)
2 poles
HLA208N
ON
−ON
○○
HLA208N12
○○
HLC208N
○○
HLC208N12
○○
HLS208N
○○
HLS208N12
○○


Similar Part No. - HLC108A

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
HLC1395 HONEYWELL-ACC-HLC1395 Datasheet
1Mb / 18P
   Infrared Sensors Line Guide
HLC1395 HONEYWELL-ACC-HLC1395 Datasheet
417Kb / 4P
   Side-looking plastic package
logo
Honeywell Solid State E...
HLC1395 HONEYWELL-HLC1395 Datasheet
1Mb / 18P
   Infrared Sensors Line Guide
logo
Honeywell Accelerometer...
HLC1395-001 HONEYWELL-ACC-HLC1395-001 Datasheet
417Kb / 4P
   Side-looking plastic package
More results

Similar Description - HLC108A

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
ELE COPAL-ELE Datasheet
837Kb / 6P
   Miniature Rocker Switches
logo
GREATECS
RK13 GREATECS-RK13 Datasheet
888Kb / 5P
   Miniature Rocker & Paddle Switches
logo
List of Unclassifed Man...
SLE210K-7 ETC2-SLE210K-7 Datasheet
529Kb / 3P
   Miniature Power Rocker Switches
logo
Copal Electronics
SLE6 COPAL-SLE6 Datasheet
297Kb / 4P
   Miniature Power Rocker Switches
logo
Grayhill, Inc
47CMSP1R2M6RT GRAYHILL-47CMSP1R2M6RT Datasheet
142Kb / 3P
   Sub-Miniature Rocker Switches
logo
List of Unclassifed Man...
H8500PO ETC2-H8500PO Datasheet
858Kb / 2P
   8500 Rocker Switches - Miniature
H8550VBXXXB ETC2-H8550VBXXXB Datasheet
190Kb / 2P
   8500 Rocker Switches - Miniature
SLE210K-5 ETC2-SLE210K-5 Datasheet
529Kb / 3P
   Miniature Power Rocker Switches
logo
Copal Electronics
SLE10K COPAL-SLE10K Datasheet
217Kb / 2P
   Miniature Power Rocker Switches
logo
GREATECS
RK15 GREATECS-RK15 Datasheet
349Kb / 2P
   Sub-Miniature Rocker Switches
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com