Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PO5GJ-HRMJ Datasheet(PDF) 5 Page - Hirose Electric

Part # PO5GJ-HRMJ
Description  5.8 GHz Mobile Coaxial Connectors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

PO5GJ-HRMJ Datasheet(HTML) 5 Page - Hirose Electric

  PO5GJ-HRMJ Datasheet HTML 1Page - Hirose Electric PO5GJ-HRMJ Datasheet HTML 2Page - Hirose Electric PO5GJ-HRMJ Datasheet HTML 3Page - Hirose Electric PO5GJ-HRMJ Datasheet HTML 4Page - Hirose Electric PO5GJ-HRMJ Datasheet HTML 5Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
95
PO5G Series
SMA Plug
PO5G mating
SMA Receptacle
Measurement System
50
PCB
1.5DS-GXC-SP
(500mm)
High Frequency Characteristics (V.S.W.R.)
1.5
1.4
1.3
1.2
1.1
1.0
0
1.0
2.0
0.045GHZ
3GHZ
6GHZ
Insertion Loss
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.


Similar Part No. - PO5GJ-HRMJ

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
PO51 HIROSE-PO51 Datasheet
331Kb / 8P
   Co-axial connectors
PO51-LP1.5-A HIROSE-PO51-LP1.5-A Datasheet
331Kb / 8P
   Co-axial connectors
PO51-P-1.5-1A HIROSE-PO51-P-1.5-1A Datasheet
331Kb / 8P
   Co-axial connectors
PO51-PR-PC-A HIROSE-PO51-PR-PC-A Datasheet
331Kb / 8P
   Co-axial connectors
PO51M-J-1.5W HIROSE-PO51M-J-1.5W Datasheet
707Kb / 10P
   2mm Hard Metric Coaxial Connector
More results

Similar Description - PO5GJ-HRMJ

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
P05G-P-1.5DHQS HIROSE-P05G-P-1.5DHQS Datasheet
88Kb / 4P
    5.8 GHz Mobile Coaxial Connectors
logo
Transcom, Inc.
TC3531 TRANSCOM-TC3531 Datasheet
83Kb / 3P
   5.8 GHz 1W MMIC
logo
World Produts Inc.
WPANT30058-RA WPI-WPANT30058-RA Datasheet
67Kb / 2P
   5.8 GHz Directional Antenna
logo
TOKO, Inc
DAT TOKO-DAT Datasheet
103Kb / 2P
   5.8 GHZ DIELECTRIC ANTENNA
logo
Johanson Technology Inc...
5800BP18A0100 JOHANSON-5800BP18A0100 Datasheet
92Kb / 2P
   5.8 GHz Band Pass Filter
logo
ATMEL Corporation
ATR7040 ATMEL-ATR7040 Datasheet
118Kb / 8P
   5.8 GHz WDCT Power Amplifier
logo
World Produts Inc.
WPANT30057-RA WPI-WPANT30057-RA Datasheet
69Kb / 2P
   5.8 GHz Omni-Directional Antenna
logo
ATMEL Corporation
ATR2809 ATMEL-ATR2809_06 Datasheet
172Kb / 3P
   5.8-GHz Down Converter IC
ATR7035 ATMEL-ATR7035_05 Datasheet
178Kb / 3P
   5.8 GHz WDCT Power Amplifier
ATR2809 ATMEL-ATR2809 Datasheet
145Kb / 3P
   5.8-GHz DOWN CONVERTER IC
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com