Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XP-G3 Datasheet(PDF) 3 Page - Cree, Inc

Part # XP-G3
Description  Cree XLamp XP-G3 LEDs
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XP-G3 Datasheet(HTML) 3 Page - Cree, Inc

  XP-G3 Datasheet HTML 1Page - Cree, Inc XP-G3 Datasheet HTML 2Page - Cree, Inc XP-G3 Datasheet HTML 3Page - Cree, Inc XP-G3 Datasheet HTML 4Page - Cree, Inc XP-G3 Datasheet HTML 5Page - Cree, Inc XP-G3 Datasheet HTML 6Page - Cree, Inc XP-G3 Datasheet HTML 7Page - Cree, Inc XP-G3 Datasheet HTML 8Page - Cree, Inc XP-G3 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
Copyright © 2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, XLamp® and EasyWhite® are registered trademarks and SC5 Technology and the
Cree logo are trademarks of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
3
XLamp® Xp-G3 LED
Notes
Cree maintains a tolerance of ±7% on flux and power measurements, ±0.005 on chromaticity (CCx, CCy) measurements and a
tolerance of ±2 on CRI measurements. See the Measurements section (page 29).
Cree XLamp XP-G3 LED order codes specify only a minimum flux bin and not a maximum. Cree may ship reels in flux bins higher than
the minimum specified by the order code without advance notice. Shipments will always adhere to the chromaticity bin restrictions
specified by the order code.
*
Flux values @ 25 °C are calculated and for reference only.
FLuX ChArACtEristiCs (t
J = 85 °C)
The following table provides order codes for XLamp XP-G3 LEDs. For a complete description of the order code nomenclature, please see
the Bin and Order Code Formats section (page 27). For definitions of the chromaticity kits, please see the Cree’s Standard Chromaticity
Kits section (page 26).
Chromaticity
Minimum Luminous Flux (lm) @
350 mA
order Codes
Kit
CCt
Code
Flux (lm)
@ 85 °C
Flux (lm)
@25 °C*
70 Cri typical
70 Cri Minimum
80 Cri Minimum
90 Cri Minimum
CB
6500 K
S3
156
170
XPGDWT-H1-0000-00KCB
S2
148
161
XPGDWT-H1-0000-00JCB
R5
139
152
XPGDWT-H1-0000-00HCB
50
6000 K
S5
172
187
XPGDWT-01-0000-00M50
S4
164
179
XPGDWT-01-0000-00L50
XPGDWT-B1-0000-00L50
S3
156
170
XPGDWT-01-0000-00K50
XPGDWT-B1-0000-00K50
XPGDWT-H1-0000-00K50
S2
148
161
XPGDWT-01-0000-00J50
XPGDWT-B1-0000-00J50
XPGDWT-H1-0000-00J50
R5
139
152
XPGDWT-H1-0000-00H50
R4
130
142
R3
122
133
XPGDWT-U1-0000-00F50
R2
114
124
XPGDWT-U1-0000-00E50
e0
>6500 K
S4
164
179
XPGDWT-01-0000-00LE0
XPGDWT-B1-0000-00LE0
S3
156
170
XPGDWT-01-0000-00KE0
XPGDWT-B1-0000-00KE0
XPGDWT-H1-0000-00KE0
S2
148
161
XPGDWT-01-0000-00JE0
XPGDWT-B1-0000-00JE0
XPGDWT-H1-0000-00JE0
R5
139
152
XPGDWT-H1-0000-00HE0
e1
6500 K
S4
164
179
XPGDWT-01-0000-00LE1
XPGDWT-B1-0000-00LE1
S3
156
170
XPGDWT-01-0000-00KE1
XPGDWT-B1-0000-00KE1
XPGDWT-H1-0000-00KE1
S2
148
161
XPGDWT-01-0000-00JE1
XPGDWT-B1-0000-00JE1
XPGDWT-H1-0000-00JE1
R5
139
152
XPGDWT-H1-0000-00HE1


Similar Part No. - XP-G3

ManufacturerPart #DatasheetDescription
logo
Cree LED
XP-G3 CREELED-XP-G3 Datasheet
1Mb / 48P
   XLamp® XP-G3 LEDs
REV 9
More results

Similar Description - XP-G3

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XLAMP-XPG3 CREE-XLAMP-XPG3 Datasheet
2Mb / 49P
   XLamp® XP-G3 LEDs
REV 11
logo
Cree LED
XP-G3 CREELED-XP-G3 Datasheet
1Mb / 48P
   XLamp® XP-G3 LEDs
REV 9
logo
Cree, Inc
XP-L CREE-XP-L Datasheet
2Mb / 35P
   Cree XLamp XP-L LEDs
XP-E2 CREE-XP-E2 Datasheet
2Mb / 39P
   Cree XLamp XP-E2 LEDs
XP-G2 CREE-XP-G2 Datasheet
2Mb / 30P
   Cree XLamp XP-G2 LEDs
XP-L2 CREE-XP-L2 Datasheet
1Mb / 24P
   Cree XLamp XP-L2 LEDs
XPEWHT-L1-0000-00C01 CREE-XPEWHT-L1-0000-00C01_V01 Datasheet
2Mb / 44P
   Cree® XLamp® XP-E LEDs
2008-2018
XPEBWT-L1-0000-00C51 CREE-XPEBWT-L1-0000-00C51_14 Datasheet
1Mb / 17P
   XLamp XP-E2 LEDs
XPCWHT-L1-0000-00A01 CREE-XPCWHT-L1-0000-00A01 Datasheet
1Mb / 18P
   XLamp XP-C LEDs
XPEWHT-L1-0000-00C01 CREE-XPEWHT-L1-0000-00C01 Datasheet
1Mb / 18P
   XLamp XP-E LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com