Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MG16B Datasheet(PDF) 2 Page - Copal Electronics

Part # MG16B
Description  DC GEARED MOTORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

MG16B Datasheet(HTML) 2 Page - Copal Electronics

  MG16B Datasheet HTML 1Page - Copal Electronics MG16B Datasheet HTML 2Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PERFORMANCE CURVES
OUTLINE DIMENSIONS
(Unit: mm)
● MG16B-060-AA-00
1600
1200
800
400
0
300
CURRENT
[ mA ]
SPEED
[min
-1]
225
150
75
0
0
100
Torque mN·m
200
6V, Gear ratio 1/60
SPEED
CURRENT
● MG16B-120-AA-00
1600
1200
800
400
0
300
CURRENT
[ mA ]
SPEED
[min
-1]
225
150
75
0
Torque mN·m
0
200
400
6V, Gear ratio 1/120
SPEED
CURRENT
● MG16B-240-AA-00
1600
1200
800
400
0
80
CURRENT
[ mA ]
SPEED
[min
-1]
60
40
20
0
Torque mN·m
0
500
1000
6V, Gear ratio 1/ 240
SPEED
CURRENT
1600
1200
800
400
0
1000
CURRENT
[ mA ]
SPEED
[min
-1]
750
500
250
0
0
50
100
Torque mN·m
● MG16B-030-AA-00
6V, Gear ratio 1/30
SPEED
CURRENT
● MG16B-030-AB-00
1000
750
500
250
0
1000
CURRENT
[ mA ]
SPEED
[min
-1]
750
500
250
0
0
50
100
Torque mN·m
12V, Gear ratio 1/30
SPEED
CURRENT
● MG16B-060-AB-00
1000
750
500
250
0
300
CURRENT
[ mA ]
SPEED
[min
-1]
225
150
75
0
0
100
Torque mN·m
200
12V, Gear ratio 1/60
SPEED
CURRENT
● MG16B-120-AB-00
1000
750
500
250
0
300
CURRENT
[ mA ]
SPEED
[min
-1]
225
150
75
0
Torque mN·m
0
200
400
12V, Gear ratio 1/120
SPEED
CURRENT
● MG16B-240-AB-00
1000
750
500
250
0
80
CURRENT
[ mA ]
SPEED
[min
-1]
60
40
20
0
Torque mN·m
0
500
1000
12V, Gear ratio 1/ 240
SPEED
CURRENT
● MG16B-300-AB-00
Torque mN·m
0
500
1000
1000
750
500
250
0
60
CURRENT
[ mA ]
SPEED
[min
-1]
45
30
15
0
12V, Gear ratio 1/300
SPEED
CURRENT
● MG16B-300-AA-00
Torque mN·m
0
500
1000
1600
1200
800
400
0
60
CURRENT
[ mA ]
SPEED
[min
-1]
45
30
15
0
6V, Gear ratio 1/300
SPEED
CURRENT
DIRECTION OF ROTATION
11.2 0.2
11
0.15
2 – M2
(DEPTH:3.5)
5
1.6
(0.7)
10
A
20
(1)
Lot No.
Label
BLACK
UL1061LF AWG28
RED
(38)
14.6
Gear
ratio
A
14
17
20
Mark A
1/30
1/60
1/120 1/240 1/300
MG16B
DC GEARED MOTORS
(Figures in the table are typical values under rated operating condition.)


Similar Part No. - MG16B

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
MG1608-101Y BOURNS-MG1608-101Y Datasheet
1Mb / 9P
   High Impedance Chip Ferrite Beads
MG1608-101Y BOURNS-MG1608-101Y Datasheet
645Kb / 7P
   High Impedance Chip Ferrite Beads
MG1608-121Y BOURNS-MG1608-121Y Datasheet
934Kb / 8P
   High Impedance Chip Ferrite Beads
MG1608-121Y BOURNS-MG1608-121Y Datasheet
1Mb / 9P
   High Impedance Chip Ferrite Beads
MG1608-121Y BOURNS-MG1608-121Y Datasheet
645Kb / 7P
   High Impedance Chip Ferrite Beads
More results

Similar Description - MG16B

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
LC30G COPAL-LC30G Datasheet
70Kb / 2P
   DC GEARED MOTORS
HG16 COPAL-HG16 Datasheet
58Kb / 2P
   DC GEARED MOTORS
LA16G324B COPAL-LA16G324B Datasheet
75Kb / 2P
   DC GEARED MOTORS
HG37 COPAL-HG37 Datasheet
64Kb / 2P
   DC GEARED MOTORS
logo
List of Unclassifed Man...
LC37G ETC1-LC37G Datasheet
116Kb / 2P
   DC GEARED MOTORS
logo
Copal Electronics
LC20G COPAL-LC20G Datasheet
53Kb / 2P
   DC GEARED MOTORS
LC22G COPAL-LC22G Datasheet
80Kb / 3P
   DC GEARED MOTORS
logo
Mitsumi Electronics, Co...
M22E-13G MITSUMI-M22E-13G Datasheet
213Kb / 1P
   Geared Motors
M24N-1 MITSUMI-M24N-1 Datasheet
40Kb / 1P
   DC Mini-Motors
M28N-1 MITSUMI-M28N-1 Datasheet
47Kb / 1P
   DC Mini-Motors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com