Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HLA212K12 Datasheet(PDF) 5 Page - Copal Electronics

Part # HLA212K12
Description  Miniature Rocker Switches
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

HLA212K12 Datasheet(HTML) 5 Page - Copal Electronics

  HLA212K12 Datasheet HTML 1Page - Copal Electronics HLA212K12 Datasheet HTML 2Page - Copal Electronics HLA212K12 Datasheet HTML 3Page - Copal Electronics HLA212K12 Datasheet HTML 4Page - Copal Electronics HLA212K12 Datasheet HTML 5Page - Copal Electronics HLA212K12 Datasheet HTML 6Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
HLS308
HLS308
3
−poles
Part No.
HLS308A12
ON
OFF
Connecting
terminals
1
−2
3
−4
5
−6
Terminal numbers are shown on the bottom of the switch.
:WLJPÄJH[PVUZ
Rating
Initial contact resistance Dielectric strength Insulation resistance
Electrical life
Operating temperature range
Maximum rating
AC125V 8A
AC250V 5A 100mΩ Max.
(DC2∼4V 1A)
AC2000V
1 minute
100M
Ω Min.
(DC500V)
5,000
cycles
−15∼+85℃
Minimum rating
AC
・DC6V 1mA
The button is not replaceable (Color: White).
(Solder terminals)
Panel thickness
: 1
∼2mm
■Panel Cut-Out Dimensions
■:VSKLYPUN:WLJPÄJH[PVUZ
Device : Soldering iron
420
℃, Max.; 3 seconds, Max.
■Accessories(For HLC・HLS : Without HLS308)
《Supplied separately》
Accessories
Standard accessories
Optional accessories
Part name
Button
Button
Dimensions
4H[[LÄUPZO
Button color
Part number
Button color
Dot marking
Part number
Button color
Dot marking
Part number
White
140000480738
White
140000480739
White
Red
140000480874
Red
140000480628
Red
140000480686
White
Black
140000481081
Black
140000480621
Black
140000480685
Red
White
140000480711
Gray
140000480629
Gray
140000480687
Red
Black
140000480896
Green
140000480631
Green
140000480689
Black
White
140000480710
Blue
140000480632
Blue
140000480688
Black
Red
140000480650
Yellow
140000480630
Yellow
140000480690
Gray
White
140000480741
Brown
140000480633
Yellow
White
140000481511
Gray
Red
140000480800
−−
Brown
140000480691
Gray
Black
140000480865
φ2.5×0.5 の凹付き
(色入れなし)
with φ2.5 concave
表示マーク
Dot marking
:Optional Accessories.


Similar Part No. - HLA212K12

ManufacturerPart #DatasheetDescription
logo
Littelfuse
HLA251-73 LITTELFUSE-HLA251-73 Datasheet
455Kb / 4P
   H/I-Series
HLA251-78 LITTELFUSE-HLA251-78 Datasheet
455Kb / 4P
   H/I-Series
logo
Schneider Electric
HLA260151 SCHNEIDER-HLA260151 Datasheet
121Kb / 2P
   Circuit breaker, PowerPacT H, thermal magnetic, I-Line, 15A, 2 pole, 50 kA, 600 VAC, phase AB, 80% rated
HLA260152 SCHNEIDER-HLA260152 Datasheet
121Kb / 2P
   Circuit breaker, PowerPacT H, thermal magnetic, I-Line, 15A, 2 pole, 50 kA, 600 VAC, phase AC, 80% rated
HLA260153 SCHNEIDER-HLA260153 Datasheet
120Kb / 2P
   Circuit breaker, PowerPacT H, thermal magnetic, I-Line, 15A, 2 pole, 50 kA, 600 VAC, phase BA, 80% rated
More results

Similar Description - HLA212K12

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
ELE COPAL-ELE Datasheet
837Kb / 6P
   Miniature Rocker Switches
logo
GREATECS
RK13 GREATECS-RK13 Datasheet
888Kb / 5P
   Miniature Rocker & Paddle Switches
logo
List of Unclassifed Man...
SLE210K-7 ETC2-SLE210K-7 Datasheet
529Kb / 3P
   Miniature Power Rocker Switches
logo
Copal Electronics
SLE6 COPAL-SLE6 Datasheet
297Kb / 4P
   Miniature Power Rocker Switches
logo
Grayhill, Inc
47CMSP1R2M6RT GRAYHILL-47CMSP1R2M6RT Datasheet
142Kb / 3P
   Sub-Miniature Rocker Switches
logo
List of Unclassifed Man...
H8500PO ETC2-H8500PO Datasheet
858Kb / 2P
   8500 Rocker Switches - Miniature
H8550VBXXXB ETC2-H8550VBXXXB Datasheet
190Kb / 2P
   8500 Rocker Switches - Miniature
SLE210K-5 ETC2-SLE210K-5 Datasheet
529Kb / 3P
   Miniature Power Rocker Switches
logo
Copal Electronics
SLE10K COPAL-SLE10K Datasheet
217Kb / 2P
   Miniature Power Rocker Switches
logo
GREATECS
RK15 GREATECS-RK15 Datasheet
349Kb / 2P
   Sub-Miniature Rocker Switches
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com