Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NT6880H Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # NT6880H
Description  Keyboard Controller
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

NT6880H Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button NT6880H Datasheet HTML 4Page - List of Unclassifed Manufacturers NT6880H Datasheet HTML 5Page - List of Unclassifed Manufacturers NT6880H Datasheet HTML 6Page - List of Unclassifed Manufacturers NT6880H Datasheet HTML 7Page - List of Unclassifed Manufacturers NT6880H Datasheet HTML 8Page - List of Unclassifed Manufacturers NT6880H Datasheet HTML 9Page - List of Unclassifed Manufacturers NT6880H Datasheet HTML 10Page - List of Unclassifed Manufacturers NT6880H Datasheet HTML 11Page - List of Unclassifed Manufacturers NT6880H Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
NT6880
8
Absolute Maximum Ratings*
DC Supply Voltage . . . . . . . . . . . . . . . -0.3V to +7.0V
Input/Output Voltage . . . . . . GND -0.2V to VDD + 0.2V
Operating Ambient Temperature . . . . . . . . 0
°C to +70°C
Storage Temperature . . . . . . . . . . . . . -55
°C to +125°C
Operating Voltage (VDD) . . . . . . . . . . . . . +4.5V to 5.5V
*Comments
Stresses above those listed under "Absolute Maximum
Ratings" may cause permanent damage to this device.
These are stress ratings only. Functional operation of
this device at these or any other conditions above those
indicated in the operational sections of this specification
is not implied or intended. Exposure to the absolute
maximum rating conditions for extended periods may
affect device reliability.
DC Electrical Characteristics (VDD = 5V, GND = 0V, TA = 25
°C, FOSC = 4MHz, unless otherwise specified)
Symbol
Parameter
Min.
Typ.
Max.
Unit
Conditions
ICC
Power Supply Current
20
mA
No load
VIH
Input High Voltage
2
V
VIL
Input Low Voltage
0.8
V
VOH1
Output High Voltage (PORT 0, 1, 2,
3)
2.4
V
IOH1 = -100
µA
VOH2
Output High Voltage (CLK, DATA)
2.4
V
IOH2 = -400
µA, Note 1
VOH3
Output High Voltage (CLK, DATA)
2.4
V
IOH3 = -800
µA, Note 2
VOL1
Output Low Voltage (PORT 0, 1, 2)
0.4
V
IOL1 = 4mA
VOL2
Output Low Voltage (PORT 3)
0.4
V
IOL2 = 5mA
VOL3
Output Low Voltage (CLK, DATA)
0.4
V
IOL3 = 10mA
∆F/F
Initial Frequency Variation 1
+/-10
%
For RC OSC option
only; by Lots
∆F/F
Frequency Variation 2
+/-1
%
For ceramic resonator
option only; by Lots
ILED
LED Sink Current (LED 0, 1, 2)
10
14
17
mA
VOL = 3.2V
VLVR
Low Voltage Reset Threshold
3.0
V
TPOR
Power-on Reset Time
120
150
180
ms
TRSTB
RESET Input Low Pulse Width
2.5
µs
10 system clocks
RPH
RESET Pull High Resistor
220
K
Note 1: There are 2 types for DATA/CLK driving capability. The specification of VOH2 is the same as NT6868A. Under this
condition, user can select mask option 1 or 3 for this specification.
Note 2: The driving capability of DATA/CLK is higher than V OH2. Under this condition, a user can select mask option 5 or 7
for this specification.


Similar Part No. - NT6880H

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NT6881 ETC-NT6881 Datasheet
785Kb / 23P
   USB Keyboard Micro-Controller
More results

Similar Description - NT6880H

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
80C51SL-BG INTEL-80C51SL-BG Datasheet
2Mb / 30P
   KEYBOARD CONTROLLER
logo
List of Unclassifed Man...
NT6868A ETC-NT6868A Datasheet
205Kb / 14P
   Keyboard Controller
logo
Winbond
W83C43 WINBOND-W83C43 Datasheet
264Kb / 21P
   KEYBOARD CONTROLLER
logo
List of Unclassifed Man...
NT6868C ETC-NT6868C Datasheet
211Kb / 15P
   Keyboard Controller
logo
Winbond
W83C42 WINBOND-W83C42 Datasheet
92Kb / 15P
   KEYBOARD CONTROLLER
logo
List of Unclassifed Man...
EC3648 ETC1-EC3648 Datasheet
210Kb / 21P
   PS2 KEYBOARD CONTROLLER
VT82C42 ETC-VT82C42 Datasheet
61Kb / 13P
   VT82C42 Keyboard Controller
AU9410 ETC-AU9410 Datasheet
132Kb / 31P
   USB Keyboard Controller
AU9410 ETC1-AU9410_06 Datasheet
651Kb / 24P
   USB Keyboard Controller
logo
Winbond
W81281 WINBOND-W81281 Datasheet
324Kb / 37P
   USB Keyboard/ Device Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com