Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LA16G324B Datasheet(PDF) 1 Page - Copal Electronics

Part # LA16G324B
Description  DC GEARED MOTORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

LA16G324B Datasheet(HTML) 1 Page - Copal Electronics

  LA16G324B Datasheet HTML 1Page - Copal Electronics LA16G324B Datasheet HTML 2Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DC GEARED MOTORS
LA16G324B
Gear ratio
Part number
1/50
1/120
PART NUMBER DESIGNATION
LIST OF PART NUMBER
L A 1 6 G 3 2 4 B 5 0 M C
Series name
Gear ratio
501/50
1201/120
LA16G324B50MC
LA16G324B120MC
※ Verify the above part numbers when placing orders.
LA16G324B50MC
LA16G324B120MC
Weight : approx. 25 g
RoHS compliant


Similar Part No. - LA16G324B

ManufacturerPart #DatasheetDescription
logo
Sensata Technologies, I...
LA16-16-000A SENSATA-LA16-16-000A Datasheet
131Kb / 2P
   C Y LINDRICAL FRAMELESS LINEAR VOICE COIL ACTUATORS (VCA)
LA16-16-001A-4E SENSATA-LA16-16-001A-4E Datasheet
153Kb / 2P
   CYLINDRICAL SEMI-HOUSED LINEAR VOICE COIL ACTUATORS (VCA)
LA16-16-001A-4S SENSATA-LA16-16-001A-4S Datasheet
153Kb / 2P
   CYLINDRICAL SEMI-HOUSED LINEAR VOICE COIL ACTUATORS (VCA)
LA16-19-001A SENSATA-LA16-19-001A Datasheet
131Kb / 2P
   C Y LINDRICAL FRAMELESS LINEAR VOICE COIL ACTUATORS (VCA)
logo
Sanyo Semicon Device
LA1600 SANYO-LA1600 Datasheet
474Kb / 7P
   1-Band AM Radio
More results

Similar Description - LA16G324B

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
LC30G COPAL-LC30G Datasheet
70Kb / 2P
   DC GEARED MOTORS
HG16 COPAL-HG16 Datasheet
58Kb / 2P
   DC GEARED MOTORS
MG16B COPAL-MG16B Datasheet
69Kb / 2P
   DC GEARED MOTORS
HG37 COPAL-HG37 Datasheet
64Kb / 2P
   DC GEARED MOTORS
logo
List of Unclassifed Man...
LC37G ETC1-LC37G Datasheet
116Kb / 2P
   DC GEARED MOTORS
logo
Copal Electronics
LC20G COPAL-LC20G Datasheet
53Kb / 2P
   DC GEARED MOTORS
LC22G COPAL-LC22G Datasheet
80Kb / 3P
   DC GEARED MOTORS
logo
Mitsumi Electronics, Co...
M22E-13G MITSUMI-M22E-13G Datasheet
213Kb / 1P
   Geared Motors
M24N-1 MITSUMI-M24N-1 Datasheet
40Kb / 1P
   DC Mini-Motors
M28N-1 MITSUMI-M28N-1 Datasheet
47Kb / 1P
   DC Mini-Motors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com