Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HLA108D12 Datasheet(PDF) 3 Page - Copal Electronics

Part # HLA108D12
Description  Miniature Rocker Switches
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

HLA108D12 Datasheet(HTML) 3 Page - Copal Electronics

  HLA108D12 Datasheet HTML 1Page - Copal Electronics HLA108D12 Datasheet HTML 2Page - Copal Electronics HLA108D12 Datasheet HTML 3Page - Copal Electronics HLA108D12 Datasheet HTML 4Page - Copal Electronics HLA108D12 Datasheet HTML 5Page - Copal Electronics HLA108D12 Datasheet HTML 6Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
■Mounting the HLC Type Button
The button can be replaced by pressing the button in
the direction of the arrow.
HLC
HLC112
1 pole
HLC208
2 Poles
Switching
function
Part No.
Viewed from part No. marking side
HLC112A
OFF
ON
Connecting
terminals
2
−1
HLC112D
ON
ON
Connecting
terminals
2
−32−1
HLC208K
OFF
ON
Connecting
terminals
2
−1
5
−4
HLC208N
ON
ON
Connecting
terminals
2
−3
5
−6
2
−1
5
−4
Terminal numbers are shown on the bottom of the switch.
Terminal numbers are shown on the bottom of the switch.
■Dimension L
Terminal
style
Part No.
TAB:#187
Solder Terminal
HLC112A
22
18.5
HLC112D
22
18.5
:WLJPÄJH[PVUZ
Rating
Initial contact resistance
Dielectric strength
Insulation resistance
Electrical life
HLC112A
HLC112D
AC125V 12A Max.
AC250V 6A Max.
20m
Ω Max.
(DC2∼4V 1A)
AC1500V
1 minute
100M
Ω Min.
(DC500V)
15,000
cycles
AC
・DC6V 1mA Min.
:WLJPÄJH[PVUZ
Rating
Initial contact resistance
Dielectric strength
Insulation resistance
Electrical life
HLC208K
HLC208N
AC125V 8A Max.
AC250V 5A Max.
20m
Ω Max.
(DC2∼4V 1A)
AC1500V
1 minute
100M
Ω Min.
(DC500V)
15,000
cycles
AC
・DC6V 1mA Min.
The switching function Type A is without terminal number
(3)
.
The switching function Type K is without terminal numbers
(3)and(6)
.
To check the Part No. marked with the
■, refer to
List of Part Numbers on Page 325.
Solder Terminal
■Panel Cut-Out Dimensions
■Placing an order
The button of the HLC type comes as an accessory.
Choose one from the table on page 328 and specify
the color in part number when placing an order.
TAB:#187 Terminal


Similar Part No. - HLA108D12

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
HLA.01 TAOGLAS-HLA.01 Datasheet
1Mb / 19P
   Low profile
logo
List of Unclassifed Man...
HLA01 ETC2-HLA01 Datasheet
1Mb / 18P
   5150-5900 MHz Ceramic Loop antenna WLAN/ Wi-Fi/ HDMI
logo
Taoglas antenna solutio...
HLA01 TAOGLAS-HLA01 Datasheet
1Mb / 19P
   5150-5900 MHz Ceramic Loop antenna WLAN/ Wi-Fi/ HDMI
logo
Littelfuse
HLA251-73 LITTELFUSE-HLA251-73 Datasheet
455Kb / 4P
   H/I-Series
HLA251-78 LITTELFUSE-HLA251-78 Datasheet
455Kb / 4P
   H/I-Series
More results

Similar Description - HLA108D12

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
ELE COPAL-ELE Datasheet
837Kb / 6P
   Miniature Rocker Switches
logo
GREATECS
RK13 GREATECS-RK13 Datasheet
888Kb / 5P
   Miniature Rocker & Paddle Switches
logo
List of Unclassifed Man...
SLE210K-7 ETC2-SLE210K-7 Datasheet
529Kb / 3P
   Miniature Power Rocker Switches
logo
Copal Electronics
SLE6 COPAL-SLE6 Datasheet
297Kb / 4P
   Miniature Power Rocker Switches
logo
Grayhill, Inc
47CMSP1R2M6RT GRAYHILL-47CMSP1R2M6RT Datasheet
142Kb / 3P
   Sub-Miniature Rocker Switches
logo
List of Unclassifed Man...
H8500PO ETC2-H8500PO Datasheet
858Kb / 2P
   8500 Rocker Switches - Miniature
H8550VBXXXB ETC2-H8550VBXXXB Datasheet
190Kb / 2P
   8500 Rocker Switches - Miniature
SLE210K-5 ETC2-SLE210K-5 Datasheet
529Kb / 3P
   Miniature Power Rocker Switches
logo
Copal Electronics
SLE10K COPAL-SLE10K Datasheet
217Kb / 2P
   Miniature Power Rocker Switches
logo
GREATECS
RK15 GREATECS-RK15 Datasheet
349Kb / 2P
   Sub-Miniature Rocker Switches
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com