Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E9326A Datasheet(PDF) 6 Page - Keysight Technologies

Part # E9326A
Description  Power Meters and E-Series E9320 Peak and Average Power Sensors
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

E9326A Datasheet(HTML) 6 Page - Keysight Technologies

Back Button E9326A Datasheet HTML 2Page - Keysight Technologies E9326A Datasheet HTML 3Page - Keysight Technologies E9326A Datasheet HTML 4Page - Keysight Technologies E9326A Datasheet HTML 5Page - Keysight Technologies E9326A Datasheet HTML 6Page - Keysight Technologies E9326A Datasheet HTML 7Page - Keysight Technologies E9326A Datasheet HTML 8Page - Keysight Technologies E9326A Datasheet HTML 9Page - Keysight Technologies E9326A Datasheet HTML 10Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
06 | Keysight | E4416A/E4417A EPM-P Series Power Meters and E-Series E9320 Peak and Average Power Sensors – Data Sheet
Sampling Characteristics
Sampling rate
20 Msamples/second
Sampling technique
Continuous sampling
Rear Panel Inputs/Outputs
Recorder output(s)
Analog 0 to 1 V, 1 kW output impedance, BNC connector.
Two outputs are available on E4417A (channels A and B).
Remote input/output
TTL output
Used to signal when measurement has exceeded a defined limit
TTL input
Initiates zero and calibration cycle
Connector type
RJ-45 series shielded modular jack assembly
TTL output
High = 4.8 V max;
Low = 0.2 V max.
TTL input
High = 3.5 V min, 5 V max;
Low = 1 V max, –0.3 V min
RS-232/422 interface
Serial interface for communication with an external controller.
Male plug 9-pin D-subminiature connector.
Trigger in
Accepts a TTL signal for initiating measurements, BNC connector
Trigger out
Outputs a TTL signal for synchronizing with external equipment, BNC
connector
Ground
Binding post accepts 4 mm plug or bare wire connection
Line power
Input voltage range
85 to 264 Vac, automatic selection
Input frequency range
47 to 440 Hz
Power requirement
Approximately 50 VA (14 Watts)
Remote Programming
Interface
GPIB interface operates to IEEE 488.2 and IEC-625. RS-232 and RS-422
serial interfaces supplied as standard
Command language
SCPI standard interface commands
GPIB compatibility
SH1, AH1, T6, TE0, L4, LE0, SR1, RL1, PP1, DC1, DT1, C0.
Environmental Specifications
Operating environment
Temperature
0 to 55 °C
Maximum humidity
95% at 40 °C, (non-condensing)
Maximum altitude
3,000 meters (9,840 feet)
Storage conditions
Storage temperature
–20 to +70 °C
Non-operating maximum humidity
90% at 65 °C (non-condensing)
Non-operating maximum altitude
15,420 meters (50,000 feet)


Similar Part No. - E9326A

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
E9326A GOOD-ARK-E9326A Datasheet
378Kb / 4P
   Low Profile Surface Mount Single Phase Bridge Rectifiers
More results

Similar Description - E9326A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
E4417A KEYSIGHT-E4417A Datasheet
996Kb / 19P
   Power Meters and E-Series E9320 Peak and Average Power Sensors
E4416A KEYSIGHT-E4416A Datasheet
996Kb / 19P
   Power Meters and E-Series E9320 Peak and Average Power Sensors
E9321A KEYSIGHT-E9321A Datasheet
996Kb / 19P
   Power Meters and E-Series E9320 Peak and Average Power Sensors
U2021XA KEYSIGHT-U2021XA Datasheet
2Mb / 20P
   U2020 X-Series USB Peak and Average Power Sensors
W8486A KEYSIGHT-W8486A Datasheet
2Mb / 28P
   EPM Series Power Meters E-Series and 8480 Series Power Sensors
8481D KEYSIGHT-8481D Datasheet
2Mb / 28P
   EPM Series Power Meters E-Series and 8480 Series Power Sensors
8487D KEYSIGHT-8487D Datasheet
2Mb / 28P
   EPM Series Power Meters E-Series and 8480 Series Power Sensors
N1913A KEYSIGHT-N1913A Datasheet
2Mb / 28P
   EPM Series Power Meters E-Series and 8480 Series Power Sensors
N1914A KEYSIGHT-N1914A Datasheet
2Mb / 28P
   EPM Series Power Meters E-Series and 8480 Series Power Sensors
V8486A KEYSIGHT-V8486A Datasheet
2Mb / 28P
   EPM Series Power Meters E-Series and 8480 Series Power Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com