Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E9321A Datasheet(PDF) 3 Page - Keysight Technologies

Part # E9321A
Description  Power Meters and E-Series E9320 Peak and Average Power Sensors
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

E9321A Datasheet(HTML) 3 Page - Keysight Technologies

  E9321A Datasheet HTML 1Page - Keysight Technologies E9321A Datasheet HTML 2Page - Keysight Technologies E9321A Datasheet HTML 3Page - Keysight Technologies E9321A Datasheet HTML 4Page - Keysight Technologies E9321A Datasheet HTML 5Page - Keysight Technologies E9321A Datasheet HTML 6Page - Keysight Technologies E9321A Datasheet HTML 7Page - Keysight Technologies E9321A Datasheet HTML 8Page - Keysight Technologies E9321A Datasheet HTML 9Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
03 | Keysight | E4416A/E4417A EPM-P Series Power Meters and E-Series E9320 Peak and Average Power Sensors – Data Sheet
Single Sensor Dynamic Range
E-series E9320 peak and average power sensors 70 dB maximum (normal mode);
85 dB maximum (average only mode)
E-series CW power sensors
90 dB
E-series E9300 average power sensors
80 dB maximum
8480 series sensors
50 dB maximum
N8480 series sensors
55 dB maximum
Display units
Absolute
Watts or dBm
Relative
Percent or dB
Display resolution
Selectable resolution of 1.0, 0.1, 0.01, 0.001 dB
in logarithmic mode, or 1 to 4 significant digits in
linear mode.
Offset range
± 100 dB in 0.001 dB increments, to compensate
for external loss or gain
Video bandwidth
5 MHz (set by meter and is sensor dependent)
Note that the video bandwidth represents the ability of the power sensor and meter to
follow the power envelope of the input signal. The power envelope of the input signal is, in
some cases, determined by the signal’s modulation bandwidth, and hence video bandwidth
is sometimes referred to as modulation bandwidth. The PCIe x16 Gen 3 link between CPU
and backplane switch provides up to 16 GB/s theoretical, 14.2 GB/s practical.
Video bandwidth/dynamic range optimization
The power measurement system, comprising the sensor and meter, has its maximum
video bandwidth defined by the E9320 sensor. To optimize the system’s dynamic range
for peak power measurements, the video bandwidth in the meter can be set to High,
Medium and Low, as detailed in the following table. The filter video bandwidths stated in
the table are not the 3 dB bandwidths as the video bandwidths are corrected for optimal
flatness. Refer to figures 6 to 8 for information on the sensor’s peak flatness response.
A filter OFF mode is also provided.
Table 1. Video bandwidth versus peak power dynamic range
Sensor model
Video bandwidth/maximum peak power dynamic ran
OFF
High
Medium
Low
E9321A
E9325A
300 kHz/
–40 dBm to +20 dBm
300 kHz/
–42 dBm to +20 dBm
100 kHz/
–43 dBm to +20 dBm
30 kHz/
–45 dBm to +20 dBm
E9322A
36 dBm to +20 dBm
1.5 MHz/
–37 dBm to +20 dBm
1.5 MHz/
–38 dBm to +20 dBm
300 kHz/
–39 dBm to +20 dBm
100 kHz/E9326A
–39 dBm to +20 dBm
E9323A
E9327A
5 MHz/
–32 dBm to +20 dBm
5 MHz/
–32 dBm to +20 dBm
1.5 MHz/
–34 dBm to +20 dBm
300 kHz/
–36 dBm to +20 dBm


Similar Part No. - E9321A

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
E9320-001-01 PULSE-E9320-001-01 Datasheet
446Kb / 2P
   Connector Platform
E9320-001-02 PULSE-E9320-001-02 Datasheet
446Kb / 2P
   Connector Platform
logo
GOOD-ARK Electronics
E9325A GOOD-ARK-E9325A Datasheet
378Kb / 4P
   Low Profile Surface Mount Single Phase Bridge Rectifiers
E9325AU GOOD-ARK-E9325AU Datasheet
378Kb / 4P
   Low Profile Surface Mount Single Phase Bridge Rectifiers
E9326A GOOD-ARK-E9326A Datasheet
378Kb / 4P
   Low Profile Surface Mount Single Phase Bridge Rectifiers
More results

Similar Description - E9321A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
E9326A KEYSIGHT-E9326A Datasheet
996Kb / 19P
   Power Meters and E-Series E9320 Peak and Average Power Sensors
E4417A KEYSIGHT-E4417A Datasheet
996Kb / 19P
   Power Meters and E-Series E9320 Peak and Average Power Sensors
E4416A KEYSIGHT-E4416A Datasheet
996Kb / 19P
   Power Meters and E-Series E9320 Peak and Average Power Sensors
U2021XA KEYSIGHT-U2021XA Datasheet
2Mb / 20P
   U2020 X-Series USB Peak and Average Power Sensors
W8486A KEYSIGHT-W8486A Datasheet
2Mb / 28P
   EPM Series Power Meters E-Series and 8480 Series Power Sensors
8481D KEYSIGHT-8481D Datasheet
2Mb / 28P
   EPM Series Power Meters E-Series and 8480 Series Power Sensors
8487D KEYSIGHT-8487D Datasheet
2Mb / 28P
   EPM Series Power Meters E-Series and 8480 Series Power Sensors
N1913A KEYSIGHT-N1913A Datasheet
2Mb / 28P
   EPM Series Power Meters E-Series and 8480 Series Power Sensors
N1914A KEYSIGHT-N1914A Datasheet
2Mb / 28P
   EPM Series Power Meters E-Series and 8480 Series Power Sensors
V8486A KEYSIGHT-V8486A Datasheet
2Mb / 28P
   EPM Series Power Meters E-Series and 8480 Series Power Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com