Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TUSB546I-DCI Datasheet(PDF) 10 Page - Texas Instruments

Part # TUSB546I-DCI
Description  USB Type-C DP ALT Mode Linear Redriver Crosspoint Switch
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB546I-DCI Datasheet(HTML) 10 Page - Texas Instruments

Back Button TUSB546I-DCI Datasheet HTML 6Page - Texas Instruments TUSB546I-DCI Datasheet HTML 7Page - Texas Instruments TUSB546I-DCI Datasheet HTML 8Page - Texas Instruments TUSB546I-DCI Datasheet HTML 9Page - Texas Instruments TUSB546I-DCI Datasheet HTML 10Page - Texas Instruments TUSB546I-DCI Datasheet HTML 11Page - Texas Instruments TUSB546I-DCI Datasheet HTML 12Page - Texas Instruments TUSB546I-DCI Datasheet HTML 13Page - Texas Instruments TUSB546I-DCI Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 48 page
background image
Differential Input Voltage (V)
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
D005
EQ0
EQ1
EQ2
EQ3
EQ4
EQ5
EQ6
EQ7
EQ8
EQ9
EQ10
EQ11
EQ12
EQ13
EQ14
EQ15
Differential Input Voltage (V)
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
D006
EQ0
EQ1
EQ2
EQ3
EQ4
EQ5
EQ6
EQ7
EQ8
EQ9
EQ10
EQ11
EQ12
EQ13
EQ14
EQ15
Frequency (GHz)
-15
-10
-5
0
5
10
15
0.01
0.1
1
10
D003
EQ0
EQ1
EQ2
EQ3
EQ4
EQ5
EQ6
EQ7
EQ8
EQ9
EQ10
EQ11
EQ12
EQ13
EQ14
EQ15
Differential Input Voltage (V)
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
D004
EQ0
EQ1
EQ2
EQ3
EQ4
EQ5
EQ6
EQ7
EQ8
EQ9
EQ10
EQ11
EQ12
EQ13
EQ14
EQ15
Frequency (GHz)
-15
-10
-5
0
5
10
15
0.01
0.1
1
10
D001
EQ0
EQ1
EQ2
EQ3
EQ4
EQ5
EQ6
EQ7
EQ8
EQ9
EQ10
EQ11
EQ12
EQ13
EQ14
EQ15
Frequency (GHz)
-15
-10
-5
0
5
10
15
0.01
0.1
1
10
D002
EQ0
EQ1
EQ2
EQ3
EQ4
EQ5
EQ6
EQ7
EQ8
EQ9
EQ10
EQ11
EQ12
EQ13
EQ14
EQ15
10
TUSB546-DCI
SLLSEV7 – AUGUST 2016
www.ti.com
Product Folder Links: TUSB546-DCI
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
6.10 Typical Characteristics
Figure 1. DisplayPort EQ Settings Curves
Figure 2. USB TX EQ Settings Curves
Figure 3. USB RX EQ Settings Curves
Figure 4. DisplayPort Linearity Curves at 4.05 GHz
Figure 5. USB TX Linearity Curves at 2.5 GHz
Figure 6. USB RX Linearity Curves at 2.5 GHz


Similar Part No. - TUSB546I-DCI

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB546A-DCI TI1-TUSB546A-DCI Datasheet
1Mb / 47P
[Old version datasheet]   USB Type-C DP ALT Mode Linear Redriver Crosspoint Switch
TUSB546A-DCI TI1-TUSB546A-DCI Datasheet
1Mb / 49P
[Old version datasheet]   USB Type-C DP ALT Mode Linear Redriver Crosspoint Switch
TUSB546A-DCIRNQR TI1-TUSB546A-DCIRNQR Datasheet
1Mb / 47P
[Old version datasheet]   USB Type-C DP ALT Mode Linear Redriver Crosspoint Switch
TUSB546A-DCIRNQR TI1-TUSB546A-DCIRNQR Datasheet
1Mb / 49P
[Old version datasheet]   USB Type-C DP ALT Mode Linear Redriver Crosspoint Switch
TUSB546A-DCIRNQT TI1-TUSB546A-DCIRNQT Datasheet
1Mb / 47P
[Old version datasheet]   USB Type-C DP ALT Mode Linear Redriver Crosspoint Switch
More results

Similar Description - TUSB546I-DCI

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB546A-DCI TI1-TUSB546A-DCI_17 Datasheet
1Mb / 49P
[Old version datasheet]   USB Type-C DP ALT Mode Linear Redriver Crosspoint Switch
TUSB546A-DCI TI1-TUSB546A-DCI Datasheet
1Mb / 47P
[Old version datasheet]   USB Type-C DP ALT Mode Linear Redriver Crosspoint Switch
TUSB564 TI1-TUSB564 Datasheet
1Mb / 45P
[Old version datasheet]   USB TYPE-C DP Alt Mode 8.1 Gbps Sink-Side Linear Redriver Crosspoint Switch
TUSB1064 TI1-TUSB1064 Datasheet
1Mb / 48P
[Old version datasheet]   USB TYPE-C DP Alt Mode 10 Gbps Sink-Side Linear Redriver Crosspoint Switch
TUSB1064 TI1-TUSB1064_18 Datasheet
2Mb / 50P
[Old version datasheet]   USB TYPE-C DP Alt Mode 10 Gbps Sink-Side Linear Redriver Crosspoint Switch
TUSB564 TI1-TUSB564_18 Datasheet
2Mb / 50P
[Old version datasheet]   USB TYPE-C DP Alt Mode 8.1 Gbps Sink-Side Linear Redriver Crosspoint Switch
TUSB1046-DCI TI1-TUSB1046-DCI Datasheet
1Mb / 48P
[Old version datasheet]   USB Type-C DisplayPort ALT Mode 10 Gbps Linear Redriver Crosspoint Switch
TUSB1046A-DCI TI1-TUSB1046A-DCI Datasheet
1Mb / 46P
[Old version datasheet]   USB Type-C DisplayPort ALT Mode 10-Gbps Linear Redriver Crosspoint Switch
TUSB1046A-DCI TI1-TUSB1046A-DCI_17 Datasheet
1Mb / 48P
[Old version datasheet]   USB Type-C DisplayPort ALT Mode 10-Gbps Linear Redriver Crosspoint Switch
TUSB1146 TI1-TUSB1146 Datasheet
1Mb / 66P
[Old version datasheet]   TUSB1146 USB Type-C??DisplayPort??Alt Mode 10-Gbps Linear Redriver Crosspoint Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com