Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TUSB501 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB501
Description  USB 3.0 Single Channel Redriver with Equalization
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB501 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TUSB501 Datasheet HTML 5Page - Texas Instruments TUSB501 Datasheet HTML 6Page - Texas Instruments TUSB501 Datasheet HTML 7Page - Texas Instruments TUSB501 Datasheet HTML 8Page - Texas Instruments TUSB501 Datasheet HTML 9Page - Texas Instruments TUSB501 Datasheet HTML 10Page - Texas Instruments TUSB501 Datasheet HTML 11Page - Texas Instruments TUSB501 Datasheet HTML 12Page - Texas Instruments TUSB501 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
TUSB501
www.ti.com
SLLSEG5A – AUGUST 2013 – REVISED AUGUST 2013
PARAMETER MEASUREMENT INFORMATION (continued)
Figure 7. Typical Output Eye for Jitter Measurement Setup in Figure 1
at TA = 25°C, DE = HIGH, OS = HIGH, EQ = NC
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TUSB501


Similar Part No. - TUSB501

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB501 TI-TUSB501 Datasheet
1Mb / 17P
[Old version datasheet]   USB 3.0 Single Channel Redriver with Equalization
TUSB501-Q1 TI1-TUSB501-Q1 Datasheet
1Mb / 23P
[Old version datasheet]   USB 3.0 Single-Channel Redriver with Equalization
TUSB501TDRFRQ1 TI1-TUSB501TDRFRQ1 Datasheet
1Mb / 23P
[Old version datasheet]   USB 3.0 Single-Channel Redriver with Equalization
More results

Similar Description - TUSB501

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB501 TI-TUSB501 Datasheet
1Mb / 17P
[Old version datasheet]   USB 3.0 Single Channel Redriver with Equalization
TUSB501-Q1 TI1-TUSB501-Q1 Datasheet
1Mb / 23P
[Old version datasheet]   USB 3.0 Single-Channel Redriver with Equalization
logo
NXP Semiconductors
PTN36221A NXP-PTN36221A Datasheet
994Kb / 24P
   Single-channel SuperSpeed USB 3.0 redriver
Rev. 2.1-25 August2015
logo
Texas Instruments
TUSB551 TI1-TUSB551 Datasheet
1Mb / 23P
[Old version datasheet]   1.8-V USB 3.0 Single Channel Re-Driver with Equalization
SN65LVPE512 TI1-SN65LVPE512 Datasheet
7Mb / 32P
[Old version datasheet]   Dual-Channel USB 3.0 Redriver, Equalizer
logo
NXP Semiconductors
PTN36241B NXP-PTN36241B Datasheet
591Kb / 31P
   SuperSpeed USB 3.0 redriver
Rev. 4-22 May2014
PTN36241G NXP-PTN36241G Datasheet
980Kb / 31P
   SuperSpeed USB 3.0 redriver
Rev. 1-9 August2016
logo
Texas Instruments
SN65LVPE502A TI1-SN65LVPE502A_17 Datasheet
6Mb / 36P
[Old version datasheet]   Dual-Channel USB 3.0 Redriver and Equalizer
logo
Pericom Semiconductor C...
PI3EQX7741 PERICOM-PI3EQX7741 Datasheet
665Kb / 1P
   5.0Gbps, 1-port, (2-Channel) USB 3.0 ReDriver
logo
Maxim Integrated Produc...
MAX14972 MAXIM-MAX14972 Datasheet
1Mb / 12P
   Dual SuperSpeed USB 3.0 Equalizer/Redriver
Rev 1; 3/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com