Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSB83AA22CZAJ Datasheet(PDF) 9 Page - Texas Instruments

Part # TSB83AA22CZAJ
Description  PHY and OHCI Link Device
Download  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TSB83AA22CZAJ Datasheet(HTML) 9 Page - Texas Instruments

Back Button TSB83AA22CZAJ Datasheet HTML 5Page - Texas Instruments TSB83AA22CZAJ Datasheet HTML 6Page - Texas Instruments TSB83AA22CZAJ Datasheet HTML 7Page - Texas Instruments TSB83AA22CZAJ Datasheet HTML 8Page - Texas Instruments TSB83AA22CZAJ Datasheet HTML 9Page - Texas Instruments TSB83AA22CZAJ Datasheet HTML 10Page - Texas Instruments TSB83AA22CZAJ Datasheet HTML 11Page - Texas Instruments TSB83AA22CZAJ Datasheet HTML 12Page - Texas Instruments TSB83AA22CZAJ Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 115 page
background image
www.ti.com
1
Introduction
1.1
Features
TSB83AA22C IEEE Std 1394b-2002
PHY and OHCI Link Device
SLLS802 – FEBRUARY 2007
Ensure That TSB83AA22C Does Not Load
• Fully Supports Provisions of IEEE Std
TPBIAS of Any Connected Device and Blocks
1394b-2002 Revision 1.33+ at 1-Gigabit
Signaling Rates
Any Leakage From the Port Back to Power
Plane
• Fully Supports Provisions of IEEE Std
1394a-2000 and IEEE Std 1394-1995 for
• IEEE Std 1394a-2000-Compliant
High-Performance Serial Bus
Common-Mode Noise Filter on Incoming Bias
Detect Circuit to Filter Out Crosstalk Noise
• Fully Interoperable With Firewire™, i.LINK™,
and SB1394 Implementations of IEEE Std 1394
• Port Programmable to Force IEEE Std
1394a-2000 Mode to Allow Use of IEEE Std
• Provides Two Fully Backward-Compatible,
1394a-2000 Connectors (IEEE Std 1394b-2002
(IEEE Std 1394a-2000 Fully Compliant)
Signaling Must Not Be Put Across IEEE Std
Bilingual IEEE Std 1394b-2002 Cable Ports at
1394a-2000 Connectors or Cables)
up to 800 Megabits per Second (Mbps)
• 3.3-V and 5-V PCI Signaling Environments
• Full IEEE Std 1394a-2000 Support Includes:
• Serial-Bus Data Rates of 100 Mbps, 200 Mbps,
Connection Debounce
400 Mbps, and 800 Mbps
Arbitrated Short Reset
Multispeed Concatenation
• Physical Write Posting of up to Three
Outstanding Transactions
Arbitration Acceleration
Fly-By Concatenation
• Serial ROM or Boot ROM Interface Supports
Port Disable/Suspend/Resume
2-Wire Serial EEPROM Devices
• Extended Resume Signaling for Compatibility
• 33-MHz/32-Bit PCI Interface
With Legacy DV Devices
• Multifunction Terminal (MFUNC Terminal 1):
• Power-Down Features to Conserve Energy in
PCI_CLKRUN Protocol Per PCI Mobile
Battery-Powered Applications
Design Guide
General-Purpose I/O (GPIO)
• Low-Power Sleep Mode
CYCLEIN/CYCLEOUT for External Cycle
• Fully Compliant With Open Host Controller
Timer Control for Customized
Interface (OHCI) Requirements
Synchronization
• Cable Power Presence Monitoring
• PCI Burst Transfers and Deep FIFOs to
• Cable Ports Monitor Line Conditions for Active
Tolerate Large Host Latency
Connection to Remote Node
Transmit FIFO—5K Asynchronous
• Register Bits Give Software Control of
Transmit FIFO—2K Isochronous
Contender Bit, Power-Class Bits, Link Active
Receive FIFO—2K Asynchronous
Control Bit, and IEEE Std 1394a-2000 Features
Receive FIFO—2K Isochronous
• Interoperable With Other 1394 Physical Layers
• D0, D1, D2, and D3 Power States and PME
(PHYs) Using 1.8-V, 3.3-V, and 5-V Supplies
Events Per PCI Bus Power Management
• Low-Jitter, External Crystal Oscillator Provides
Interface Specification
Transmit and Receive Data at 100/200/400/800
• Programmable Asynchronous Transmit
Mbps and Link-Layer Controller Clock at
Threshold
49.152 MHz and 98.304 MHz
• Isochronous Receive Dual-Buffer Mode
• Separate Bias (TPBIAS) for Each Port
• Out-of-Order Pipelining for Asynchronous
• Software Device Reset (SWR)
Transmit Requests
• Fail-Safe Circuitry Senses Sudden Loss of
• Initial-Bandwidth-Available and
Power to the Device and Disables Ports to
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this document.
OHCI-Lynx is a trademark of Texas Instruments.
Firewire is a trademark of Apple Computer, Inc.
i.LINK is a trademark of Sony Kabushiki Kaisha TA Sony Corporation.
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TSB83AA22CZAJ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSB83AA22C TI-TSB83AA22C Datasheet
146Kb / 8P
[Old version datasheet]   Phy and OHCI Link Device
More results

Similar Description - TSB83AA22CZAJ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSB83AA22C TI-TSB83AA22C Datasheet
146Kb / 8P
[Old version datasheet]   Phy and OHCI Link Device
TSB83AA23 TI-TSB83AA23 Datasheet
145Kb / 8P
[Old version datasheet]   IEEE Std 1394b-2002 PHY AND OHCI LINK DEVICE
TSB83AA22A TI1-TSB83AA22A_14 Datasheet
68Kb / 7P
[Old version datasheet]   IEEE Std 1394b-2002 Phy and OHCI Link Device
TSB83AA22A TI-TSB83AA22A Datasheet
55Kb / 6P
[Old version datasheet]   IEEE Std 1394b-2002 Phy and OHCI Link Device
TSB83AA22A TI1-TSB83AA22A_08 Datasheet
73Kb / 6P
[Old version datasheet]   TSB83AA22A IEEE Std 1394b-2002 Phy and OHCI Link Device
TSB43AB22A TI-TSB43AB22A Datasheet
518Kb / 112P
[Old version datasheet]   INTEGRATED 1394A-2000 OHCI PHY/LINK-LAYER CONTROLLER
TSB43AB23PDTG4 TI1-TSB43AB23PDTG4 Datasheet
665Kb / 110P
[Old version datasheet]   IEEE 1394a-2000 OHCI PHY/Link Layer Controller 
TSB43AB21 TI-TSB43AB21 Datasheet
656Kb / 109P
[Old version datasheet]   INTERGRATED 1394A-2000 OHCI PHY LINK-LAYER CONTROLLER
TSB43AB21A TI-TSB43AB21A Datasheet
557Kb / 116P
[Old version datasheet]   Integrated 1394a-2000 OHCI PHY/Link-Layer Controller
TSB43AB22 TI-TSB43AB22 Datasheet
519Kb / 112P
[Old version datasheet]   INTERGRATED 1394a-2000 OHCI PHY/LINK-LAYER CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com