Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMD2725 Datasheet(PDF) 1 Page - ams AG

Part # TMD2725
Description  The device features advanced proximity measurement
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TMD2725 Datasheet(HTML) 1 Page - ams AG

  TMD2725 Datasheet HTML 1Page - ams AG TMD2725 Datasheet HTML 2Page - ams AG TMD2725 Datasheet HTML 3Page - ams AG TMD2725 Datasheet HTML 4Page - ams AG TMD2725 Datasheet HTML 5Page - ams AG TMD2725 Datasheet HTML 6Page - ams AG TMD2725 Datasheet HTML 7Page - ams AG TMD2725 Datasheet HTML 8Page - ams AG TMD2725 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 50 page
background image
ams Datasheet
Page 1
[v1-11] 2016-Sep-20
Document Feedback
TMD2725
ALS, and Small Aperture Proximity
Sensor Module
The device features advanced proximity measurement and
digital ambient light sensing (ALS). The package has been
designed to accommodate a single small aperture approach.
The slim module incorporates an IR LED and factory calibrated
LED driver. The proximity detection feature provides object
detection (e.g. mobile device screen to user’s ear) by
photodiode detection of reflected IR energy (sourced by the
integrated LED). Detect/release events are interrupt driven, and
occur when proximity result crosses upper and/or lower
threshold settings. The proximity engine features offset
adjustment registers to compensate for unwanted IR energy
reflection at the sensor. Proximity results are further improved
by automatic ambient light subtraction. The ALS detection
feature provides photopic light intensity data. The ALS
photodiode has UV and IR blocking filters and a dedicated data
converter producing 16-bit data. This architecture allows
applications to accurately measure ambient light which
enables devices to calculate illuminance to control display
backlight.
Ordering Information and Content Guide appear at end of
datasheet.
Key Benefits & Features
The benefits and features of TMD2725, ALS, and Small Aperture
Proximity Sensor Module are listed below:
Figure 1:
Added Value of Using TMD2725
Benefits
Features
• Small aperture requirements
• 1.055mm emitter to detector distance
• Single device integrated optical solution
• ALS + proximity
• 2mm x 3.65mm x 1mm
• Integrated IR LED
• Power management features
• I²C fast mode interface compatible
• Accurate ambient light sensing
• Photopic Ambient Light Sensor (ALS)
• UV / IR blocking filters
• Programmable gain and integration time
• Reduced power consumption
• 1.8V power supply with 1.8V I²C bus
General Description


Similar Part No. - TMD2725

ManufacturerPart #DatasheetDescription
logo
ams AG
TMD2725 AMSCO-TMD2725 Datasheet
1Mb / 50P
   ALS, and Small Aperture Proximity Sensor Module
2018-Feb-23
logo
OSRAM GmbH
TMD2725 OSRAM-TMD2725 Datasheet
1Mb / 51P
   ALS, and Small Aperture Proximity Sensor Module
v2-00 2023-Feb-22
TMD27253 OSRAM-TMD27253 Datasheet
1Mb / 51P
   ALS, and Small Aperture Proximity Sensor Module
v2-00 2023-Feb-22
TMD27253M OSRAM-TMD27253M Datasheet
1Mb / 51P
   ALS, and Small Aperture Proximity Sensor Module
v2-00 2023-Feb-22
logo
ams AG
TMD2725 AMSCO-TMD2725_V01 Datasheet
1Mb / 50P
   ALS, and Small Aperture Proximity Sensor Module
2018-Feb-23
More results

Similar Description - TMD2725

ManufacturerPart #DatasheetDescription
logo
ams AG
TMD3700 AMSCO-TMD3700 Datasheet
818Kb / 46P
   The device features advanced Proximity measurement
TCS3430 AMSCO-TCS3430 Datasheet
724Kb / 38P
   The device features advanced digital Ambient Light Sensing
TMD2620 AMSCO-TMD2620 Datasheet
630Kb / 33P
   The device is an advanced proximity sensor
logo
Xilinx, Inc
DS600 XILINX-DS600 Datasheet
254Kb / 11P
   Advanced system features
logo
STMicroelectronics
EV-VND7140AJ STMICROELECTRONICS-EV-VND7140AJ Datasheet
505Kb / 7P
   General device features
September 2015 Rev 2
logo
Future Technology Devic...
FT4222H FTDI-FT4222H Datasheet
1Mb / 49P
   FT4222H is a USB2.0 to Quad-SPI/I2C interface Device Controller with the following advanced features
logo
Freescale Semiconductor...
MC908GZ60CFUE FREESCALE-MC908GZ60CFUE Datasheet
2Mb / 352P
   Standard features, Features of the CPU08
logo
Future Technology Devic...
FT240X FTDI-FT240X Datasheet
754Kb / 40P
   The FT240X is a USB to parallel FIFO interface with the following advanced features
FT232BL_BQ FTDI-FT232BL_BQ Datasheet
1Mb / 34P
   The FT232B is a USB to serial UART interface with the following advanced features
logo
Littelfuse
PGR-6100 LITTELFUSE-PGR-6100 Datasheet
2Mb / 1P
   The PGR-6100 combines the features
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com