Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS253xRF Datasheet(PDF) 6 Page - ams AG

Part # AS253xRF
Description  Rx and Tx soft clipping to avoid harsh distortion
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS253xRF Datasheet(HTML) 6 Page - ams AG

Back Button AS253xRF Datasheet HTML 2Page - ams AG AS253xRF Datasheet HTML 3Page - ams AG AS253xRF Datasheet HTML 4Page - ams AG AS253xRF Datasheet HTML 5Page - ams AG AS253xRF Datasheet HTML 6Page - ams AG AS253xRF Datasheet HTML 7Page - ams AG AS253xRF Datasheet HTML 8Page - ams AG AS253xRF Datasheet HTML 9Page - ams AG AS253xRF Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
Data She et AS25 33-36
austriamicrosystems
Revision 8.10
Page 5 of 25
Keyboard Connections continued
(either VOL or +/– keys)
Figure 4 Keyboard Connection AS2535
Power On Reset
The on chip power on reset circuit monitors the supply
voltage (VDD ) during off-hook. When VDD rises above
approx. 1.2V, a power on reset occurs which clears the
RAM.
DC Conditions
The normal operating range is from 13 mA to 100 mA.
Operating range with reduced performance is from 5 mA to
13 mA (parallel operation). In the operating range all
functions are operational.
At line currents below 13 mA the AS253x provides an
additional slope below 4.5V in order to allow parallel
operation (see Figure 12).
The dc characteristic (excluding diode bridge) is
determined by the voltage at LI and the resistor R1 at line
currents above 13 mA as follows:
VLS = VLI + ILINE × R1
The voltage at LI is 4.5V in the normal operating range.
During pulse dialing the speech circuit and other part of
the device not operating is in a power down mode to save
current. The CS pin is pulled to VSS in order to turn the
external shunt transistor on to keep a low voltage drop at
the LS pin during make periods.
AC Impedance
The ac impedance of the circuit is set by external
components. The impedance can be real or complex.
The ac impedance is determined as follows:
ZAC = 33 — Z1
The dc value of Z1 should be 30
Ω to maintain correct dc
performance.
Return loss and side tone cancellation can be determined
independent of each other.
Speech Circuit
The speech circuit consists of a transmit and a receive
path with dual soft clipping, mute, line loss compensation
and sidetone cancellation.
P
P
P /// M
M
M
1
11
2
22
3
33
4
44
5
55
6
66
7
77
M
M
M 9
99
M
M
M 1
11 0
00
M
M
M 1
11 1
11
M
M
M 1
11 2
22
M
M
M 5
55
M
M
M 6
66
M
M
M 7
77
M
M
M 8
88
M
M
M 1
11
M
M
M 2
22
M
M
M 3
33
M
M
M 4
44
8
88
9
99
0
00
***
#
##
R
R
R 1
11
R
R
R 2
22
R
R
R 3
33
L
LL N
N
N R
R
R
V
V
V O
O
O L
LL
+
++
−−−−
−−−−−−−−
R1
R2
R3
R4
C1
C2
C3
C4


Similar Part No. - AS253xRF

ManufacturerPart #DatasheetDescription
logo
ams AG
AS253xRF AMSCO-AS253xRF Datasheet
1Mb / 26P
   Multi-Standard CMOS Telephone IC for Basic Telephones
More results

Similar Description - AS253xRF

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
DAN-201 EXAR-DAN-201 Datasheet
149Kb / 4P
   INDEPENDENT TX AND RX BAUD RATE GENERATOR
logo
TEMIC Semiconductors
U2760B TEMIC-U2760B Datasheet
181Kb / 14P
   CT2-RX/TX IC
logo
Qorvo, Inc
QPQ1041Q QORVO-QPQ1041Q Datasheet
879Kb / 12P
   B41W Tx/Rx Filter
logo
Integrated Technology F...
IDL00740 ITF-IDL00740 Datasheet
126Kb / 3P
   Usable bandwidth 5 MHz Rx. And Tx. band
IDL00741 ITF-IDL00741 Datasheet
262Kb / 3P
   Usable bandwidth 5 MHz Rx. And Tx. band
IDL03439 ITF-IDL03439 Datasheet
156Kb / 3P
   Usable bandwidth 9 MHz Rx. And Tx. band
IDD17619 ITF-IDD17619 Datasheet
124Kb / 2P
   Usable bandwidth 10 MHz each Rx. And Tx. band
IDD08871 ITF-IDD08871 Datasheet
147Kb / 3P
   Usable bandwidth 25 MHz each Rx And Tx. band
IDD09175 ITF-IDD09175 Datasheet
134Kb / 3P
   Usable bandwidth 10 MHz each Rx And Tx. band
IDD08072 ITF-IDD08072 Datasheet
132Kb / 3P
   Usable bandwidth 5 MHz each Rx And Tx. band
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com