Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS2536W Datasheet(PDF) 10 Page - ams AG

Part # AS2536W
Description  Rx and Tx soft clipping to avoid harsh distortion
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS2536W Datasheet(HTML) 10 Page - ams AG

Back Button AS2536W Datasheet HTML 6Page - ams AG AS2536W Datasheet HTML 7Page - ams AG AS2536W Datasheet HTML 8Page - ams AG AS2536W Datasheet HTML 9Page - ams AG AS2536W Datasheet HTML 10Page - ams AG AS2536W Datasheet HTML 11Page - ams AG AS2536W Datasheet HTML 12Page - ams AG AS2536W Datasheet HTML 13Page - ams AG AS2536W Datasheet HTML 14Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
Data She et AS25 33-36
austriamicrosystems
Revision 8.10
Page 9 of 25
Typical Characteristics of
Line Loss Compensation
Figure 6 Typical Tx Ga in Characteristics Line Loss Compensa tion
Figure 7 Typical Rx Ga in Characteristics Line Loss Compensa tion
f = 800 Hz
ZLINE = 600
VLS = -10 dBm
20
30
40
50
60
70
80
(mA)
DC Line
Current
LLC = VSS
LLC = VDD
LLC = AGND
Tx Gain
(dB)
29
30
31
32
33
34
35
f = 800 Hz
ZLINE = 600
VLS = -10 dBm
VOL = 0 dB (neutral)
20
30
40
50
60
70
80
(mA)
DC Line
Current
LLC = VSS
LLC = VDD
LLC = AGND
Rx Gain
(dB)
-2
-1
0
+1
+2
+3
+4


Similar Part No. - AS2536W

ManufacturerPart #DatasheetDescription
logo
ams AG
AS2536W AMSCO-AS2536W Datasheet
508Kb / 25P
   Multi-Standard CMOS Telephone IC for Basic Telephones
AS2536W AMSCO-AS2536W Datasheet
1Mb / 26P
   Multi-Standard CMOS Telephone IC for Basic Telephones
More results

Similar Description - AS2536W

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
DAN-201 EXAR-DAN-201 Datasheet
149Kb / 4P
   INDEPENDENT TX AND RX BAUD RATE GENERATOR
logo
TEMIC Semiconductors
U2760B TEMIC-U2760B Datasheet
181Kb / 14P
   CT2-RX/TX IC
logo
Qorvo, Inc
QPQ1041Q QORVO-QPQ1041Q Datasheet
879Kb / 12P
   B41W Tx/Rx Filter
logo
Integrated Technology F...
IDL00740 ITF-IDL00740 Datasheet
126Kb / 3P
   Usable bandwidth 5 MHz Rx. And Tx. band
IDL00741 ITF-IDL00741 Datasheet
262Kb / 3P
   Usable bandwidth 5 MHz Rx. And Tx. band
IDL03439 ITF-IDL03439 Datasheet
156Kb / 3P
   Usable bandwidth 9 MHz Rx. And Tx. band
IDD17619 ITF-IDD17619 Datasheet
124Kb / 2P
   Usable bandwidth 10 MHz each Rx. And Tx. band
IDD08871 ITF-IDD08871 Datasheet
147Kb / 3P
   Usable bandwidth 25 MHz each Rx And Tx. band
IDD09175 ITF-IDD09175 Datasheet
134Kb / 3P
   Usable bandwidth 10 MHz each Rx And Tx. band
IDD08072 ITF-IDD08072 Datasheet
132Kb / 3P
   Usable bandwidth 5 MHz each Rx And Tx. band
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com