Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CCS803 Datasheet(PDF) 6 Page - ams AG

Part # CCS803
Description  Cambridge CMOS Sensors (CCS) micro-hotplate technology
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

CCS803 Datasheet(HTML) 6 Page - ams AG

  CCS803 Datasheet HTML 1Page - ams AG CCS803 Datasheet HTML 2Page - ams AG CCS803 Datasheet HTML 3Page - ams AG CCS803 Datasheet HTML 4Page - ams AG CCS803 Datasheet HTML 5Page - ams AG CCS803 Datasheet HTML 6Page - ams AG CCS803 Datasheet HTML 7Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
CC-000017-DS revision: 11
Datasheet for CCS803
P a g e
| 5
© Cambridge CMOS Sensors Ltd, Deanland House, Cowley Road, Cambridge, CB4 0DL, UK
Website: www.ccmoss.com
Telephone: +44 1223 395 551
Date Issued: 26 May 2016
The recommended package footprint or landing pattern for CCS803 is shown below:
Note:
1.
All dimensions are in mm
2.
PCB land pattern in Green dash lines
3.
Pin numbers are in Red
4.
Add 0.05mm all around the nominal lead
width and length for the PCB land pattern
DESCRIPTION
SYMBOL
MIN
NOM
MAX
TOTAL THICKNESS
A
0.95
1.0
1.05
STAND OFF
A1
0
0.035
0.05
LEAD WIDTH
b
0.7
0.75
0.8
BODY SIZE
D
3 BSC
E
2 BSC
LEAD PITCH
e
1.0 BSC
EP SIZE
J
1.06
1.16
1.26
K
1.3
1.4
1.5
LEAD LENGTH
L
0.25
0.3
0.35
L1
0.35
0.4
0.45
ALL DIMENSIONS ARE IN MM
Top View
4
3
2
1
1.5
0.45
0.85
1.30
0.45
0.85
Pin 1 Corner
DFN package outline


Similar Part No. - CCS803

ManufacturerPart #DatasheetDescription
logo
ams AG
CCS801 AMSCO-CCS801 Datasheet
778Kb / 7P
   Cambridge CMOS Sensors (CCS) micro-hotplate technology provides
CCS801B-COPR AMSCO-CCS801B-COPR Datasheet
778Kb / 7P
   Cambridge CMOS Sensors (CCS) micro-hotplate technology provides
CCS801B-COPS AMSCO-CCS801B-COPS Datasheet
778Kb / 7P
   Cambridge CMOS Sensors (CCS) micro-hotplate technology provides
More results

Similar Description - CCS803

ManufacturerPart #DatasheetDescription
logo
ams AG
CCS801 AMSCO-CCS801 Datasheet
778Kb / 7P
   Cambridge CMOS Sensors (CCS) micro-hotplate technology provides
logo
PANDUIT CORP.
CCS12-S8 PANDUIT-CCS12-S8 Datasheet
62Kb / 1P
   CCS-CABLE CLAMP
6/26/96
logo
ITT Industries
CCS1 ITT-CCS1 Datasheet
1Mb / 6P
   CCS 1 and CCS 2 DC Fast Charging Connectors
logo
Mitsubishi Electric Sem...
M50964-PGYS MITSUBISHI-M50964-PGYS Datasheet
355Kb / 6P
   EPROM MOUNTED-TYPE MICRO-COMPUTER WHICH UTILZES CMOS TECHNOLOGY
logo
IK Semicon Co., Ltd
IK2107DW IKSEMICON-IK2107DW Datasheet
297Kb / 17P
   CMOS Technology
logo
Shenzhen Titan Micro El...
TM1628 TITAN-TM1628 Datasheet
418Kb / 14P
   CMOS Technology
logo
HB Electronic Component...
5XRGB-F2-F HB-5XRGB-F2-F Datasheet
159Kb / 3P
   CMOS Technology
5XRGB-F2-S HB-5XRGB-F2-S Datasheet
160Kb / 3P
   CMOS Technology
logo
Fujitsu Component Limit...
CE71 FUJITSU-CE71 Datasheet
56Kb / 4P
   0.25um CMOS Technology
logo
Meder Electronic
MMS-B-1 MEDER-MMS-B-1 Datasheet
333Kb / 4P
   Micro Machined Sensors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com