Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E4412A Datasheet(PDF) 11 Page - Keysight Technologies

Part # E4412A
Description  EPM Series Power Meters E-Series and 8480 Series Power Sensors
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

E4412A Datasheet(HTML) 11 Page - Keysight Technologies

Back Button E4412A Datasheet HTML 7Page - Keysight Technologies E4412A Datasheet HTML 8Page - Keysight Technologies E4412A Datasheet HTML 9Page - Keysight Technologies E4412A Datasheet HTML 10Page - Keysight Technologies E4412A Datasheet HTML 11Page - Keysight Technologies E4412A Datasheet HTML 12Page - Keysight Technologies E4412A Datasheet HTML 13Page - Keysight Technologies E4412A Datasheet HTML 14Page - Keysight Technologies E4412A Datasheet HTML 15Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
11 | Keysight | N1913A and N1914A EPM Series Power Meters / E-Series and 8480 Series Power Sensors - Data Sheet
N1913A/14A EPM Series Power Meters Ordering Information
Power meters
N1913A
Single-channel average power meter
N1914A
Dual-channel average power meter
Standard-shipped accessories
Power cord
Power sensor cable, 1.5 m (5 ft)
(One per N1913A, two per N1914A)
USB cable Type A to Mini-B, 6 ft
Product CD-ROM (contains English and
localized User’s Guide and Programming
Guide)
Keysight Instrument Control DVD (contains
IO Libraries Suite, Command Expert and
BenchVue software)
Calibration certificate
Warranty
Standard 3-year return-to-Keysight warranty
3 months for standard-shipped accessories
Options
Power meter configurations
N1913/ 4A-101
Single/dual-channel average power meter
N1913/ 4A-201
Single/dual-channel average power meter with VGA, trigger in/out,
1 front and 1 rear USB port
N1913/ 4A-B01
Without battery
N1913/ 4A-B02
With battery
N1913/ 4A-C01
Front calibrator, front sensor
N1913/ 4A-C02
Front calibrator, parallel front and rear sensor
N1913/ 4A-C03
Rear calibrator, parallel front and rear sensor
N1913A-200
436A and 437B code compatibility
N1914A-200
438A code compatibility
N6901A-1FP
Code compatibility (436A, 437B) standalone upgrade for N1913A
N6902A-1FP
Code compatibility (438A) standalone upgrade for N1914A
Power sensor cables
11730A
Power sensor cable: 1.5 m/5 ft
11730B
Power sensor cable: 3.0 m/10 ft
11730C
Power sensor cable: 6.1 m/20 ft
11730D
Power sensor cable: 15.2 m/50 ft
11730E
Power sensor cable: 30.5 m/100 ft
11730F
Power sensor cable: 61 m/200 ft
Other accessories
34131A
Transit case
34141A
Soft carrying case
34161A
Accessory pouch
N191xA-300
Spare battery pack
N191xA-908
Rackmount kit for one instrument
N191xA-909
Rackmount kit for two instruments
Software
Description
BV0007A
BenchVue Power Meter Pro App license
Warranty and calibration
N191xA-1A7
Calibration + Uncertainties + Guardbanding
N191xA-A6J
ANSI Z540-1-1994 Calibration
R-51B-001-5Z
Warranty Assurance Plan - Return to Keysight - 5 years
R-50C-011-3
Calibration Assurance Plan - Return to Keysight - 3 years
R-50C-011-5
Calibration Assurance Plan - Return to Keysight - 3 years
R-50C-021-3
ANSI Z540-1-1994 Calibration - 3 years
R-50C-021-5
ANSI Z540-1-1994 Calibration - 5 years
GPIB connectivity products
82357B
USB/GPIB converter
10833x
GPIB cables: 10833D (0.5 m), 10833A (1 m), 10833B (2 m), 10833C (4 m),
10833F (6 m), 10833G (8 m)


Similar Part No. - E4412A

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
E4411B HP-E4411B Datasheet
379Kb / 9P
   Calibration and Adjustment Software for Agilent RF/W Instruments
logo
Keysight Technologies
E4416A KEYSIGHT-E4416A Datasheet
996Kb / 19P
   Power Meters and E-Series E9320 Peak and Average Power Sensors
E4417A KEYSIGHT-E4417A Datasheet
996Kb / 19P
   Power Meters and E-Series E9320 Peak and Average Power Sensors
More results

Similar Description - E4412A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
W8486A KEYSIGHT-W8486A Datasheet
2Mb / 28P
   EPM Series Power Meters E-Series and 8480 Series Power Sensors
8481D KEYSIGHT-8481D Datasheet
2Mb / 28P
   EPM Series Power Meters E-Series and 8480 Series Power Sensors
8487D KEYSIGHT-8487D Datasheet
2Mb / 28P
   EPM Series Power Meters E-Series and 8480 Series Power Sensors
N1913A KEYSIGHT-N1913A Datasheet
2Mb / 28P
   EPM Series Power Meters E-Series and 8480 Series Power Sensors
N1914A KEYSIGHT-N1914A Datasheet
2Mb / 28P
   EPM Series Power Meters E-Series and 8480 Series Power Sensors
V8486A KEYSIGHT-V8486A Datasheet
2Mb / 28P
   EPM Series Power Meters E-Series and 8480 Series Power Sensors
8483A KEYSIGHT-8483A Datasheet
2Mb / 28P
   EPM Series Power Meters E-Series and 8480 Series Power Sensors
8485D KEYSIGHT-8485D Datasheet
2Mb / 28P
   EPM Series Power Meters E-Series and 8480 Series Power Sensors
E9326A KEYSIGHT-E9326A Datasheet
996Kb / 19P
   Power Meters and E-Series E9320 Peak and Average Power Sensors
E4417A KEYSIGHT-E4417A Datasheet
996Kb / 19P
   Power Meters and E-Series E9320 Peak and Average Power Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com