Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NOIP1SN1300A-QDI Datasheet(PDF) 5 Page - ON Semiconductor

Part # NOIP1SN1300A-QDI
Description  PYTHON 1.3/0.5/0.3 MegaPixels Global Shutter CMOS Image Sensors
Download  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NOIP1SN1300A-QDI Datasheet(HTML) 5 Page - ON Semiconductor

  NOIP1SN1300A-QDI Datasheet HTML 1Page - ON Semiconductor NOIP1SN1300A-QDI Datasheet HTML 2Page - ON Semiconductor NOIP1SN1300A-QDI Datasheet HTML 3Page - ON Semiconductor NOIP1SN1300A-QDI Datasheet HTML 4Page - ON Semiconductor NOIP1SN1300A-QDI Datasheet HTML 5Page - ON Semiconductor NOIP1SN1300A-QDI Datasheet HTML 6Page - ON Semiconductor NOIP1SN1300A-QDI Datasheet HTML 7Page - ON Semiconductor NOIP1SN1300A-QDI Datasheet HTML 8Page - ON Semiconductor NOIP1SN1300A-QDI Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 75 page
background image
NOIP1SN1300A
www.onsemi.com
5
Table 5. ELECTRICAL SPECIFICATIONS
Boldface limits apply for TJ = TMIN to TMAX, all other limits TJ = +30°C. (Notes 5, 6, 7, 8 and 9)
Parameter
Unit
Max
Typ
Min
Description
fserclock
Clock rate of output clock
Clock output for mesochronous signaling
360
MHz
Vicm
LVDS input common mode level
0.3
1.25
1.8
V
Tccsk
Channel to channel skew (Training pattern allows per channel
skew correction)
50
ps
I/O − P2−SN/SE CMOS (JEDEC− JESD8C−01): Conforming to standard/additional specifications and deviations listed
fpardata
Data rate on parallel channels (10−bit)
72
Mbps
Cout
Output load (only capacitive load)
10
pF
tr
Rise time (10% to 90% of input signal)
2.5
4.5
6.5
ns
tf
Fall time (10% to 90% of input signal)
2
3.5
5
ns
Electrical Interface − P1 − SN/SE/FN LVDS
fin
Input clock rate when PLL used
72
MHz
fin
Input clock when LVDS input used
360
MHz
tidc
Input clock duty cycle when PLL used
45
50
55
%
tj
Input clock jitter
20
ps
ratspi
(= fin/fspi)
10−bit (4 LVDS channels), PLL used (fin = 72 MHz)
6
10−bit (2 LVDS channels), PLL used (fin = 72 MHz)
12
10−bit (1 LVDS channel), PLL used (fin = 72 MHz)
24
10−bit (4 LVDS channels), LVDS input used (fin = 360 MHz)
30
10−bit (2 LVDS channels), LVDS input used (fin = 360 MHz)
60
10−bit (1 LVDS channel), LVDS input used (fin = 360 MHz)
120
8−bit (4 LVDS channels), PLL used (fin = 72 MHz)
6
8−bit (2 LVDS channels), PLL used (fin = 72 MHz)
12
8−bit (1 LVDS channel), PLL used (fin = 72 MHz)
24
8−bit (4 LVDS channels), LVDS input used (fin = 288 MHz)
24
8−bit (2 LVDS channels), LVDS input used (fin = 288 MHz)
48
8−bit (1 LVDS channel), LVDS input used (fin = 288 MHz)
96
Electrical Interface − P2−SN/SE CMOS
fin
Input clock rate
72
MHz
tidc
Input clock duty cycle
45
50
55
%
tj
Input clock jitter
20
ps
ratspi
(= fin/fspi)
10−bit, PLL bypassed (fin = 72 MHz)
24
Electrical Interface − P3 − SN/SE/FN LVDS
fin
Input clock rate when PLL used
72
MHz
fin
Input clock when LVDS input used
360
MHz
tidc
Input clock duty cycle when PLL used
45
50
55
%
tj
Input clock jitter
20
ps
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
5. All parameters are characterized for DC conditions after thermal equilibrium is established.
6. This device contains circuitry to protect the inputs against damage due to high static voltages or electric fields. However, it is
recommended that normal precautions be taken to avoid application of any voltages higher than the maximum rated voltages to this high
impedance circuit.
7. Minimum and maximum limits are guaranteed through test and design.
8. Refer to ACSPYTHON1300 available at the Image Sensor Portal for detailed acceptance criteria specifications.
9. For power supply management recommendations, please refer to Application Note AND9158.


Similar Part No. - NOIP1SN1300A-QDI

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NOIP1SN1300A-QDI ONSEMI-NOIP1SN1300A-QDI Datasheet
781Kb / 84P
   MegaPixels Global Shutter CMOS Image Sensors
November, 2017 ??Rev. 4
More results

Similar Description - NOIP1SN1300A-QDI

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NOIP1SN1300A ONSEMI-NOIP1SN1300A Datasheet
101Kb / 2P
   PYTHON 0.3/0.5/1.3 Megapixel Global Shutter CMOS Image Sensors
October, 2014 ??Rev. P2
NOIP1SN5000A ONSEMI-NOIP1SN5000A_16 Datasheet
943Kb / 75P
   PYTHON 5.0/2.0 MegaPixels Global Shutter CMOS Image Sensors
August, 2016 ??Rev. 2
NOIP1SN1300A ONSEMI-NOIP1SN1300A_17 Datasheet
781Kb / 84P
   MegaPixels Global Shutter CMOS Image Sensors
November, 2017 ??Rev. 4
NOIP1SN5000A ONSEMI-NOIP1SN5000A Datasheet
810Kb / 80P
   MegaPixels Global Shutter CMOS Image Sensors
April, 2015 ??Rev. 0
NOIP1SN025KA ONSEMI-NOIP1SN025KA_V01 Datasheet
969Kb / 85P
   PYTHON 25K/16K Global Shutter CMOS Image Sensors
January, 2022 ??Rev. 5
PYTHON25K ONSEMI-PYTHON25K Datasheet
682Kb / 87P
   PYTHON 25K/16K/12K/10K Global Shutter CMOS Image Sensors
September, 2015 ??Rev. 0
NOIP1SN025KA ONSEMI-NOIP1SN025KA Datasheet
682Kb / 87P
   Global Shutter CMOS Image Sensors
September, 2015 ??Rev. 0
PYTHON300 ONSEMI-PYTHON300 Datasheet
50Kb / 2P
   CMOS Image Sensor, Global Shutter, 0.3 MP (VGA)
8/5/2016
logo
ams AG
MIRA130 AMSCO-MIRA130 Datasheet
1Mb / 53P
   1.3 MP NIR Enhanced Global Shutter CMOS Image Sensor
v5-00 2022-Apr-05
logo
ON Semiconductor
NOIV1SN1300A ONSEMI-NOIV1SN1300A_16 Datasheet
768Kb / 76P
   VITA 1300 1.3 Megapixel 150 FPS Global Shutter CMOS Image Sensor
December, 2016 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com