Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8481D Datasheet(PDF) 7 Page - Keysight Technologies

Part # 8481D
Description  EPM Series Power Meters E-Series and 8480 Series Power Sensors
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

8481D Datasheet(HTML) 7 Page - Keysight Technologies

Back Button 8481D Datasheet HTML 3Page - Keysight Technologies 8481D Datasheet HTML 4Page - Keysight Technologies 8481D Datasheet HTML 5Page - Keysight Technologies 8481D Datasheet HTML 6Page - Keysight Technologies 8481D Datasheet HTML 7Page - Keysight Technologies 8481D Datasheet HTML 8Page - Keysight Technologies 8481D Datasheet HTML 9Page - Keysight Technologies 8481D Datasheet HTML 10Page - Keysight Technologies 8481D Datasheet HTML 11Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
07 | Keysight | N1913A and N1914A EPM Series Power Meters / E-Series and 8480 Series Power Sensors - Data Sheet
N1913A/14A EPM Series Power Meters Performance Characteristics (continued)
Table 3. Settling time
Number of averages
1
2
4
8
16
32
64
128
256
512
1024
Settling time with E-Series sensors (s)
Normal mode
x2 mode
0.08
0.07
0.13
0.09
0.24
0.15
0.45
0.24
1.1
0.45
1.9
1.1
3.5
1.9
6.7
3.6
14
6.7
27
14
57
27
Settling time with N8480 Series sensors (s)
Normal mode
x2 mode
0.15
0.15
0.2
0.18
0.3
0.22
0.5
0.35
1.1
0.55
1.9
1.1
3.4
1.9
6.6
3.5
13
6.9
27
14.5
57
33
Settling time with 8480 Series sensors (s)
Normal mode
x2 mode
0.15
0.15
0.2
0.18
0.3
0.22
0.5
0.35
1.1
0.55
1.9
1.1
3.4
1.9
6.6
3.5
13
6.9
27
14.5
57
33
E-Series sensors In FAST mode (using free run trigger), within the range –50 dBm to +17 dBm, for a 10 dB decreasing power step, the
settling time is:
N1913A: 10 ms2
N1914A: 20 ms2
1. Settling time: 0 to 99% settled readings over the GPIB.
2. When a power step crosses through the sensor’s auto-range switch point, add 25 ms. Refer to the relevant sensor manual for switch point information.
Settling time1
Manual filter, 10-dB decreasing power step for normal and x2 modes (not across range
switch points for E-Series and N8480 Series sensors).


Similar Part No. - 8481D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
8481 ETC-8481 Datasheet
151Kb / 1P
   Input/Output Modules
logo
Filtran LTD
8481 FILTRAN-8481 Datasheet
154Kb / 1P
   ISDN S-Bus Input/Output Modules
logo
List of Unclassifed Man...
8481 ETC2-8481 Datasheet
320Kb / 1P
   HOLE PLUGS and BUSHINGS
logo
Heyco.
8481 HEYCO-8481 Datasheet
154Kb / 1P
   Heyco-Flex™ III Nylon 94V-0 Corrugated Liquid Tight Tubing
More results

Similar Description - 8481D

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
W8486A KEYSIGHT-W8486A Datasheet
2Mb / 28P
   EPM Series Power Meters E-Series and 8480 Series Power Sensors
8487D KEYSIGHT-8487D Datasheet
2Mb / 28P
   EPM Series Power Meters E-Series and 8480 Series Power Sensors
N1913A KEYSIGHT-N1913A Datasheet
2Mb / 28P
   EPM Series Power Meters E-Series and 8480 Series Power Sensors
N1914A KEYSIGHT-N1914A Datasheet
2Mb / 28P
   EPM Series Power Meters E-Series and 8480 Series Power Sensors
V8486A KEYSIGHT-V8486A Datasheet
2Mb / 28P
   EPM Series Power Meters E-Series and 8480 Series Power Sensors
8483A KEYSIGHT-8483A Datasheet
2Mb / 28P
   EPM Series Power Meters E-Series and 8480 Series Power Sensors
8485D KEYSIGHT-8485D Datasheet
2Mb / 28P
   EPM Series Power Meters E-Series and 8480 Series Power Sensors
E4412A KEYSIGHT-E4412A Datasheet
2Mb / 28P
   EPM Series Power Meters E-Series and 8480 Series Power Sensors
E9326A KEYSIGHT-E9326A Datasheet
996Kb / 19P
   Power Meters and E-Series E9320 Peak and Average Power Sensors
E4417A KEYSIGHT-E4417A Datasheet
996Kb / 19P
   Power Meters and E-Series E9320 Peak and Average Power Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com