Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NOIL2SM1300A Datasheet(PDF) 2 Page - ON Semiconductor

Part # NOIL2SM1300A
Description  High Speed CMOS Image Sensor
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NOIL2SM1300A Datasheet(HTML) 2 Page - ON Semiconductor

  NOIL2SM1300A_15 Datasheet HTML 1Page - ON Semiconductor NOIL2SM1300A_15 Datasheet HTML 2Page - ON Semiconductor NOIL2SM1300A_15 Datasheet HTML 3Page - ON Semiconductor NOIL2SM1300A_15 Datasheet HTML 4Page - ON Semiconductor NOIL2SM1300A_15 Datasheet HTML 5Page - ON Semiconductor NOIL2SM1300A_15 Datasheet HTML 6Page - ON Semiconductor NOIL2SM1300A_15 Datasheet HTML 7Page - ON Semiconductor NOIL2SM1300A_15 Datasheet HTML 8Page - ON Semiconductor NOIL2SM1300A_15 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 44 page
background image
NOIL2SM1300A
www.onsemi.com
2
ORDERING INFORMATION
Marketing Part Number
Description
Package
NOIL2SM1300A-GDC
Mono with Glass
168 pin mPGA
NOIL2SM1300A-GWC
Mono without Glass
NOIL2SC1300A-GDC
Color with Glass
ORDERING CODE DEFINITION
Opto
L2: LUPA Family
M = Mono
C = Color
Temperature Range
N O
L2
A
1300
M
SD
G
C
S: Standard Process
1300: 1.3 MegaPixel Resolution
Additional Functionality
D = D263 Glass, W = Windowless
I
Image Sensors
ON Semiconductor
Package G = cPGA
PRODUCT PACKAGE MARK
Figure 2. Marking Diagram
XXXXX = Specific Device Code
A
= Assembly Location
WL
= Wafer Lot
YY
= Year
WW
= Work Week
NNNN = Serial Number
Line 1: NOIL2Sx1300A−GyC where x denotes M = mono and C = color; y denotes D = D263 glass and W = windowless.
Line 2: AWLYYWW where AWL is PRODUCTION lot traceability, YYWW is the 4−digit date code


Similar Part No. - NOIL2SM1300A_15

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NOIL2SM1300A-GDC ONSEMI-NOIL2SM1300A-GDC Datasheet
765Kb / 44P
   LUPA1300-2: High Speed CMOS Image Sensor
June, 2014 ??Rev. 10
NOIL2SM1300A-GWC ONSEMI-NOIL2SM1300A-GWC Datasheet
765Kb / 44P
   LUPA1300-2: High Speed CMOS Image Sensor
June, 2014 ??Rev. 10
More results

Similar Description - NOIL2SM1300A_15

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYIL2SM1300AA CYPRESS-CYIL2SM1300AA_09 Datasheet
2Mb / 41P
   High Speed CMOS Image Sensor
LUPA-1300 CYPRESS-LUPA-1300_09 Datasheet
948Kb / 32P
   1.3MPxl High Speed CMOS Image Sensor
CYIL1SM1300AA-GDC CYPRESS-CYIL1SM1300AA-GDC Datasheet
952Kb / 32P
   1.3MPxl High Speed CMOS Image Sensor
logo
ON Semiconductor
NOIL2SM1300A ONSEMI-NOIL2SM1300A Datasheet
765Kb / 44P
   LUPA1300-2: High Speed CMOS Image Sensor
June, 2014 ??Rev. 10
logo
Cypress Semiconductor
LUPA-1300 CYPRESS-LUPA-1300 Datasheet
631Kb / 48P
   1.3 M Pixel High Speed CMOS Image Sensor
logo
ams AG
CSG14K_CSG8K AMSCO-CSG14K_CSG8K Datasheet
2Mb / 113P
   13.8Mp_8.3Mp High Speed Global Shutter CMOS Image Sensor
v1-00 2020-Dec-15
logo
Hamamatsu Corporation
S9227 HAMAMATSU-S9227 Datasheet
104Kb / 4P
   CMOS linear image sensor High-speed readout, simultaneous integration
logo
Cypress Semiconductor
CYIL1SM1300AA CYPRESS-CYIL1SM1300AA_09 Datasheet
1Mb / 29P
   LUPA-1300 1.3 MPxl High Speed CMOS Image Sensor
logo
List of Unclassifed Man...
PS50276 ETC2-PS50276 Datasheet
65Kb / 1P
   CMOS Image Sensor
logo
ON Semiconductor
KAC-12040 ONSEMI-KAC-12040_16 Datasheet
820Kb / 41P
   CMOS Image Sensor
March, 2016 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com