Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NOIL2SM1300A Datasheet(PDF) 6 Page - ON Semiconductor

Part # NOIL2SM1300A
Description  High Speed CMOS Image Sensor
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NOIL2SM1300A Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NOIL2SM1300A_15 Datasheet HTML 2Page - ON Semiconductor NOIL2SM1300A_15 Datasheet HTML 3Page - ON Semiconductor NOIL2SM1300A_15 Datasheet HTML 4Page - ON Semiconductor NOIL2SM1300A_15 Datasheet HTML 5Page - ON Semiconductor NOIL2SM1300A_15 Datasheet HTML 6Page - ON Semiconductor NOIL2SM1300A_15 Datasheet HTML 7Page - ON Semiconductor NOIL2SM1300A_15 Datasheet HTML 8Page - ON Semiconductor NOIL2SM1300A_15 Datasheet HTML 9Page - ON Semiconductor NOIL2SM1300A_15 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
NOIL2SM1300A
www.onsemi.com
6
Table 6. AC ELECTRICAL CHARACTERISTICS (Note 1)
The following specifications apply for VDD = 2.5 V, Clock = 315 MHz, 500 fps.
Symbol
Parameter
Condition
Typ
Max
Units
FCLK
Input Clock Frequency
fps = 500
315
MHz
DCCLK
Clock Duty Cycle
At maximum clock
50
%
DCD
Duty Cycle Distortion
At maximum clock
250
ps
Jitter
peak-to-peak
50
ps
fps
Frame Rate
Maximum clock speed
500
fps
NOTE: Duty Cycle Distortion and Jitter is passed directly from input to output. Therefore, DCD and Jitter tolerance depends on the
customer’s system clock generation circuitry.
OVERVIEW
This data sheet describes the interface of the LUPA1300-2
image sensor. The SXGA resolution CMOS active pixel
sensor features synchronous shutter and a maximal frame
rate of 500 fps in full resolution. The readout speed is
boosted by sub sampling and the windowed region of
interest (ROI) readout. FPN correction cannot be used in
conjunction with sub-sampling and windowed region of
interest readout for windows starting with non zero kernel
address. High dynamic range scenes can be captured using
the double and multiple slope functionality. User
programmable row and column start and stop positions
enables windowing. Sub sampling reduces resolution while
maintaining the constant field of view and an increased
frame rate.
The LUPA1300-2 sensor has 12 LVDS high speed outputs
that transfer image data over longer distances. This
simplifies the surrounding system. The LVDS interface can
receive high speed and wide bandwidth data signals and
maintain low noise and distortion. A special training mode
enables the receiving system to synchronize the incoming
data stream when switching to master, slave, or triggered
mode. The image sensor also integrates a programmable
offset and gain amplifier for each channel.
A 10-bit ADC converts the analog signal to a 10-bit digital
word stream. The sensor uses a 3-wire Serial Peripheral
Interface (SPI). It requires only one master clock for
operation up to 500 fps.
The sensor is available in a monochrome version or Bayer
(RGB) patterned color filter array. It is placed in a 168-pin
ceramic
mPGA package.
Figure 2 depicts the photovoltaic response of the
LUPA1300−2. Figure 3 shows the spectral response for the
mono and color versions of LUPA1300-2.
Photovoltaic Response Curve
Figure 3. Photovoltaic Response of LUPA1300−2


Similar Part No. - NOIL2SM1300A_15

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NOIL2SM1300A-GDC ONSEMI-NOIL2SM1300A-GDC Datasheet
765Kb / 44P
   LUPA1300-2: High Speed CMOS Image Sensor
June, 2014 ??Rev. 10
NOIL2SM1300A-GWC ONSEMI-NOIL2SM1300A-GWC Datasheet
765Kb / 44P
   LUPA1300-2: High Speed CMOS Image Sensor
June, 2014 ??Rev. 10
More results

Similar Description - NOIL2SM1300A_15

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYIL2SM1300AA CYPRESS-CYIL2SM1300AA_09 Datasheet
2Mb / 41P
   High Speed CMOS Image Sensor
LUPA-1300 CYPRESS-LUPA-1300_09 Datasheet
948Kb / 32P
   1.3MPxl High Speed CMOS Image Sensor
CYIL1SM1300AA-GDC CYPRESS-CYIL1SM1300AA-GDC Datasheet
952Kb / 32P
   1.3MPxl High Speed CMOS Image Sensor
logo
ON Semiconductor
NOIL2SM1300A ONSEMI-NOIL2SM1300A Datasheet
765Kb / 44P
   LUPA1300-2: High Speed CMOS Image Sensor
June, 2014 ??Rev. 10
logo
Cypress Semiconductor
LUPA-1300 CYPRESS-LUPA-1300 Datasheet
631Kb / 48P
   1.3 M Pixel High Speed CMOS Image Sensor
logo
ams AG
CSG14K_CSG8K AMSCO-CSG14K_CSG8K Datasheet
2Mb / 113P
   13.8Mp_8.3Mp High Speed Global Shutter CMOS Image Sensor
v1-00 2020-Dec-15
logo
Hamamatsu Corporation
S9227 HAMAMATSU-S9227 Datasheet
104Kb / 4P
   CMOS linear image sensor High-speed readout, simultaneous integration
logo
Cypress Semiconductor
CYIL1SM1300AA CYPRESS-CYIL1SM1300AA_09 Datasheet
1Mb / 29P
   LUPA-1300 1.3 MPxl High Speed CMOS Image Sensor
logo
List of Unclassifed Man...
PS50276 ETC2-PS50276 Datasheet
65Kb / 1P
   CMOS Image Sensor
logo
ON Semiconductor
KAC-12040 ONSEMI-KAC-12040_16 Datasheet
820Kb / 41P
   CMOS Image Sensor
March, 2016 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com