Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV20092DMR2G Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCV20092DMR2G
Description  Operational Amplifier, Rail-to-Rail Input
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV20092DMR2G Datasheet(HTML) 4 Page - ON Semiconductor

  NCV20092DMR2G Datasheet HTML 1Page - ON Semiconductor NCV20092DMR2G Datasheet HTML 2Page - ON Semiconductor NCV20092DMR2G Datasheet HTML 3Page - ON Semiconductor NCV20092DMR2G Datasheet HTML 4Page - ON Semiconductor NCV20092DMR2G Datasheet HTML 5Page - ON Semiconductor NCV20092DMR2G Datasheet HTML 6Page - ON Semiconductor NCV20092DMR2G Datasheet HTML 7Page - ON Semiconductor NCV20092DMR2G Datasheet HTML 8Page - ON Semiconductor NCV20092DMR2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
NCS20091, NCV20091, NCS20092, NCV20092, NCS20094, NCV20094
www.onsemi.com
4
ABSOLUTE MAXIMUM RATINGS (Note 1)
Rating
Symbol
Limit
Unit
Supply Voltage (VDD – VSS) (Note 2)
VS
7
V
Input Voltage
VI
VSS − 0.5 to VDD + 0.5
V
Differential Input Voltage
VID
±Vs
V
Maximum Input Current
II
±10
mA
Maximum Output Current
IO
±100
mA
Continuous Total Power Dissipation (Note 2)
PD
200
mW
Maximum Junction Temperature
TJ
150
°C
Storage Temperature Range
TSTG
−65 to 150
°C
Mounting Temperature (Infrared or Convection – 20 sec)
Tmount
260
°C
ESD Capability (Note 3)
Human Body Model
Machine Model
Charge Device Model
ESDHBM
ESDMM
ESDCDM
2000
100
2000
V
Latch−Up Current (Note 4)
ILU
100
mA
Moisture Sensitivity Level (Note 5)
MSL
Level 1
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
1. Refer to ELECTRICAL CHARACTERISTICS for Safe Operating Area.
2. Continuous short circuit operation to ground at elevated ambient temperature can result in exceeding the maximum allowed junction
temperature of 150
°C. Output currents in excess of the maximum output current rating over the long term may adversely affect reliability.
Shorting output to either VDD or VSS will adversely affect reliability.
3. This device series incorporates ESD protection and is tested by the following methods:
ESD Human Body Model tested per AEC−Q100−002 (JEDEC standard: JESD22−A114)
ESD Machine Model tested per AEC−Q100−003 (JEDEC standard: JESD22−A115)
4. Latch−up Current tested per JEDEC standard: JESD78
5. Moisture Sensitivity Level tested per IPC/JEDEC standard: J
-STD-020A
THERMAL INFORMATION
Parameter
Symbol
Channels
Package
Single Layer
Board (Note 6)
Multi−Layer
Board (Note 7)
Unit
Junction to Ambient
Thermal Resistance
qJA
Single
SC−70
°C/W
SOT23−5/TSOP−5
UDFN6
Dual
Micro8/MSOP8
236
167
SOIC−8
190
131
TSSOP−8
253
194
Quad
SOIC−14
SOP−14
TSSOP−14
6. Value based on 1S standard PCB according to JEDEC51−3 with 1.0 oz copper and a 300 mm2 copper area
7. Value based on 1S2P standard PCB according to JEDEC51−7 with 1.0 oz copper and a 100 mm2 copper area
OPERATING RANGES
Parameter
Symbol
Min
Max
Unit
Operating Supply Voltage
VS
1.8
5.5
V
Differential Input Voltage
VID
VS
V
Input Common Mode Range
VICM
VSS – 0.2
VDD + 0.2
V
Ambient Temperature
TA
−40
125
°C
Functional operation above the stresses listed in the Recommended Operating Ranges is not implied. Extended exposure to stresses beyond
the Recommended Operating Ranges limits may affect device reliability.


Similar Part No. - NCV20092DMR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV20092 ONSEMI-NCV20092 Datasheet
686Kb / 20P
   Operational Amplifier Low Power, Rail-to-Rail
October, 2015 ??Rev. 1
More results

Similar Description - NCV20092DMR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS20061 ONSEMI-NCS20061_16 Datasheet
774Kb / 20P
   Operational Amplifier Rail-to-Rail Input
August, 2016 ??Rev. 4
NCS20081 ONSEMI-NCS20081_16 Datasheet
754Kb / 20P
   Operational Amplifier, Rail-to-Rail Input
August, 2016 ??Rev. 4
logo
Intersil Corporation
EL5411T INTERSIL-EL5411T_10 Datasheet
815Kb / 16P
   60MHz Rail-to-Rail Input-Output Operational Amplifier
logo
Renesas Technology Corp
EL5211T RENESAS-EL5211T Datasheet
850Kb / 15P
   60MHz Rail-to-Rail Input-Output Operational Amplifier
May 12, 2010
EL5411T RENESAS-EL5411T Datasheet
1,002Kb / 16P
   60MHz Rail-to-Rail Input-Output Operational Amplifier
August 3, 2010
logo
Intersil Corporation
EL5420T INTERSIL-EL5420T Datasheet
470Kb / 17P
   12MHz Rail-to-Rail Input-Output Operational Amplifier
ISL24021 INTERSIL-ISL24021 Datasheet
333Kb / 12P
   1A Rail-to-Rail Input-Output Operational Amplifier
logo
Renesas Technology Corp
ISL24021 RENESAS-ISL24021 Datasheet
704Kb / 13P
   1A Rail-to-Rail Input-Output Operational Amplifier
EL5220T RENESAS-EL5220T Datasheet
813Kb / 15P
   12MHz Rail-to-Rail Input-Output Operational Amplifier
logo
Intersil Corporation
EL5120T INTERSIL-EL5120T Datasheet
511Kb / 14P
   12MHz Rail-to-Rail Input-Output Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com