Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV8184 Datasheet(PDF) 10 Page - ON Semiconductor

Part # NCV8184
Description  Micropower 70 mA Low Dropout Tracking Regulator/Line Driver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8184 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button NCV8184_12 Datasheet HTML 6Page - ON Semiconductor NCV8184_12 Datasheet HTML 7Page - ON Semiconductor NCV8184_12 Datasheet HTML 8Page - ON Semiconductor NCV8184_12 Datasheet HTML 9Page - ON Semiconductor NCV8184_12 Datasheet HTML 10Page - ON Semiconductor NCV8184_12 Datasheet HTML 11Page - ON Semiconductor NCV8184_12 Datasheet HTML 12Page - ON Semiconductor NCV8184_12 Datasheet HTML 13Page - ON Semiconductor NCV8184_12 Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
NCV8184
http://onsemi.com
10
80
90
100
110
120
130
140
150
160
0
100
200
300
400
500
600
700
1.0 oz Cu
2.0 oz Cu
Figure 25. SOIC−8, qJA as a Function of the Pad Copper Area, Board Material FR4
COPPER HEAT SPREADER AREA (mm2)
0.1
1
10
100
1000
0.000001
0.00001
0.0001
0.001
0.01
0.1
1
10
100
1000
PULSE TIME (sec)
Figure 26. SOIC−8 Thermal Duty Cycle Curves on 1.0 in Spreader Test Board, 1.0 oz Cu
(1.0 in pad PCB) Die Size = 2.08 x 1.55 x 0.40 5.0% Active Area
Duty Cycle, D =
t 1
t 2
PDM
Notes:
t 1
t 2
50% Duty Cycle
20%
Single Pulse
10%
5%
2%
1%
0.1
1
10
100
1000
0.000001 0.00001
0.0001
0.001
0.01
0.1
1
10
100
1000
PULSE TIME (sec)
Figure 27. SOIC−8 Single Pulse Heating Curve
Cu Area 645 mm2
Cu Area 100 mm2


Similar Part No. - NCV8184_12

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8184D ONSEMI-NCV8184D Datasheet
143Kb / 14P
   Micropower 70 mA Low Dropout Tracking Regulator/Line Driver
August, 2004 ??Rev. 15
NCV8184D ONSEMI-NCV8184D Datasheet
185Kb / 13P
   Micropower 70 mA Low Dropout Tracking Regulator/Line Driver
May, 2006 ??Rev. 18
NCV8184DG ONSEMI-NCV8184DG Datasheet
185Kb / 13P
   Micropower 70 mA Low Dropout Tracking Regulator/Line Driver
May, 2006 ??Rev. 18
NCV8184DR2 ONSEMI-NCV8184DR2 Datasheet
143Kb / 14P
   Micropower 70 mA Low Dropout Tracking Regulator/Line Driver
August, 2004 ??Rev. 15
NCV8184DR2 ONSEMI-NCV8184DR2 Datasheet
185Kb / 13P
   Micropower 70 mA Low Dropout Tracking Regulator/Line Driver
May, 2006 ??Rev. 18
More results

Similar Description - NCV8184_12

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8184 ONSEMI-NCV8184_06 Datasheet
185Kb / 13P
   Micropower 70 mA Low Dropout Tracking Regulator/Line Driver
May, 2006 ??Rev. 18
NCV8184 ONSEMI-NCV8184 Datasheet
143Kb / 14P
   Micropower 70 mA Low Dropout Tracking Regulator/Line Driver
August, 2004 ??Rev. 15
CS8182 ONSEMI-CS8182_09 Datasheet
154Kb / 12P
   Micropower 200 mA Low Dropout Tracking Regulator/Line Driver
September, 2012 ??Rev. 27
CS8182 ONSEMI-CS8182 Datasheet
109Kb / 12P
   Micropower 200 mA Low Dropout Tracking Regulator/Line Driver
February, 2006 ??Rev. 23
NCV8182C ONSEMI-NCV8182C Datasheet
244Kb / 12P
   Tracking Regulator/Line Driver - Micropower, Low Dropout 200 mA
August, 2020 ??Rev. 1
CS8182 ONSEMI-CS8182_16 Datasheet
115Kb / 12P
   Micropower 200 mA Low Dropout Tracking Regulator/Line Driver
June, 2016 ??Rev. 28
CS8183 ONSEMI-CS8183 Datasheet
88Kb / 8P
   Dual Micropower 200 mA Low Dropout Tracking Regulator/Line Driver
March, 2004 ??Rev. 15
CS8183 ONSEMI-CS8183_09 Datasheet
140Kb / 8P
   Dual Micropower 200 mA Low Dropout Tracking Regulator/Line Driver
October, 2008 ??Rev. 18
logo
National Semiconductor ...
LP2981 NSC-LP2981 Datasheet
406Kb / 16P
   Micropower 100 mA Ultra Low-Dropout Regulator
LP2980 NSC-LP2980 Datasheet
423Kb / 18P
   Micropower 50 mA Ultra Low-Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com